Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

1N4454 Fiches technique(PDF) 1 Page - SEMTECH ELECTRONICS LTD.

No de pièce 1N4454
Description  SILICON EPITAXIAL PLANAR DIODES
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SEMTECH_ELEC [SEMTECH ELECTRONICS LTD.]
Site Internet  http://www.semtech.net.cn
Logo SEMTECH_ELEC - SEMTECH ELECTRONICS LTD.

1N4454 Fiches technique(HTML) 1 Page - SEMTECH ELECTRONICS LTD.

  1N4454 Datasheet HTML 1Page - SEMTECH ELECTRONICS LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Dated : 20/06/2007
®
SEMTECH ELECTRONICS LTD.
(Subsidiary of Sino-Tech International Holdings Limited, a company
listed on the Hong Kong Stock Exchange, Stock Code: 724)
1N4149...1N4454
SILICON EPITAXIAL PLANAR DIODES
for general purpose and switching
Absolute Maximum Ratings and Characteristics
(Ta = 25 OC unless otherwise specified.)
Peak
Reverse
Voltage
Max.
Average
Rectified
Current
Max. Power
Dissipation
at 25 OC
Max.
Junction
Temp.
Max. Forward
Voltage
Max. Reverse
Current
Max. Reverse Recovery Time
Type
VRM (V)
IO (mA)
2)
Ptot (mW)
2)
Tj (OC)
VF (V)
at IF (mA) IR (nA)
at VR (V)
trr (ns)
Conditions
1N4149
1)
100
150
500
200
1
10
25
20
4
IF = 10 mA, VR = 6 V,
RL = 100 Ω, to IR = 1 mA
1N4151
75
150
500
200
1
50
50
50
2
IF = 10 mA, VR = 6 V,
RL = 100 Ω, to IR = 1 mA
1N4152
40
150
400
175
0.55
0.1
50
30
2
IF = 10 mA, VR = 6 V,
RL = 100 Ω, to IR = 1 mA
1N4154
35
150
500
200
1
30
100
25
2
IF = 10 mA, VR = 6V,
RL = 100 Ω, to IR = 1 mA
1N4447
1)
100
150
500
200
1
20
25
20
4
IF = 10 mA, VR = 6 V,
RL = 100 Ω, to IR = 1 mA
1N4449
1)
100
150
500
200
1
30
25
20
4
IF = 10 mA, VR = 6 V,
RL = 100 Ω, to IR = 1 mA
1N4450
40
150
400
175
0.54
0.5
50
30
4
IF = IR = 10 mA , to IR = 1 mA
1N4451
40
150
400
175
0.5
0.1
50
30
10
IF = IR = 10 mA , to IR = 1 mA
1N4453
30
150
400
175
0.55
0.01
50
20
-
-
1N4454
75
150
400
175
1
10
100
50
4
IF = IR = 10 mA , to IR = 1 mA
1) These diodes are also available in glass case DO-34. Parameter for diodes in case DO-34: Ptot = 300 mW, Tj = 175 OC
2) Valid provided that leads at a distance of 8 mm from case are kept at ambient temperature.
Max. 2.9
Max. 1.9
Glass Case DO-34
Max. 0.45
Min. 27.5
Min. 27.5
XXX
Cathode Band
Part No.
Dimensions in mm
Black
Black
Max. 3.9
Max. 1.9
Glass Case DO-35
Max. 0.5
Min. 27.5
Min. 27.5
XXX
Cathode Band
Part No.
ST
"ST" Brand
Dimensions in mm
Black
Black
Black


Numéro de pièce similaire - 1N4454

FabricantNo de pièceFiches techniqueDescription
logo
Rectron Semiconductor
1N4454 RECTRON-1N4454 Datasheet
11Kb / 1P
   SIGNAL DIODE
logo
List of Unclassifed Man...
1N4454 ETC1-1N4454 Datasheet
266Kb / 6P
   silicon diode
1N4454 ETC2-1N4454 Datasheet
38Kb / 2P
   1N4454 and IN4454-1 AVAILABLE IN JAN, JANTX, AND JANTXV
logo
Semtech Corporation
1N4454 SEMTECH-1N4454 Datasheet
88Kb / 1P
   SILICON EPITAXIAL PLANAR DIODE
logo
Fairchild Semiconductor
1N4454 FAIRCHILD-1N4454 Datasheet
336Kb / 10P
   General Purpose Diodes
More results

Description similaire - 1N4454

FabricantNo de pièceFiches techniqueDescription
logo
Vishay Siliconix
BAV100 VISHAY-BAV100 Datasheet
54Kb / 4P
   Silicon Epitaxial Planar Diodes
Rev. 2, 01-Apr-99
1N4148 VISHAY-1N4148 Datasheet
44Kb / 4P
   Silicon Epitaxial Planar Diodes
Rev. 2, 01-Apr-99
logo
Zowie Technology Corpor...
LL4148 ZOWIE-LL4148 Datasheet
43Kb / 2P
   SILICON EPITAXIAL PLANAR DIODES
logo
Zibo Seno Electronic En...
BAV19W ZSELEC-BAV19W Datasheet
91Kb / 3P
   Silicon Epitaxial Planar Diodes
logo
SUNMATE electronic Co.,...
LL914 SUNMATE-LL914 Datasheet
290Kb / 1P
   SILICON EPITAXIAL PLANAR DIODES
1SS110 SUNMATE-1SS110 Datasheet
244Kb / 1P
   SILICON EPITAXIAL PLANAR DIODES
logo
Vishay Siliconix
LL4154 VISHAY-LL4154 Datasheet
51Kb / 4P
   Silicon Epitaxial Planar Diodes
Rev. 3, 01-Apr-99
logo
SEMTECH ELECTRONICS LTD...
MCL914 SEMTECH_ELEC-MCL914 Datasheet
286Kb / 4P
   SILICON EPITAXIAL PLANAR DIODES
BAV200 SEMTECH_ELEC-BAV200 Datasheet
166Kb / 2P
   SILICON EPITAXIAL PLANAR DIODES
BAS19 SEMTECH_ELEC-BAS19_15 Datasheet
160Kb / 2P
   Silicon Epitaxial Planar Diodes
logo
Shenzhen Luguang Electr...
BAS316 LUGUANG-BAS316 Datasheet
401Kb / 3P
   Silicon Epitaxial Planar Diodes
More results


Html Pages

1


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com