Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LB26WGG01-BJ Fiches technique(PDF) 3 Page - Nihon Kaiheiki Industry Co. Ltd.

No de pièce LB26WGG01-BJ
Description  Standard Size Panel Seal Pushbuttons
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  NKK [Nihon Kaiheiki Industry Co. Ltd.]
Site Internet  http://www.nkkswitches.com
Logo NKK - Nihon Kaiheiki Industry Co. Ltd.

LB26WGG01-BJ Fiches technique(HTML) 3 Page - Nihon Kaiheiki Industry Co. Ltd.

  LB26WGG01-BJ Datasheet HTML 1Page - Nihon Kaiheiki Industry Co. Ltd. LB26WGG01-BJ Datasheet HTML 2Page - Nihon Kaiheiki Industry Co. Ltd. LB26WGG01-BJ Datasheet HTML 3Page - Nihon Kaiheiki Industry Co. Ltd. LB26WGG01-BJ Datasheet HTML 4Page - Nihon Kaiheiki Industry Co. Ltd. LB26WGG01-BJ Datasheet HTML 5Page - Nihon Kaiheiki Industry Co. Ltd. LB26WGG01-BJ Datasheet HTML 6Page - Nihon Kaiheiki Industry Co. Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
NKK Switches • email: sales@nkkswitches.com • Phone (480) 991-0942 • Fax (480) 998-1435 • www.nkkswitches.com
03-07
Standard Size Panel Seal Pushbuttons
Series LB
HOUSING
K
Black
G
Gray
SHAPE
W
Round
POLES
1
SPDT
2
DPDT
1
W
K
W01
LB
Red Cap
SPDT
ON-ON Circuit
Silver Contacts
Rated 3A @ 125/250V AC;
Solder Lug/Quick Connect Terminals
Round Shape
Black Housing
CIRCUITS
5
ON
(ON)
( ) = Momentary
6
ON
ON
Alternate Action
with Latchdown
CONTACTS & TERMINALS
W01
Silver Contacts
Rated 3A @ 125/250V AC and
Solder Lug/Quick Connect Terminals
G01
Gold Contacts
Rated 0.4VA @ 28V AC/DC and
Solder Lug/Quick Connect Terminals
6
DESCRIPTION FOR TYPICAL ORDERING EXAMPLE
LB16WKW01-CJ
TYPICAL SWITCH ORDERING EXAMPLE
CJ
IMPORTANT:
Switches are supplied without UL,
C-UL & CSA markings unless speci-
fied. Specific models & ratings noted
on General Specifications page.
CAP COLORS
BJ
White
CJ
Red
EJ
Yellow
FJ
Green
GJ
Blue
Note: Insert Cap with clear
lens and colored filter
available; see
Illuminated
Pushbuttons section


Numéro de pièce similaire - LB26WGG01-BJ

FabricantNo de pièceFiches techniqueDescription
logo
Nihon Kaiheiki Industry...
LB26 NKK-LB26 Datasheet
2Mb / 20P
   Standard Size Pushbuttons
logo
SIPAT Co,Ltd
LB260DS01 SIPAT-LB260DS01 Datasheet
152Kb / 3P
   259.86MHz SAW Filter 14MHz Bandwidth
LB260DS01 SIPAT-LB260DS01 Datasheet
158Kb / 3P
   259.86MHz SAW Filter
logo
Seoul Semiconductor
LB260Z SEOUL-LB260Z Datasheet
390Kb / 12P
   GREEN OVAL LAMP LED
LB261 SEOUL-LB261 Datasheet
392Kb / 14P
   BLUE OVAL LAMP LED
More results

Description similaire - LB26WGG01-BJ

FabricantNo de pièceFiches techniqueDescription
logo
Nihon Kaiheiki Industry...
YB215CWCKW01-6B-JB NKK-YB215CWCKW01-6B-JB Datasheet
3Mb / 11P
   Panel Seal Pushbuttons
YB215CWCKW01-5C-JB NKK-YB215CWCKW01-5C-JB Datasheet
316Kb / 8P
   22mm Panel Seal Pushbuttons
LB15SKW01-05-BJ NKK-LB15SKW01-05-BJ Datasheet
386Kb / 10P
   Standard Size Pushbuttons
logo
List of Unclassifed Man...
LB15SKW01-5C12-JC ETC2-LB15SKW01-5C12-JC Datasheet
933Kb / 12P
   Standard Size Pushbuttons
logo
Nihon Kaiheiki Industry...
LB15SKW01 NKK-LB15SKW01 Datasheet
2Mb / 20P
   Standard Size Pushbuttons
LB15SKW01-A NKK-LB15SKW01-A Datasheet
359Kb / 9P
   Standard Size Pushbuttons
logo
List of Unclassifed Man...
LB16WKW01-5C12-JC ETC2-LB16WKW01-5C12-JC Datasheet
608Kb / 9P
   Standard Size Pushbuttons
logo
GREATECS
LB15SKW01-12-CJ GREATECS-LB15SKW01-12-CJ Datasheet
460Kb / 10P
   Standard Size Snap-in Pushbuttons
logo
Bourns Electronic Solut...
H385 BOURNS-H385 Datasheet
90Kb / 1P
   Panel Seal Assembly
H-385 BOURNS-H-385 Datasheet
27Kb / 1P
   Panel Seal Assembly
More results


Html Pages

1 2 3 4 5 6


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com