Moteur de recherche de fiches techniques de composants électroniques |
|
SN74HCT245DW Fiches technique(PDF) 6 Page - Texas Instruments |
|
|
SN74HCT245DW Fiches technique(HTML) 6 Page - Texas Instruments |
6 / 16 page PACKAGING INFORMATION Orderable Device Status (1) Package Type Package Drawing Pins Package Qty Eco Plan (2) Lead/Ball Finish MSL Peak Temp (3) 5962-8550601VRA ACTIVE CDIP J 20 1 None Call TI Level-NC-NC-NC 5962-8550601VSA ACTIVE CFP W 20 1 None Call TI Level-NC-NC-NC 85506012A ACTIVE LCCC FK 20 1 None Call TI Level-NC-NC-NC 8550601RA ACTIVE CDIP J 20 1 None Call TI Level-NC-NC-NC JM38510/65553BRA ACTIVE CDIP J 20 1 None Call TI Level-NC-NC-NC JM38510/65553BSA ACTIVE CFP W 20 1 None Call TI Level-NC-NC-NC SN54HCT245J ACTIVE CDIP J 20 1 None Call TI Level-NC-NC-NC SN74HCT245DBLE OBSOLETE SSOP DB 20 None Call TI Call TI SN74HCT245DBR ACTIVE SSOP DB 20 2000 Pb-Free (RoHS) CU NIPDAU Level-2-260C-1 YEAR/ Level-1-235C-UNLIM SN74HCT245DW ACTIVE SOIC DW 20 25 Pb-Free (RoHS) CU NIPDAU Level-2-250C-1 YEAR/ Level-1-235C-UNLIM SN74HCT245DWR ACTIVE SOIC DW 20 2000 Pb-Free (RoHS) CU NIPDAU Level-2-250C-1 YEAR/ Level-1-235C-UNLIM SN74HCT245N ACTIVE PDIP N 20 20 Pb-Free (RoHS) CU NIPDAU Level-NC-NC-NC SN74HCT245N3 OBSOLETE PDIP N 20 None Call TI Call TI SN74HCT245NSR ACTIVE SO NS 20 2000 Pb-Free (RoHS) CU NIPDAU Level-2-260C-1 YEAR/ Level-1-235C-UNLIM SN74HCT245PW ACTIVE TSSOP PW 20 70 Pb-Free (RoHS) CU NIPDAU Level-1-250C-UNLIM SN74HCT245PWLE OBSOLETE TSSOP PW 20 None Call TI Call TI SN74HCT245PWR ACTIVE TSSOP PW 20 2000 Pb-Free (RoHS) CU NIPDAU Level-1-250C-UNLIM SN74HCT245PWT ACTIVE TSSOP PW 20 250 Pb-Free (RoHS) CU NIPDAU Level-1-250C-UNLIM SNJ54HCT245FK ACTIVE LCCC FK 20 1 None Call TI Level-NC-NC-NC SNJ54HCT245J ACTIVE CDIP J 20 1 None Call TI Level-NC-NC-NC SNJ54HCT245W ACTIVE CFP W 20 1 None Call TI Level-NC-NC-NC (1) The marketing status values are defined as follows: ACTIVE: Product device recommended for new designs. LIFEBUY: TI has announced that the device will be discontinued, and a lifetime-buy period is in effect. NRND: Not recommended for new designs. Device is in production to support existing customers, but TI does not recommend using this part in a new design. PREVIEW: Device has been announced but is not in production. Samples may or may not be available. OBSOLETE: TI has discontinued the production of the device. (2) Eco Plan - May not be currently available - please check http://www.ti.com/productcontent for the latest availability information and additional product content details. None: Not yet available Lead (Pb-Free). Pb-Free (RoHS): TI's terms "Lead-Free" or "Pb-Free" mean semiconductor products that are compatible with the current RoHS requirements for all 6 substances, including the requirement that lead not exceed 0.1% by weight in homogeneous materials. Where designed to be soldered at high temperatures, TI Pb-Free products are suitable for use in specified lead-free processes. Green (RoHS & no Sb/Br): TI defines "Green" to mean "Pb-Free" and in addition, uses package materials that do not contain halogens, including bromine (Br) or antimony (Sb) above 0.1% of total product weight. (3) MSL, Peak Temp. -- The Moisture Sensitivity Level rating according to the JEDECindustry standard classifications, and peak solder temperature. PACKAGE OPTION ADDENDUM www.ti.com 28-Feb-2005 Addendum-Page 1 |
Numéro de pièce similaire - SN74HCT245DW |
|
Description similaire - SN74HCT245DW |