Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SMB5932B Fiches technique(PDF) 3 Page - SeCoS Halbleitertechnologie GmbH

No de pièce SMB5932B
Description  3.0 Watts Surface Mount Zener Diode
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SECOS [SeCoS Halbleitertechnologie GmbH]
Site Internet  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

SMB5932B Fiches technique(HTML) 3 Page - SeCoS Halbleitertechnologie GmbH

  SMB5932B Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH SMB5932B Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH SMB5932B Datasheet HTML 3Page - SeCoS Halbleitertechnologie GmbH SMB5932B Datasheet HTML 4Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
http://www.SeCoSGmbH.com/
Any changing of specification will not be informed individual
01-Jun-2002 Rev. A
Page 3 of 4
FIG. 3 - TYPICAL INSTANTANEOUS
FORWARD CHARACTERISTICS
INSTANTANEOUS FORWARD VOLTAGE, (V)
10
1.0
0.1
0.01
.4
.6
.8
1.0
1.2
1.4
1.6
FIG. 1 - MAXIMUM CONTINUOUS POWER
DISSIPATION
LEAD TEMPERATURE,
oC
1.0
0.75
0.50
0.25
0
25
50
75
100
125
150
175
FIG. 2 - TYPICAL ZENER IMPEDANCE
Iz, ZENER TEST CURRENT (mA)
10000
10
50
100
200
500
1000
2000
5000
.5
1.0
5.0
10
20
50
100
200
500
FIG. 4 - TYPICAL REVERSE CHARACTERISTICS
PERCENT OF RATED PEAK REVERSE VOLTAGE, (%)
0
2 0
4 0
6 0
8 0
100
120
140
0.01
0.04
0.1
0.4
10
1.0
4
FIG. 5 - TYPICAL TEMPERATURE COEFFICIENTS
Vz, ZENER VOLTAGE (V)
80
100
120
150
180
200
220
100 110 120 130 140 150 160 170 180 190 200
Single Phase Half Wave
60Hz Inductive or
Resistive Load
0.375" (9.5mm) Lead Lengths
TJ = 25
oC
Iz = (rms) = 0.1Iz(dd)
Vz=200V
Vz=180V
Vz=160V
Vz=100V
Pulse Width = 300us
1% Duty Cycle
TJ = 25
oC
TJ = 100
oC
TJ = 225
oC
FIG. 3 - TYPICAL INSTANTANEOUS
FORWARD CHARACTERISTICS
INSTANTANEOUS FORWARD VOLTAGE, (V)
10
1.0
0.1
0.01
.4
.6
.8
1.0
1.2
1.4
1.6
FIG. 1 - MAXIMUM CONTINUOUS POWER
DISSIPATION
LEAD TEMPERATURE,
oC
1.0
0.75
0.50
0.25
0
25
50
75
100
125
150
175
FIG. 2 - TYPICAL ZENER IMPEDANCE
Iz, ZENER TEST CURRENT (mA)
10000
10
50
100
200
500
1000
2000
5000
.5
1.0
5.0
10
20
50
100
200
500
FIG. 4 - TYPICAL REVERSE CHARACTERISTICS
PERCENT OF RATED PEAK REVERSE VOLTAGE, (%)
0
2 0
4 0
6 0
8 0
100
120
140
0.01
0.04
0.1
0.4
10
1.0
4
FIG. 5 - TYPICAL TEMPERATURE COEFFICIENTS
Vz, ZENER VOLTAGE (V)
80
100
120
150
180
200
220
100 110 120 130 140 150 160 170 180 190 200
Single Phase Half Wave
60Hz Inductive or
Resistive Load
0.375" (9.5mm) Lead Lengths
TJ = 25
oC
Iz = (rms) = 0.1Iz(dd)
Vz=200V
Vz=180V
Vz=160V
Vz=100V
Pulse Width = 300us
1% Duty Cycle
TJ = 25
oC
TJ = 100
oC
TJ = 225
oC
FIG. 3 - TYPICAL INSTANTANEOUS
FORWARD CHARACTERISTICS
INSTANTANEOUS FORWARD VOLTAGE, (V)
10
1.0
0.1
0.01
.4
.6
.8
1.0
1.2
1.4
1.6
FIG. 1 - MAXIMUM CONTINUOUS POWER
DISSIPATION
LEAD TEMPERATURE,
oC
1.0
0.75
0.50
0.25
0
25
50
75
100
125
150
175
FIG. 2 - TYPICAL ZENER IMPEDANCE
Iz, ZENER TEST CURRENT (mA)
10000
10
50
100
200
500
1000
2000
5000
.5
1.0
5.0
10
20
50
100
200
500
FIG. 4 - TYPICAL REVERSE CHARACTERISTICS
PERCENT OF RATED PEAK REVERSE VOLTAGE, (%)
0
2 0
4 0
6 0
8 0
100
120
140
0.01
0.04
0.1
0.4
10
1.0
4
FIG. 5 - TYPICAL TEMPERATURE COEFFICIENTS
Vz, ZENER VOLTAGE (V)
80
100
120
150
180
200
220
100 110 120 130 140 150 160 170 180 190 200
Single Phase Half Wave
60Hz Inductive or
Resistive Load
0.375" (9.5mm) Lead Lengths
TJ = 25
oC
Iz = (rms) = 0.1Iz(dd)
Vz=200V
Vz=180V
Vz=160V
Vz=100V
Pulse Width = 300us
1% Duty Cycle
TJ = 25
oC
TJ = 100
oC
TJ = 225
oC
Elektronische Bauelemente
SMB5921 THRU SMB5956
VOLTAGE 6.8V ~ 200V
3.0 Watts Surface Mount Zener Diode
FIG 3. ZENER VOLTAGE-10 TO 12 VOLTS
0
25
75
125
50
100
150
175
4
5
3
2
1
0
0
20
60
40
80 100 120 140 160 180 200
120
100
60
80
20
40
0
TL,LEADTEMPERATURE(°C)
VZ, ZENERVOLTAGE(VOLTS)
VZ@IZT
FIG 1. STEADY STATE POWERDERATING
-4
-2
0
2
6
8
4
3
4
5
6
7
8
9
10
11
12
VZ,ZENERVOLTAGE(VOLTS)
FIG 2. ZENER VOLTAGE-TO 12 VOLTS
VZ@IZT
1
10
100
1000
0.5
1
1.0
100
100
FIG 4. EFFECT OF ZENER CURRENT
IZ , ZENER TEST CURRENT (mA)
TJ - 25°C
IZ(ms) = 0.1 IZ(dc)
VZ = 150V
91V
62V
22V
12V
6.8V


Numéro de pièce similaire - SMB5932B

FabricantNo de pièceFiches techniqueDescription
logo
PACELEADER INDUSTRIAL
SMB5932B PACELEADER-SMB5932B Datasheet
381Kb / 2P
   SURFACE MOUNT ZENER TYPE
logo
SeCoS Halbleitertechnol...
SMB5932B SECOS-SMB5932B Datasheet
238Kb / 3P
   VOLTAGE 6.2 V ~ 200 V 1.5 Watts Surface Mount Zener Diode
logo
Weitron Technology
SMB5932B WEITRON-SMB5932B Datasheet
81Kb / 2P
   Surface Mount Zener Diodes
logo
Dc Components
SMB5932B DCCOM-SMB5932B Datasheet
49Kb / 2P
   RECTIFIER SPECIALISTS
logo
SeCoS Halbleitertechnol...
SMB5932B SECOS-SMB5932B Datasheet
238Kb / 3P
   1.5 Watts Surface Mount Zener Diode
More results

Description similaire - SMB5932B

FabricantNo de pièceFiches techniqueDescription
logo
SeCoS Halbleitertechnol...
SMB3EZXXD5 SECOS-SMB3EZXXD5 Datasheet
265Kb / 4P
   3.0 Watts Surface Mount Zener Diode
logo
Taiwan Semiconductor Co...
1SMB5926 TSC-1SMB5926_10 Datasheet
654Kb / 4P
   3.0 Watts Surface Mount Silicon Zener Diode
1SMB5926 TSC-1SMB5926 Datasheet
331Kb / 4P
   3.0 Watts Surface Mount Silicon Zener Diode
logo
SeCoS Halbleitertechnol...
3EZXXXD5 SECOS-3EZXXXD5 Datasheet
738Kb / 4P
   3 Watts Surface Mount Zener Diode
SMA59XXB SECOS-SMA59XXB Datasheet
264Kb / 3P
   1.5 Watts Surface Mount Zener Diode
ZTS270X SECOS-ZTS270X Datasheet
240Kb / 2P
   1.0 Watts Surface Mount Zener Diode
logo
SEC Electronics Inc.
3EZXXXD5 SECELECTRONICS-3EZXXXD5 Datasheet
738Kb / 4P
   3 Watts Surface Mount Zener Diode
logo
SeCoS Halbleitertechnol...
SMA4735 SECOS-SMA4735 Datasheet
318Kb / 4P
   1.0 Watts Surface Mount Zener Diode
SMA47XX SECOS-SMA47XX_15 Datasheet
193Kb / 3P
   1.0 Watts Surface Mount Zener Diode
SMA59XXB SECOS-SMA59XXB_15 Datasheet
264Kb / 3P
   1.5 Watts Surface Mount Zener Diode
More results


Html Pages

1 2 3 4


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com