Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SMA4755 Fiches technique(PDF) 4 Page - SeCoS Halbleitertechnologie GmbH

No de pièce SMA4755
Description  1.0 Watts Surface Mount Zener Diode
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SECOS [SeCoS Halbleitertechnologie GmbH]
Site Internet  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

SMA4755 Fiches technique(HTML) 4 Page - SeCoS Halbleitertechnologie GmbH

  SMA4755 Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH SMA4755 Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH SMA4755 Datasheet HTML 3Page - SeCoS Halbleitertechnologie GmbH SMA4755 Datasheet HTML 4Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
Elektronische Bauelemente
SMA4735 THRU SMA4764
VOLTAGE 6.2V ~ 100V
1.0 Watts Surface Mount Zener Diode
http://www.SeCoSGmbH.com/
Any changing of specification will not be informed individual
47V
27V
0.8V
FIG 5. MAXIMUM SURGE POWER
FIG 6. EFFECT OF ZENER CURRENT ON
ZENER IMPEDANCE
FIG 7. EFFECT OF ZENER VOLTAGE ON
ZENER IMPEDANCE
1000
500
200
100
50
20
10
5.0
2.0
1.0
1000
700
500
200
100
50
70
20
10
7.0
5.0
2.0
1.0
0.1 0.2
0.5 1.0 2.0
5.0 10 20
50 100
1.0 2.0
3.0 5.0 7.0
10 20 30
70
50
100
TJ = 25
oC
Iz(ms)=0.1z(dc)
f = 60Hz
TJ = 25
oC
Iz(ms)=0.1z(dc)
f = 60Hz
Iz = 1.0mA
5.0mA
20mA
Iz, ZENEER CURRENT (mA)
Iz, ZENEER CURRENT (mA)
5% DUTY CYCLE
10% DUTY CYCLE
20% DUTY CYCLE
11V-91V NON-REPETITIVE
0.8V-10V NON-REPETITIVE
RECTANGULAR WAVEFORM
TJ = 25oC PRIOR TO INITIAL
PULSE
0.01 0.02
0.05 0.1
0.2
0.5
1.0
2.0
5.0
10
20
50
100 200
500
100
70
50
30
20
10
7.0
5.0
3.0
2.0
1.0
PW, PULSE WIDTH
This graphr epresents 90 percentile date point
For worse-case design characteristics, multiply surge power by 2/3
05-Nov-2007 Rev. C
Page 4 of 4


Numéro de pièce similaire - SMA4755

FabricantNo de pièceFiches techniqueDescription
logo
SeCoS Halbleitertechnol...
SMA4755 SECOS-SMA4755 Datasheet
332Kb / 3P
   1.0 Watts Surface Mount Zener Diode
logo
Shanghai Leiditech Elec...
SMA4755A LEIDITECH-SMA4755A Datasheet
966Kb / 3P
   Surface Mount Silicon Zener Diodes
logo
Yangzhou yangjie electr...
SMA4755A YANGJIE-SMA4755A Datasheet
194Kb / 3P
   Zener Diodes
logo
AiT Semiconductor Inc.
SMA4755A AITSEMI-SMA4755A Datasheet
313Kb / 6P
   ZENER DIODE 1W WIDE ZENER VOLTAGE 3.3V TO 330V
REV1.1
logo
Formosa MS
SMA4755A FORMOSA-SMA4755A Datasheet
151Kb / 4P
   Surface Mount Zener Diodes 1W
More results

Description similaire - SMA4755

FabricantNo de pièceFiches techniqueDescription
logo
SeCoS Halbleitertechnol...
SMA47XX SECOS-SMA47XX_15 Datasheet
193Kb / 3P
   1.0 Watts Surface Mount Zener Diode
SMA47XX SECOS-SMA47XX Datasheet
332Kb / 3P
   1.0 Watts Surface Mount Zener Diode
ZTS270X SECOS-ZTS270X Datasheet
240Kb / 2P
   1.0 Watts Surface Mount Zener Diode
logo
Taiwan Semiconductor Co...
1SMA4741 TSC-1SMA4741_1 Datasheet
339Kb / 4P
   1.0 Watts Surface Mount Silicon Zener Diode
logo
SUNMATE electronic Co.,...
PTZ3.6B SUNMATE-PTZ3.6B Datasheet
299Kb / 2P
   1.0 Watts Surface Mount Silicon Zener Diodes
logo
SeCoS Halbleitertechnol...
SMB3EZXXD5 SECOS-SMB3EZXXD5 Datasheet
265Kb / 4P
   3.0 Watts Surface Mount Zener Diode
3EZXXXD5 SECOS-3EZXXXD5 Datasheet
738Kb / 4P
   3 Watts Surface Mount Zener Diode
SMA59XXB SECOS-SMA59XXB Datasheet
264Kb / 3P
   1.5 Watts Surface Mount Zener Diode
SMB5921 SECOS-SMB5921 Datasheet
201Kb / 4P
   3.0 Watts Surface Mount Zener Diode
logo
SEC Electronics Inc.
3EZXXXD5 SECELECTRONICS-3EZXXXD5 Datasheet
738Kb / 4P
   3 Watts Surface Mount Zener Diode
More results


Html Pages

1 2 3 4


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com