Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ST13003 Fiches technique(PDF) 1 Page - SEMTECH ELECTRONICS LTD.

No de pièce ST13003
Description  NPN Silicon Epitaxial Planar Transistor
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SEMTECH_ELEC [SEMTECH ELECTRONICS LTD.]
Site Internet  http://www.semtech.net.cn
Logo SEMTECH_ELEC - SEMTECH ELECTRONICS LTD.

ST13003 Fiches technique(HTML) 1 Page - SEMTECH ELECTRONICS LTD.

  ST13003 Datasheet HTML 1Page - SEMTECH ELECTRONICS LTD. ST13003 Datasheet HTML 2Page - SEMTECH ELECTRONICS LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Dated : 22/03/2006
SEMTECH ELECTRONICS LTD.
(Subsidiary of Sino-Tech International Holdings Limited, a company
listed on the Hong Kong Stock Exchange, Stock Code: 724)
®
ST 13003
NPN Silicon Epitaxial Planar Transistor
for power switching and electron rectifier
applications.
The transistor is subdivided into one group
according to its DC current gain.
Absolute Maximum Ratings (Ta = 25 OC)
Parameter
Symbol
Value
Unit
Collector Base Voltage
VCBO
600
V
Collector Emitter Voltage
VCEO
400
V
Emitter Base Voltage
VEBO
9
V
Collector Current
IC
1.5
A
Power Dissipation
Ptot
1.5
W
Junction Temperature
Tj
150
O
C
Storage Temperature Range
Ts
-55 to +150
O
C
Characteristics at Tamb = 25 OC
Parameter
Symbol
Min.
Max.
Unit
DC Current Gain
at VCE = 10 V, IC = 100 mA
hFE
10
70
-
Collector Base Breakdown Voltage
at IC = 1 mA
V(BR)CBO
600
-
V
Collector Emitter Breakdown Voltage
at IC = 10 mA
V(BR)CEO
400
-
V
Emitter Base Breakdown Voltage
at IE = 1 mA
V(BR)EBO
9
-
V
Collector Cutoff Current
at VCB = 600 V
ICBO
-
100
nA
Emitter Cutoff Current
at VEB = 9 V
IEBO
-
100
µA
Collector Emitter Saturation Voltage
at IC = 1 A, IB = 250 mA
VCE(sat)
-
1
V
Base Emitter Saturation Voltage
at IC = 1 A, IB = 250 mA
VBE(sat)
-
1.2
V
TO-220 Plastic Package


Numéro de pièce similaire - ST13003

FabricantNo de pièceFiches techniqueDescription
logo
STMicroelectronics
ST13003 STMICROELECTRONICS-ST13003 Datasheet
71Kb / 7P
   HIGH VOLTAGE FAST-SWITCHING NPN POWER TRANSISTOR
ST13003 STMICROELECTRONICS-ST13003 Datasheet
224Kb / 7P
   HIGH VOLTAGE FAST-SWITCHING NPN POWER TRANSISTOR
August 2001
ST13003-K STMICROELECTRONICS-ST13003-K Datasheet
274Kb / 10P
   High voltage fast-switching NPN power transistor
ST13003-K STMICROELECTRONICS-ST13003-K Datasheet
240Kb / 10P
   High voltage fast-switching NPN power transistor
ST13003-K STMICROELECTRONICS-ST13003-K_08 Datasheet
240Kb / 10P
   High voltage fast-switching NPN power transistor
More results

Description similaire - ST13003

FabricantNo de pièceFiches techniqueDescription
logo
Seme LAB
BFY84 SEME-LAB-BFY84 Datasheet
19Kb / 2P
   SILICON PLANAR EPITAXIAL NPN TRANSISTOR
logo
AUK corp
SUR541EF AUK-SUR541EF Datasheet
176Kb / 4P
   NPN Epitaxial Planar Silicon Transistor
logo
SeCoS Halbleitertechnol...
2SC4226 SECOS-2SC4226_11 Datasheet
258Kb / 3P
   NPN Silicon Epitaxial Planar Transistor
logo
KODENSHI_AUK CORP.
SUR526H KODENSHI-SUR526H Datasheet
275Kb / 5P
   Epitaxial planar NPN silicon transistor
SUR539J KODENSHI-SUR539J Datasheet
279Kb / 5P
   Epitaxial planar NPN silicon transistor
SUR543EF KODENSHI-SUR543EF Datasheet
276Kb / 5P
   Epitaxial planar NPN silicon transistor
logo
Sanken electric
2SC2921 SANKEN-2SC2921_07 Datasheet
33Kb / 1P
   Silicon NPN Epitaxial Planar Transistor
logo
Seme LAB
2N4239 SEME-LAB-2N4239 Datasheet
122Kb / 3P
   SILICON PLANAR EPITAXIAL NPN TRANSISTOR
2N3114CSM SEME-LAB-2N3114CSM_09 Datasheet
163Kb / 3P
   SILICON PLANAR EPITAXIAL NPN TRANSISTOR
logo
Micro Electronics
BC485 MICRO-ELECTRONICS-BC485 Datasheet
57Kb / 1P
   NPN SILICON PLANAR EPITAXIAL TRANSISTOR
2N4123 MICRO-ELECTRONICS-2N4123 Datasheet
85Kb / 2P
   NPN SILICON PLANAR EPITAXIAL TRANSISTOR
More results


Html Pages

1 2


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com