Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SD03 Fiches technique(PDF) 1 Page - SeCoS Halbleitertechnologie GmbH

No de pièce SD03
Description  300W Transient Voltage Suppressors Diode
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SECOS [SeCoS Halbleitertechnologie GmbH]
Site Internet  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

SD03 Fiches technique(HTML) 1 Page - SeCoS Halbleitertechnologie GmbH

  SD03 Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH SD03 Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH SD03 Datasheet HTML 3Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Elektronische Bauelemente
SD03
VOLTAGE: 3.3V
300W Transient Voltage Suppressors Diode
SOD-323 ( SC-76 )
FEATURES
. 300 Watts peak pulse power ( t = 8 / 20 µs )
. Small package for use in portable electronics
. Suitable replacement for MLV’s in ESD protection
applications
. Protects one I/O or power line
. Low clamping voltage
. Low leakage current
. Solid-state silicon-avalanche technology
APPLICATIONS
. Cell Phone Handsets and Accessories
. Microprocessor based equipment
. Personal Digital Assistants ( PDA’s )
. Notebooks, Desktops, and Servers
. Portable Instrumentation
. Pagers Peripherals
MECHANICAL DATA
. CASE: SOD-323 ( SC-76 ), Molded Plastic
. TERMINALS: UL 94V-0
. POLARITY: See Diagrams Below
. WEIGHT: 0.0045 gram
. MOUNTING POSITION: Any
MAXIMUM RATINGS
Rating 25
ambient temperature unless otherwise specified.
Single phase half wave, 60Hz, resistive or inductive load.
For capacitive load, derate current by 20%.
TYPE NUMBER
SYMBOL
VALUE
UNITS
Peak Pulse Power ( tP = 8 / 20 µs )
PPK
300
W
ESD Voltage ( HBM Waveform per IEC 61000-4-2 )
VESD
30
kV
Lead Soldering Temperature
TL
260 ( 10 sec. )
Operating Temperature Range
TJ
-55 ~ +125
Storage Temperature Range
TSTG
-55 ~ +150
http://www.SeCoSGmbH.com/
Any changing of specification will not be informed individual
RoHS Compliant Product
.010 (0.25)
min.
.012 (0.3)
.059 (1.5)
Cathode Band
Top View
.043 (1.1)
Dimensions in inches
and (millimeters)
Page 1 of 3
24-Aug-2007 Rev. B


Numéro de pièce similaire - SD03

FabricantNo de pièceFiches techniqueDescription
logo
Diotech Company.
SD03 DIOTECH-SD03 Datasheet
917Kb / 3P
   STANDARD CAPACITANCE TVS ARRAY / ESD ARRAY
logo
Shanghai Leiditech Elec...
SD03 LEIDITECH-SD03 Datasheet
140Kb / 3P
   Set-top box and digital TV
logo
Shanghai Semitech Semic...
SD03 SEMITECH-SD03 Datasheet
164Kb / 4P
   Low Leakage
logo
SeCoS Halbleitertechnol...
SD03 SECOS-SD03 Datasheet
332Kb / 3P
   300W Transient Voltage Suppressors Diode
logo
SHIKUES Electronics
SD03 SKTECHNOLGY-SD03 Datasheet
740Kb / 3P
   Unidirectional TVS Diodes
More results

Description similaire - SD03

FabricantNo de pièceFiches techniqueDescription
logo
SeCoS Halbleitertechnol...
SD05 SECOS-SD05_15 Datasheet
152Kb / 3P
   300W Transient Voltage Suppressors Diode
SD24 SECOS-SD24 Datasheet
316Kb / 2P
   300W Transient Voltage Suppressors Diode
SD03 SECOS-SD03_15 Datasheet
332Kb / 3P
   300W Transient Voltage Suppressors Diode
SD05 SECOS-SD05 Datasheet
152Kb / 3P
   300W Transient Voltage Suppressors Diode
logo
Jinan Gude Electronic D...
P4KE JGD-P4KE Datasheet
353Kb / 4P
   TRANSIENT VOLTAGE SUPPRESSORS DIODE
logo
Shanghai Leiditech Elec...
1.5SMC6.8A LEIDITECH-1.5SMC6.8A Datasheet
1Mb / 4P
   Transient Voltage Suppressors Diode
1.5SMC300A LEIDITECH-1.5SMC300A Datasheet
694Kb / 4P
   Transient Voltage Suppressors Diode
logo
Jinan Gude Electronic D...
P6KE JGD-P6KE Datasheet
363Kb / 4P
   TRANSIENT VOLTAGE SUPPRESSORS DIODE
logo
SeCoS Halbleitertechnol...
ESD12R SECOS-ESD12R Datasheet
230Kb / 2P
   240W Transient voltage suppressors Diode
ESD05 SECOS-ESD05 Datasheet
248Kb / 2P
   120W Transient Voltage Suppressors Diode
More results


Html Pages

1 2 3


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com