Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

FWS-D20021001 Fiches technique(PDF) 2 Page - JDS Uniphase Corporation

No de pièce FWS-D20021001
Description  1510/1550 and 1550/1625 nm Filter Wavelength Division Multiplexers
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  JDSU [JDS Uniphase Corporation]
Site Internet  http://www.jdsu.com/index.html
Logo JDSU - JDS Uniphase Corporation

FWS-D20021001 Fiches technique(HTML) 2 Page - JDS Uniphase Corporation

  FWS-D20021001 Datasheet HTML 1Page - JDS Uniphase Corporation FWS-D20021001 Datasheet HTML 2Page - JDS Uniphase Corporation FWS-D20021001 Datasheet HTML 3Page - JDS Uniphase Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
2
1510/1550 AND 1550/1625 NM
FILTER WAVELENGTH DIVISION MULTIPLEXERS
Specifications
Parameter
Pass 1510 /
Pass 1550 /
Pass 1625 /
Pass 1550 /
Reflect 1550
Reflect 1510
Reflect 1550
Reflect 1625
Pass port (C
↔P) wavelength range λP
1500 to 1520 nm
1529 to 1565 nm
1600 to 1650 nm
1529 to 1565 nm
Pass port (C
↔P) insertion loss
Maximum
0.6 dB
Pass port (C
↔P) flatness
Maximum
0.3 dB
Pass port (C
↔P) isolation at λR
Minimum
30 dB
Reflect port (C
↔R) wavelength range λR
1529 to 1565 nm
1500 to 1520 nm
1529 to 1565 nm
1600 to 1650 nm
Reflect port (C
↔R) insertion loss
Maximum
0.4 dB
Reflect port (C
↔R) flatness
Maximum
0.15 dB
Reflect port (C
↔R) isolation at λP
Minimum
12 dB
Directivity
Minimum
55 dB
Optical return loss
Minimum
50 dB
Polarization dependent loss
Maximum
0.05 dB
Polarization mode dispersion
Maximum
0.1 ps
Temperature dependent loss
Maximum
0.1 dB
Optical power
Maximum
500 mW
Tensile load
Maximum
5 N
Operating temperature
-5 to 75°C
Storage temperature
-40 to 85°C
Package dimensions (D x L)
250 µm fiber
5.5 x 30 mm (Standard), 3.2 x 30 mm (Miniature)
900 µm fiber
5.5 x 40 mm (Standard), 3.2 x 40 mm (Miniature)
Fiber length
>1.0 m
Performance for 1550/1625 nm (Model E1)
0
5
10
0
15
20
0
25
30
0
35
1510 1540 1570 1600 1630 1660
WAVELENGTH (nm)
REFLECT CHANNEL
PASS CHANNEL


Numéro de pièce similaire - FWS-D20021001

FabricantNo de pièceFiches techniqueDescription
logo
Cooper Bussmann, Inc.
FWS-10A20F COOPER-FWS-10A20F Datasheet
1Mb / 21P
   Ferrule fuses
logo
Power Systems GmbH+Co.K...
FWS-1203.3 POWER-SYSTEMS-FWS-1203.3 Datasheet
181Kb / 5P
   DC-DC Converter UNIT 8 W WIDE INPUT RANGE DC-DC CONVERTER
FWS-1205 POWER-SYSTEMS-FWS-1205 Datasheet
181Kb / 5P
   DC-DC Converter UNIT 8 W WIDE INPUT RANGE DC-DC CONVERTER
FWS-1209 POWER-SYSTEMS-FWS-1209 Datasheet
181Kb / 5P
   DC-DC Converter UNIT 8 W WIDE INPUT RANGE DC-DC CONVERTER
FWS-1212 POWER-SYSTEMS-FWS-1212 Datasheet
181Kb / 5P
   DC-DC Converter UNIT 8 W WIDE INPUT RANGE DC-DC CONVERTER
More results

Description similaire - FWS-D20021001

FabricantNo de pièceFiches techniqueDescription
logo
JDS Uniphase Corporatio...
FWS-F00110000 JDSU-FWS-F00110000 Datasheet
141Kb / 3P
   1550/1590 nm Filter Wavelength Division Multiplexers
FWS-3P5R3P100 JDSU-FWS-3P5R3P100 Datasheet
126Kb / 3P
   1310/15501590 nm Filter Wavelength Division Multiplexers
FWS-A00110000 JDSU-FWS-A00110000 Datasheet
135Kb / 3P
   1480/15501590 nm Filter Wavelength Division Multiplexers
WDM-D13150001 JDSU-WDM-D13150001 Datasheet
148Kb / 3P
   1310/1550 Wavelength Division Multiplexer (WDM) Dual Line Filter
FWS-360S31000 JDSU-FWS-360S31000 Datasheet
156Kb / 3P
   1536/1554 nm 3-Port Bandpass Wavelength Division Multiplexers
logo
List of Unclassifed Man...
FL-5100S ETC1-FL-5100S Datasheet
108Kb / 2P
   1550 nm LASER DIODES
logo
Zarlink Semiconductor I...
ZL60009 ZARLINK-ZL60009 Datasheet
176Kb / 7P
   PIN/Preamp 1300 nm-1550 nm
logo
JDS Uniphase Corporatio...
CT2-NI1LATD31C JDSU-CT2-NI1LATD31C Datasheet
205Kb / 8P
   OC-3 SFP Transceiver (1310 nm and 1550 nm)
logo
Emcore Corporation
6000-0D0111001 EMCORE-6000-0D0111001 Datasheet
595Kb / 7P
   1550 nm Externally Modulated Transmitter
logo
Agere Systems
3970 AGERE-3970 Datasheet
121Kb / 6P
   3970-Type 1550 nm Transmitter
More results


Html Pages

1 2 3


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com