Moteur de recherche de fiches techniques de composants électroniques |
|
FFP-CM3150G1 Fiches technique(PDF) 2 Page - JDS Uniphase Corporation |
|
FFP-CM3150G1 Fiches technique(HTML) 2 Page - JDS Uniphase Corporation |
2 / 3 page 2 FUSED COUPLER, PM COMBINER Specifications Parameter 980 nm S band C band L band Operating wavelength range1 980 nm 1440 to 1475 nm 1528 to 1563 nm 1570 to 1605 nm Insertion loss (fast axis)2 Grade M Maximum 0.40 dB 0.40 dB 0.50 dB 0.50 dB Grade W Maximum 0.60 dB 0.60 dB 0.70 dB 0.70 dB Housing option B Dimensions (Ø x L) for 1x2 and 2x2 3.0 x 71 mm Insertion loss (slow axis)2 Grade M Maximum 0.35 dB Grade W Maximum 0.40 dB Return loss/Directivity Minimum 50 dB TDL Typical 0.15 dB Pigtail tensile load Maximum 5 N Optical power handling Maximum 4 W Fiber type All ports PM fiber Pigtail Primary-coated fiber Operating temperature range -5 to 75 °C Storage temperature range -40 to 85 °C 1. The center wavelength may be selected from within the operating wavelength ranges supplied. 2. Insertion loss over operating channel bandwidth (not including TDL or connector losses). |
Numéro de pièce similaire - FFP-CM3150G1 |
|
Description similaire - FFP-CM3150G1 |