Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ADM-2F2721014 Fiches technique(PDF) 3 Page - JDS Uniphase Corporation

No de pièce ADM-2F2721014
Description  Filter Add/Drop Module 200 GHz Spacing
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  JDSU [JDS Uniphase Corporation]
Site Internet  http://www.jdsu.com/index.html
Logo JDSU - JDS Uniphase Corporation

ADM-2F2721014 Fiches technique(HTML) 3 Page - JDS Uniphase Corporation

  ADM-2F2721014 Datasheet HTML 1Page - JDS Uniphase Corporation ADM-2F2721014 Datasheet HTML 2Page - JDS Uniphase Corporation ADM-2F2721014 Datasheet HTML 3Page - JDS Uniphase Corporation ADM-2F2721014 Datasheet HTML 4Page - JDS Uniphase Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
3
FILTER ADD/DROP MODULE 200 GHZ SPACING
Specifications
Parameter
Specification
Wavelength range
C or L band ITU channels 186.6 to 196.1 THz
Passband
Minimum
±33 GHz (
≈ ±0.26 nm)
Passband ripple
Maximum
0.35 dB
Drop insertion loss1
Maximum
1.0 dB
Express insertion loss1
Maximum
0.9 dB
Add insertion loss1
Maximum
1.0 dB
Drop isolation (adjacent channel)
Minimum
30 dB
Drop Isolation (non-adjacent channel)
Minimum
50 dB
Express isolation
Minimum
30 dB
Directivity
Minimum
50 dB
Return loss
Minimum
45 dB
Polarization dependent loss
Maximum
0.2 dB
Polarization mode dispersion
Maximum
0.15 ps
Optical power handling
Maximum
1 W
Operating temperature range
0 to 70 °C
Storage temperature range
-40 to 85 °C
Fiber type
9/125/900 µm fiber
Fiber length
1.0±0.1 m
Package size (L x W x H)
130.0 x 70.0 x 12.7 mm
1. Losses include one connector. If no connector option is selected, the maximum loss should be 0.2 dB lower.


Numéro de pièce similaire - ADM-2F2721014

FabricantNo de pièceFiches techniqueDescription
logo
Gamewell-FCI by Honeywe...
ADM-24 GAMEWELL-FCI-ADM-24 Datasheet
101Kb / 4P
   Fire Alarm Control Panel with built-in DACT and remote-site upload/download capability
More results

Description similaire - ADM-2F2721014

FabricantNo de pièceFiches techniqueDescription
logo
JDS Uniphase Corporatio...
ADM-1F2721010 JDSU-ADM-1F2721010 Datasheet
92Kb / 4P
   Filter Add/Drop Module 100 GHz Spacing
MDX-01AD1018B JDSU-MDX-01AD1018B Datasheet
238Kb / 4P
   100 GHz Dense Wavelength Division Multiplexing Optical Add/Drop Module
WDM-1AD125601 JDSU-WDM-1AD125601 Datasheet
170Kb / 4P
   100 GHz Dense Wavelength Division Multiplexer (DWDM) Add/Drop Filter
WDM-CAD01000 JDSU-WDM-CAD01000 Datasheet
162Kb / 3P
   Coarse Wavelength Division Multiplexer (CWDM) Add/Drop Filter
logo
OPLINK Communications I...
OFMSMMD OPLINK-OFMSMMD Datasheet
213Kb / 2P
   Add/Drop Optical Fiber Switches
OFMSSMD OPLINK-OFMSSMD Datasheet
308Kb / 2P
   Add/Drop Optical Fiber Switches
logo
JDS Uniphase Corporatio...
MDX-02ADCB1AA JDSU-MDX-02ADCB1AA Datasheet
127Kb / 4P
   Outside Plant CWDM Optical Add/Drop (OSP CWDM OADM)Module
logo
MRV Communications, Inc...
MRV-FD-PADX MRV-MRV-FD-PADX Datasheet
751Kb / 4P
   CWDM Passive Optical Add/Drop Multiplexers
More results


Html Pages

1 2 3 4


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com