Moteur de recherche de fiches techniques de composants électroniques |
|
FWM-T81M1F30 Fiches technique(PDF) 1 Page - JDS Uniphase Corporation |
|
FWM-T81M1F30 Fiches technique(HTML) 1 Page - JDS Uniphase Corporation |
1 / 3 page COMMUNICATIONS MODULES & SUBSYSTEMS Key Features • Extended temperature range • Flat and wide passband • High demux channel isolation • Low insertion loss JDSU Coarse Wavelength Division Multiplexers (CWDMs) are manufactured using laser weld technology to exceed Telcordia GR-1221 requirements. They demonstrate low loss and reliable performance over an extended temperature range. These devices show broad passbands and high isolation, making them ideal for operation with inexpensive, uncooled lasers. They feature up to 16 low dispersion channels, thereby enabling high capacity, low cost products for the CATV and metro/access markets. Easily customizable, JDSU CWDMs can be configured from a standard list of packaging and connector options. Applications • Metro optical networks • Access optical networks • Enterprise networks Compliance • Telcordia GR-1209 and 1221 qualified Multi-Channel CWDM Mux/Demux 20 nm Spacing NORTH AMERICA : 800 498-JDSU (5378) WEBSITE : www.jdsu.com WORLDWIDE : +800 5378-JDSU LGX Cassette Flat Box |
Numéro de pièce similaire - FWM-T81M1F30 |
|
Description similaire - FWM-T81M1F30 |