Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SN74BCT8240ADWE4 Fiches technique(PDF) 10 Page - Texas Instruments

No de pièce SN74BCT8240ADWE4
Description  SCAN TEST DEVICES WITH OCTAL INVERTING BUFFERS
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI - Texas Instruments

SN74BCT8240ADWE4 Fiches technique(HTML) 10 Page - Texas Instruments

Back Button SN74BCT8240ADWE4 Datasheet HTML 6Page - Texas Instruments SN74BCT8240ADWE4 Datasheet HTML 7Page - Texas Instruments SN74BCT8240ADWE4 Datasheet HTML 8Page - Texas Instruments SN74BCT8240ADWE4 Datasheet HTML 9Page - Texas Instruments SN74BCT8240ADWE4 Datasheet HTML 10Page - Texas Instruments SN74BCT8240ADWE4 Datasheet HTML 11Page - Texas Instruments SN74BCT8240ADWE4 Datasheet HTML 12Page - Texas Instruments SN74BCT8240ADWE4 Datasheet HTML 13Page - Texas Instruments SN74BCT8240ADWE4 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 26 page
background image
SN54BCT8240A, SN74BCT8240A
SCAN TEST DEVICES
WITH OCTAL INVERTING BUFFERS
SCBS067E – FEBRUARY 1990 – REVISED DECEMBER 1996
10
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
Table 2. Instruction-Register Opcodes
BINARY CODE†
BIT 7
→ BIT 0
MSB
→ LSB
SCOPE OPCODE
DESCRIPTION
SELECTED DATA
REGISTER
MODE
X0000000
EXTEST/INTEST
Boundary scan
Boundary scan
Test
X0000001
BYPASS‡
Bypass scan
Bypass
Normal
X0000010
SAMPLE/PRELOAD
Sample boundary
Boundary scan
Normal
X0000011
INTEST/EXTEST
Boundary scan
Boundary scan
Test
X0000100
BYPASS‡
Bypass scan
Bypass
Normal
X0000101
BYPASS‡
Bypass scan
Bypass
Normal
X0000110
HIGHZ (TRIBYP)
Control boundary to high impedance
Bypass
Modified test
X0000111
CLAMP (SETBYP)
Control boundary to 1/0
Bypass
Test
X0001000
BYPASS‡
Bypass scan
Bypass
Normal
X0001001
RUNT
Boundary run test
Bypass
Test
X0001010
READBN
Boundary read
Boundary scan
Normal
X0001011
READBT
Boundary read
Boundary scan
Test
X0001100
CELLTST
Boundary self test
Boundary scan
Normal
X0001101
TOPHIP
Boundary toggle outputs
Bypass
Test
X0001110
SCANCN
Boundary-control register scan
Boundary control
Normal
X0001111
SCANCT
Boundary-control register scan
Boundary control
Test
All others
BYPASS
Bypass scan
Bypass
Normal
† Bit 7 is a don’t-care bit; X = don’t care.
‡ The BYPASS instruction is executed in lieu of a SCOPE
™ instruction that is not supported in the ’BCT8240A.
boundary scan
This instruction conforms to the IEEE Standard 1149.1-1990 EXTEST and INTEST instructions. The BSR is
selected in the scan path. Data appearing at the device input terminals is captured in the input BSCs, while data
appearing at the outputs of the normal on-chip logic is captured in the output BSCs. Data that has been scanned
into the input BSCs is applied to the inputs of the normal on-chip logic, while data that has been scanned into
the output BSCs is applied to the device output terminals. The device operates in the test mode.
bypass scan
This instruction conforms to the IEEE Standard 1149.1-1990 BYPASS instruction. The bypass register is
selected in the scan path. A logic 0 value is captured in the bypass register during Capture-DR. The device
operates in the normal mode.
sample boundary
This instruction conforms to the IEEE Standard 1149.1-1990 SAMPLE/PRELOAD instruction. The BSR is
selected in the scan path. Data appearing at the device input terminals is captured in the input BSCs, while data
appearing at the outputs of the normal on-chip logic is captured in the output BSCs. The device operates in the
normal mode.


Numéro de pièce similaire - SN74BCT8240ADWE4

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
SN74BCT8244A TI-SN74BCT8244A Datasheet
472Kb / 26P
[Old version datasheet]   SCAN TEST DEVICES WITH OCTAL BUFFERS
SN74BCT8244A TI-SN74BCT8244A Datasheet
612Kb / 28P
[Old version datasheet]   SCAN TEST DEVICES WITH OCTAL BUFFERS
SN74BCT8244A TI-SN74BCT8244A Datasheet
642Kb / 28P
[Old version datasheet]   SCAN TEST DEVICES WITH OCTAL BUFFERS
SN74BCT8244ADW TI-SN74BCT8244ADW Datasheet
472Kb / 26P
[Old version datasheet]   SCAN TEST DEVICES WITH OCTAL BUFFERS
SN74BCT8244ADW TI-SN74BCT8244ADW Datasheet
612Kb / 28P
[Old version datasheet]   SCAN TEST DEVICES WITH OCTAL BUFFERS
More results

Description similaire - SN74BCT8240ADWE4

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
SN54BCT8244A TI-SN54BCT8244A Datasheet
472Kb / 26P
[Old version datasheet]   SCAN TEST DEVICES WITH OCTAL BUFFERS
SN54BCT8244A TI-SN54BCT8244A_07 Datasheet
612Kb / 28P
[Old version datasheet]   SCAN TEST DEVICES WITH OCTAL BUFFERS
SN54BCT8244A TI-SN54BCT8244A_08 Datasheet
642Kb / 28P
[Old version datasheet]   SCAN TEST DEVICES WITH OCTAL BUFFERS
SN54BCT8245A TI-SN54BCT8245A Datasheet
309Kb / 22P
[Old version datasheet]   SCAN TEST DEVICES WITH OCTAL BUS TRANSCEIVERS
SN54ABT8245 TI-SN54ABT8245_07 Datasheet
635Kb / 30P
[Old version datasheet]   SCAN TEST DEVICES WITH OCTAL BUS TRANSCEIVERS
SN54BCT8245A TI-SN54BCT8245A_08 Datasheet
658Kb / 29P
[Old version datasheet]   SCAN TEST DEVICES WITH OCTAL BUS TRANSCEIVERS
SN54ABT8245 TI-SN54ABT8245_08 Datasheet
665Kb / 30P
[Old version datasheet]   SCAN TEST DEVICES WITH OCTAL BUS TRANSCEIVERS
SN54ABT8245 TI-SN54ABT8245 Datasheet
364Kb / 25P
[Old version datasheet]   SCAN TEST DEVICES WITH OCTAL BUS TRANSCEIVERS
SN54ABT8245 TI-SN54ABT8245_06 Datasheet
483Kb / 28P
[Old version datasheet]   SCAN TEST DEVICES WITH OCTAL BUS TRANSCEIVERS
SN54ABT8543 TI-SN54ABT8543 Datasheet
357Kb / 25P
[Old version datasheet]   SCAN TEST DEVICES WITH OCTAL REGISTERED BUS TRANSCEIVERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com