Moteur de recherche de fiches techniques de composants électroniques |
|
BZX55C4V3 Fiches technique(PDF) 3 Page - Chongqing Pingwei Enterprise co.,Ltd |
|
BZX55C4V3 Fiches technique(HTML) 3 Page - Chongqing Pingwei Enterprise co.,Ltd |
3 / 3 page CHONGQING PINGYANG ELECTRONICS CO.,LTD. 3 1) Tested with pulses tp=20 ms. 2) Tolerance designation — The type numbers listed have zener voltage min/max limits as shown. Device tolerance of ±2% are indicated by a “B” instead of a “C”. Zener voltage is measured with the device junction in thermal equilibrium at the lead temperature of 30 °C ±1°C and 3/8, lead length. 3)ZZT and ZZK are measured by dividing the ac voltage drop across the device by the ac current applied. The specified limtis are for IZ(ac) = 0.1 IZ(dc) with the ac frequency = 1.0 kHz. 4) This data was calculated using nominal voltages. The maximum current handling capability on a worst case basis is limited by the actual zener voltage at the operating point and the power derating curve. PDF 文件使用 "pdfFactory Pro" 试用版本创建 www.fineprint.cn |
Numéro de pièce similaire - BZX55C4V3 |
|
Description similaire - BZX55C4V3 |
|
|
Lien URL |
Politique de confidentialité |
ALLDATASHEET.FR |
ALLDATASHEET vous a-t-il été utile ? [ DONATE ] |
À propos de Alldatasheet | Publicité | Contactez-nous | Politique de confidentialité | Echange de liens | Fabricants All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |