Moteur de recherche de fiches techniques de composants électroniques |
|
BZX55C3V3 Fiches technique(PDF) 1 Page - Chongqing Pingwei Enterprise co.,Ltd |
|
BZX55C3V3 Fiches technique(HTML) 1 Page - Chongqing Pingwei Enterprise co.,Ltd |
1 / 3 page CHONGQING PINGYANG ELECTRONICS CO.,LTD. 1 BZX55C2V4 THRU BZX55C75 SILICON PLANAR ZENER DIODES FEATURES ·Voltage Range: 2.7V to 75V ·Double siug type construction MECHANICAL DATA ·Case: Molded plastic ·Epoxy: UL94V-0 rate flame retardant ·Lead: MIL-STD- 202E, Method 208 guaranteed ·Polarity:Color band denotes cathode end ·Mounting position: Any ·Weight: 0.33 grams MAXIMUM RATINGS AND ELECTRONICAL CHARACTERISTICS Ratings at 25℃ ambient temperature unless otherwise specified. Single phase, half wave, 60Hz,resistive or inductive load. For capacitive load, derate current by 20%. Absolute Maximum Ratings (Ta=25°C) SYMBOL VALUE units Zener Current see Table “Characterstics” Power Dissipation at Tamb=25°C Ptot 0.5 1) W Junction Temperature TJ 150 °C 1) Valid provided that leads at a distance of 8 mm form case are kept at ambient temperature. Characteristics at Tamb=25°C SYMBOL Min. Typ. Max. units Forward Voltage at IF=250mA VF -- -- 1.2 V Valid provided that leads at a distance of 8 mm form case are kept at ambient temperature. DO-41 1.0(25.4) MIN. .034(0.9) .028(0.7) DIA. .205(5.2) .166(4.2) 1.0(25.4) MIN. .107(2.7) .080(2.0) DIA. Dimensions in inches and (millimeters) PDF 文件使用 "pdfFactory Pro" 试用版本创建 www.fineprint.cn |
Numéro de pièce similaire - BZX55C3V3 |
|
Description similaire - BZX55C3V3 |
|
|
Lien URL |
Politique de confidentialité |
ALLDATASHEET.FR |
ALLDATASHEET vous a-t-il été utile ? [ DONATE ] |
À propos de Alldatasheet | Publicité | Contactez-nous | Politique de confidentialité | Echange de liens | Fabricants All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |