Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

54TR-25214 Fiches technique(PDF) 1 Page - JDS Uniphase Corporation

No de pièce 54TR-25214
Description  2.5 Gb/s Transponder with Mux/Demux (1310 and 1550 nm)
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  JDSU [JDS Uniphase Corporation]
Site Internet  http://www.jdsu.com/index.html
Logo JDSU - JDS Uniphase Corporation

54TR-25214 Fiches technique(HTML) 1 Page - JDS Uniphase Corporation

  54TR-25214 Datasheet HTML 1Page - JDS Uniphase Corporation 54TR-25214 Datasheet HTML 2Page - JDS Uniphase Corporation 54TR-25214 Datasheet HTML 3Page - JDS Uniphase Corporation 54TR-25214 Datasheet HTML 4Page - JDS Uniphase Corporation 54TR-25214 Datasheet HTML 5Page - JDS Uniphase Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
COMMUNICATIONS MODULES & SUBSYSTEMS
Key Features
• MSA compatible
• Modular size for plug-and-play, allowing faster time-to-
market for LR-1 and LR-2 applications
• Outstanding optical and electrical performance over
both commercial and industrial temperatures
The JDSU 54TR series transponder integrates optics and electronics in an OC-48
(2.5 Gb/s) time division multiplexing (TDM) transponder module. Multisource
agreement (MSA) compatible and designed for operation at 1310 and 1550 nm,
it can be used across a variety of optical fiber systems.
The bidirectional modules provide a SONET or SDH compliant interface between
the SONET/SDH photonic physical layer and the electrical layer. Major
components include distributed feedback (DFB) based optical transmitter; an
Avalanche photodiode (APD) optical receiver with transimpedence amplifier
(TIA); a microcontroller; a laser driver; and an integrated 16 signal mux/demux
with clock and data recovery (CDR) circuitry.
The transponder provides either 1310 or 1550 nm wavelengths and is available in
an APD receiver configuration. It receives a 2488.32 Mb/s optical signal, converts
it to an electrical signal, recovers the clock, and demultiplexes the data into sixteen
155 Mb/s differential low voltage positive emitter coupled logic (LVPECL) data
signals. The transponder is available in LR-1 or LR-2 configurations.
Applications
• 1310nm and 1550 Long Reach
applications
•Metro core
• Wide area networks
• Optical crossconnects
• Fiber backbone
Compliance
• Telcordia GR-253-CORE
• ITU-T G.783, ITU-T G.957, and
ITU-T G.958
2.5 Gb/s Transponder with Mux/Demux (1310 and 1550 nm)
54TR Series
NORTH AMERICA
: 800 498-JDSU (5378)
WEBSITE
: www.jdsu.com
WORLDWIDE
: +800 5378-JDSU


Description similaire - 54TR-25214

FabricantNo de pièceFiches techniqueDescription
logo
Zarlink Semiconductor I...
ZL60006 ZARLINK-ZL60006 Datasheet
282Kb / 7P
   1310 nm, 1550 nm 2.5 Gbps PIN with Preamplifier
logo
JDS Uniphase Corporatio...
PL-SLR-00-L23-CX JDSU-PL-SLR-00-L23-CX Datasheet
197Kb / 4P
   1310/1550 nm 2.5 G LC ROSA
logo
Optoway Technology Inc
SPB-9740RG OPTOWAY-SPB-9740RG Datasheet
178Kb / 6P
   1550 nm TX / 1310 nm RX , 3.3V / 3.2 Gb/s Single-Fiber SFP Transceiver
SPB-9705RG OPTOWAY-SPB-9705RG Datasheet
178Kb / 6P
   1550 nm TX / 1310 nm RX , 3.3V / 3.2 Gb/s Single-Fiber SFP Transceiver
BTR-7710G OPTOWAY-BTR-7710G Datasheet
82Kb / 5P
   1550 nm TX / 1310 nm RX , 3.3V / 1.25 Gb/s RoHS Compliant Single-Fiber Transceiver
BTR-7760G OPTOWAY-BTR-7760G Datasheet
78Kb / 4P
   1550 nm TX / 1310 nm RX , 3.3V / 1.25 Gb/s RoHS Compliant Single-Fiber Transceiver
BTR-7610G OPTOWAY-BTR-7610G Datasheet
82Kb / 5P
   1310 nm TX / 1550 nm RX , 3.3V / 1.25 Gb/s RoHS Compliant Single-Fiber Transceiver
BTR-7660G OPTOWAY-BTR-7660G Datasheet
78Kb / 4P
   1310 nm TX / 1550 nm RX , 3.3V / 1.25 Gb/s RoHS Compliant Single-Fiber Transceiver
BTR-7740G OPTOWAY-BTR-7740G Datasheet
78Kb / 4P
   1550 nm TX / 1310 nm RX , 3.3V / 1.25 Gb/s RoHS Compliant Single-Fiber Transceiver
BTR-7620G OPTOWAY-BTR-7620G Datasheet
82Kb / 5P
   1310 nm TX / 1550 nm RX , 3.3V / 1.25 Gb/s RoHS Compliant Single-Fiber Transceiver
More results


Html Pages

1 2 3 4 5


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com