Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

54TR-35210 Fiches technique(PDF) 2 Page - JDS Uniphase Corporation

No de pièce 54TR-35210
Description  2.5 Gb/s Transponder with Mux/Demux (1310 and 1550 nm)
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  JDSU [JDS Uniphase Corporation]
Site Internet  http://www.jdsu.com/index.html
Logo JDSU - JDS Uniphase Corporation

54TR-35210 Fiches technique(HTML) 2 Page - JDS Uniphase Corporation

  54TR-35210 Datasheet HTML 1Page - JDS Uniphase Corporation 54TR-35210 Datasheet HTML 2Page - JDS Uniphase Corporation 54TR-35210 Datasheet HTML 3Page - JDS Uniphase Corporation 54TR-35210 Datasheet HTML 4Page - JDS Uniphase Corporation 54TR-35210 Datasheet HTML 5Page - JDS Uniphase Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
2
2.5 GB/S TRANSPONDER WITH MUX/DEMUX
(1310 AND 1550 NM)
Dimensions Diagram
(Specifications in inches unless otherwise noted.)
Dimension
Minimum
Nominal
Maximum
A
2.995
3.000
3.040
B
1.995
2.000
2.040
C
0.65
0.90
1.0
D
0.483
0.494
0.517
E
0.100
0.122
0.132
F
0.610
0.650
0.690
G
0.460
0.500
0.540
I
0.015
0.015
0.020
J
0.300
0.305
0.310
L
1.786
1.800
1.814
M
0.386
0.400
0.414
N
1.826
1.840
1.854
Q
0.906
0.920
0.934


Description similaire - 54TR-35210

FabricantNo de pièceFiches techniqueDescription
logo
Zarlink Semiconductor I...
ZL60006 ZARLINK-ZL60006 Datasheet
282Kb / 7P
   1310 nm, 1550 nm 2.5 Gbps PIN with Preamplifier
logo
JDS Uniphase Corporatio...
PL-SLR-00-L23-CX JDSU-PL-SLR-00-L23-CX Datasheet
197Kb / 4P
   1310/1550 nm 2.5 G LC ROSA
logo
Optoway Technology Inc
SPB-9740RG OPTOWAY-SPB-9740RG Datasheet
178Kb / 6P
   1550 nm TX / 1310 nm RX , 3.3V / 3.2 Gb/s Single-Fiber SFP Transceiver
SPB-9705RG OPTOWAY-SPB-9705RG Datasheet
178Kb / 6P
   1550 nm TX / 1310 nm RX , 3.3V / 3.2 Gb/s Single-Fiber SFP Transceiver
BTR-7710G OPTOWAY-BTR-7710G Datasheet
82Kb / 5P
   1550 nm TX / 1310 nm RX , 3.3V / 1.25 Gb/s RoHS Compliant Single-Fiber Transceiver
BTR-7760G OPTOWAY-BTR-7760G Datasheet
78Kb / 4P
   1550 nm TX / 1310 nm RX , 3.3V / 1.25 Gb/s RoHS Compliant Single-Fiber Transceiver
BTR-7610G OPTOWAY-BTR-7610G Datasheet
82Kb / 5P
   1310 nm TX / 1550 nm RX , 3.3V / 1.25 Gb/s RoHS Compliant Single-Fiber Transceiver
BTR-7660G OPTOWAY-BTR-7660G Datasheet
78Kb / 4P
   1310 nm TX / 1550 nm RX , 3.3V / 1.25 Gb/s RoHS Compliant Single-Fiber Transceiver
BTR-7740G OPTOWAY-BTR-7740G Datasheet
78Kb / 4P
   1550 nm TX / 1310 nm RX , 3.3V / 1.25 Gb/s RoHS Compliant Single-Fiber Transceiver
BTR-7620G OPTOWAY-BTR-7620G Datasheet
82Kb / 5P
   1310 nm TX / 1550 nm RX , 3.3V / 1.25 Gb/s RoHS Compliant Single-Fiber Transceiver
More results


Html Pages

1 2 3 4 5


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com