Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

54TR-25210 Fiches technique(PDF) 4 Page - JDS Uniphase Corporation

No de pièce 54TR-25210
Description  2.5 Gb/s Transponder with Mux/Demux (1310 and 1550 nm)
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  JDSU [JDS Uniphase Corporation]
Site Internet  http://www.jdsu.com/index.html
Logo JDSU - JDS Uniphase Corporation

54TR-25210 Fiches technique(HTML) 4 Page - JDS Uniphase Corporation

  54TR-25210 Datasheet HTML 1Page - JDS Uniphase Corporation 54TR-25210 Datasheet HTML 2Page - JDS Uniphase Corporation 54TR-25210 Datasheet HTML 3Page - JDS Uniphase Corporation 54TR-25210 Datasheet HTML 4Page - JDS Uniphase Corporation 54TR-25210 Datasheet HTML 5Page - JDS Uniphase Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
4
2.5 GB/S TRANSPONDER WITH MUX/DEMUX
(1310 AND 1550 NM)
Optical Specifications (note1)
Parameter
Minimum
Typical
Maximum
Average output power (note2) (BOL)
-0.5 dBm
1 dBm
2 dBm
Average output power (note2) (EOL)
-2 dBm
1 dBm
3 dBm
Operating wavelength
1500 nm
1550 nm
1580 nm
Extinction ratio (note3) (BOL)
9.0 dB
9.7 dB
10.5 dB
Extinction ratio (note3) (EOL)
8.2 dB
-
-
Eye mask of optical output (note4,5)
Compliant with GR-253 and ITU-T G.957
Jitter generation (peak-to-peak)
-
-
85 mUI
Jitter generation (rms)
-
-
8 mUI
Average receiver sensitivity (note6,7) (BOL, BER = 1x10-12)
-30 dBm
-31 dBm
-
Average receiver sensitivity (note6,7) (EOL, BER = 1x10-12)
-29 dBm
-
-
Maximum received optical power
-8 dBm
-
-
Dispersion
-
-
1600 ps/nm
Optical path penalty (at 98 km, dispersion = 1600 ps/nm)
-
1.3 dB
2.0 dB
Jitter tolerance and jitter transfer
Compliant with GR-253 and ITU-T G.783
BER floor
-
-
10-15
1. The following optical values apply to the 54TR within entire operating range unless otherwise specified.
2. Output power definitions and measurements per ITU-T recommendation G.957.
3. Ratio of logic 1 output power to logic 0 output power under fully modulated conditions.
4. GR-253-CORE, synchronous optical network (SONET) transport systems: common generic criteria.
5. ITU-T recommendation G.957, optical interfaces for equipment and systems relating to the synchronous digital hierarchy.
6. At 1x10
-12 BER, 223-1 pseudo-random data input, and an extinction ratio of 10 dB.
7. For the extended temperature version, the BOL and EOL receiver sensitivity is reduced by 1 dB from -5 to -40 °C.
Long reach/long haul 1550 nm (DFB laser, APD receiver)
Optical Specifications (note1)
Parameter
Minimum
Typical
Maximum
Average output power (note2) (BOL)
0 dBm
1 dBm
1.5 dBm
Average output power (note2) (EOL)
-2 dBm
0 dBm
1.5 dBm
Operating wavelength
1280 nm
1310 nm
1335 nm
Extinction ratio (note3) (BOL)
9.5 dB
10.0 dB
10.5 dB
Extinction ratio (note3) (EOL)
8.2 dB
-
-
Optical rise and fall times
-
-
200 ps
Eye mask of optical output (note4,5)
Compliant with GR-253 and ITU-T G.957
Jitter generation (peak-to-peak)
-
-
85 mUI
Jitter generation (rms)
-
-
8 mUI
Average receiver sensitivity (note6,7) (BOL, BER = 1 x 10-12)
-30 dBm
-31 dBm
-
Average receiver sensitivity (note6,7) (EOL, BER = 1 x 10-12)
-29 dBm
-
-
Maximum received optical power
-8 dBm
-
-
Dispersion
-
-
250 ps/nm
Optical path penalty (at 60 km)
-
0.2 dB
1.0 dB
Jitter tolerance and jitter transfer
Compliant with GR-253 and ITU-T G.958
BER floor
-
-
10-15
Long reach/long haul (DFB laser, APD receiver) 1310 nm


Description similaire - 54TR-25210

FabricantNo de pièceFiches techniqueDescription
logo
Zarlink Semiconductor I...
ZL60006 ZARLINK-ZL60006 Datasheet
282Kb / 7P
   1310 nm, 1550 nm 2.5 Gbps PIN with Preamplifier
logo
JDS Uniphase Corporatio...
PL-SLR-00-L23-CX JDSU-PL-SLR-00-L23-CX Datasheet
197Kb / 4P
   1310/1550 nm 2.5 G LC ROSA
logo
Optoway Technology Inc
SPB-9740RG OPTOWAY-SPB-9740RG Datasheet
178Kb / 6P
   1550 nm TX / 1310 nm RX , 3.3V / 3.2 Gb/s Single-Fiber SFP Transceiver
SPB-9705RG OPTOWAY-SPB-9705RG Datasheet
178Kb / 6P
   1550 nm TX / 1310 nm RX , 3.3V / 3.2 Gb/s Single-Fiber SFP Transceiver
BTR-7710G OPTOWAY-BTR-7710G Datasheet
82Kb / 5P
   1550 nm TX / 1310 nm RX , 3.3V / 1.25 Gb/s RoHS Compliant Single-Fiber Transceiver
BTR-7760G OPTOWAY-BTR-7760G Datasheet
78Kb / 4P
   1550 nm TX / 1310 nm RX , 3.3V / 1.25 Gb/s RoHS Compliant Single-Fiber Transceiver
BTR-7610G OPTOWAY-BTR-7610G Datasheet
82Kb / 5P
   1310 nm TX / 1550 nm RX , 3.3V / 1.25 Gb/s RoHS Compliant Single-Fiber Transceiver
BTR-7660G OPTOWAY-BTR-7660G Datasheet
78Kb / 4P
   1310 nm TX / 1550 nm RX , 3.3V / 1.25 Gb/s RoHS Compliant Single-Fiber Transceiver
BTR-7740G OPTOWAY-BTR-7740G Datasheet
78Kb / 4P
   1550 nm TX / 1310 nm RX , 3.3V / 1.25 Gb/s RoHS Compliant Single-Fiber Transceiver
BTR-7620G OPTOWAY-BTR-7620G Datasheet
82Kb / 5P
   1310 nm TX / 1550 nm RX , 3.3V / 1.25 Gb/s RoHS Compliant Single-Fiber Transceiver
More results


Html Pages

1 2 3 4 5


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com