Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

54-00211 Fiches technique(PDF) 3 Page - JDS Uniphase Corporation

No de pièce 54-00211
Description  Diode Lasers, Single-mode 50 to 200 mW, 810/830/852 nm
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  JDSU [JDS Uniphase Corporation]
Site Internet  http://www.jdsu.com/index.html
Logo JDSU - JDS Uniphase Corporation

54-00211 Fiches technique(HTML) 3 Page - JDS Uniphase Corporation

  54-00211 Datasheet HTML 1Page - JDS Uniphase Corporation 54-00211 Datasheet HTML 2Page - JDS Uniphase Corporation 54-00211 Datasheet HTML 3Page - JDS Uniphase Corporation 54-00211 Datasheet HTML 4Page - JDS Uniphase Corporation 54-00211 Datasheet HTML 5Page - JDS Uniphase Corporation 54-00211 Datasheet HTML 6Page - JDS Uniphase Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
3
54XX SERIES DIODE LASERS
Electro-optical Specifications
Parameter
Symbol
5400 Series
5410 Series
Unit
Min.
Typ.
Max.
Min.
Typ.
Max.
Laser Characteristics
CW output power, kink-free2
Po
50
100
mW
Center wavelength
λc
(note5)
(note5)–
Spectral width1
Δλ
–3
5
3
5
nm
Slope efficiency
ηD = Po/(Iop–Ith)
0.75
0.85
0.75
0.85
mW/mA
Conversion efficiency
η = Po/(IopVop)
30
30
%
Emitting dimensions
W x H
3 x 1
3 x 1
µm
FWHM beam divergence
Parallel to junction
θ//
–9
9
degrees
Perpendicular to junction
θ⊥
–30
30
degrees
Threshold current
Ith
35
45
35
45
mA
Operating current
Iop
95
105
160
170
mA
Operating voltage
Vop
(note4)
(note4)–
Series resistance
Rs
4.0
6.0
4.0
6.0
Ω
Thermal resistance
Rth
60
60
°C/W
Recommended case temperature
Tc
-20
30
-20
30
°C
Absolute Maximum Ratings
Reverse voltage
Vrl
––3
3
V
Case operating temperature
Top
-20
50
-20
50
°C
Storage temperature range
Tstg
-40
80
-40
80
°C
Lead soldering temperature
Tis
250
250
°C (5 sec.)
Monitor Photodiode
Sensitivity
G1 package
0.1
20
0.1
20
µA/mW
J1 package
3.0
24
3.0
24
µA/mW
Capacitance
6
6
pF
Breakdown voltage
Vbd
25
25
V
Operating voltage
Vop
–10
10
V
1.
Emission bandwidth for 90% integrated power.
2. Typical values at 25 °C and 0.6 NA collection optics.
3. Features common to all 5400 series diode lasers include:
a. Duty factor of 100%.
b. Temperature coefficient of wavelength is approximately 0.3 nm/°C.
c. Temperature coefficient of threshold current can be modeled as:
ITH2 = ITH1 exp [(T2 – T1)/T0] where T0 is a device constant of about 110 °K.
d. Temperature coefficient of operating current is approximately 0.5 to
0.7% per °C.
4. Forward voltage is typically: Vf = 1.5 V + Iop x Rs.
5. Wavelength ranges for the 5400 and 5410 series:
800-820 nm
810-850 nm
842-862 nm
A variety of part numbers are available that each designate a particular subset within these wavelength ranges. Consult tables on page 5.
6. Astigmatism is less than 5 µm.
Available Configurations
5400 Series
5410 Series
5420 Series
5430 Series
5401-G1
5411-G1
5421-G1
5431-G1
5401-J1
5411-J1
5421-J1
5431-J1


Numéro de pièce similaire - 54-00211

FabricantNo de pièceFiches techniqueDescription
logo
JDS Uniphase Corporatio...
54-00211 JDSU-54-00211 Datasheet
323Kb / 5P
   Diode Lasers,High Brightness 10 W, 9xx nm
More results

Description similaire - 54-00211

FabricantNo de pièceFiches techniqueDescription
logo
Roithner LaserTechnik G...
LD-520-50SG ROITHNER-LD-520-50SG Datasheet
520Kb / 3P
   Direct Emitting Green Laser Diode 520 nm 50 mW single Transverse Mode Structure: GaN
logo
JDS Uniphase Corporatio...
24-00135 JDSU-24-00135 Datasheet
546Kb / 11P
   Diode Lasers, High Brightness 0.6 to 8.5 W, 8xx nm
logo
OKI electronic componet...
OL3300W OKI-OL3300W Datasheet
24Kb / 3P
   1310 nm/1 mW SMT Laser Diode Module with Single Mode Fiber
logo
JDS Uniphase Corporatio...
63-00352 JDSU-63-00352 Datasheet
323Kb / 5P
   Diode Lasers,High Brightness 10 W, 9xx nm
logo
NXP Semiconductors
PBSS5350S PHILIPS-PBSS5350S Datasheet
74Kb / 8P
   High power dissipation (830 mW)
2001 Nov 19
logo
Micro Commercial Compon...
BZT52B3V0JS MCC-BZT52B3V0JS Datasheet
540Kb / 4P
   200 mW Zener Diode 3.0 to 75 Volts
BZT52C2V4S MCC-BZT52C2V4S_18 Datasheet
272Kb / 4P
   200 mW Zener Diode 2.4 to 56 Volts
1N5221 MCC-1N5221 Datasheet
621Kb / 2P
   500 mW Zener Diode 2.4 to 200 Volts
MMBZ5221BW MCC-MMBZ5221BW Datasheet
244Kb / 3P
   200 mW Zener Diode 2.4 to 39 Volts
UDZS36B MCC-UDZS36B Datasheet
458Kb / 5P
   200 mW Zener Diode 3.6 to 36 Volts
More results


Html Pages

1 2 3 4 5 6


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com