Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

54-00210 Fiches technique(PDF) 1 Page - JDS Uniphase Corporation

No de pièce 54-00210
Description  Diode Lasers, Single-mode 50 to 200 mW, 810/830/852 nm
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  JDSU [JDS Uniphase Corporation]
Site Internet  http://www.jdsu.com/index.html
Logo JDSU - JDS Uniphase Corporation

54-00210 Fiches technique(HTML) 1 Page - JDS Uniphase Corporation

  54-00210 Datasheet HTML 1Page - JDS Uniphase Corporation 54-00210 Datasheet HTML 2Page - JDS Uniphase Corporation 54-00210 Datasheet HTML 3Page - JDS Uniphase Corporation 54-00210 Datasheet HTML 4Page - JDS Uniphase Corporation 54-00210 Datasheet HTML 5Page - JDS Uniphase Corporation 54-00210 Datasheet HTML 6Page - JDS Uniphase Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
COMMERCIAL LASERS
Key Features
• 200 mW kink-free power
• Narrow spectral width
• High efficiency
• Low astigmatism
• High reliability
High-resolution applications including optical data storage, image recording,
spectral analysis, printing, point-to-point free-space communications and
frequency doubling all require diffraction-limited sources. Faster writing, wider
dynamic range and better signal-to-noise ratio may be achieved with JDSU’s
high-reliability 5400 Series single-mode diode lasers.
Available in power levels up to 200 mW kink-free, this advanced diode laser
combines a quantum well structure and a real-refractive index-guided single-
mode waveguide to provide high power, low astigmatism, narrow spectral width
and a single spatial mode Gaussian far field. Our 5400 Series diode lasers are
among the most reliable high-power diode lasers available in the industry today.
The 5400 Series diode lasers operate in single longitudinal mode under some
conditions. Like in all Fabry-Perot index-guided diode lasers, spectral broadening,
mode hopping and longitudinal mode instability may occur due to small changes
in drive current, diode-junction temperature or optical feedback.
The unique diode structure features high reliability with long operating life and
very low early failure rate. The highest brightness (20 MW/cm
2 steradian) is
provided by our 5430.
Applications
• Illumination
• Printing
• Sensing
• Medical applications
• Imaging
Diode Lasers, Single-mode 50 to 200 mW, 810/830/852 nm
54xx Series
NORTH AMERICA
: 800 498-JDSU (5378)
WEBSITE
: www.jdsu.com
WORLDWIDE
: +800 5378-JDSU


Numéro de pièce similaire - 54-00210

FabricantNo de pièceFiches techniqueDescription
logo
JDS Uniphase Corporatio...
54-00210 JDSU-54-00210 Datasheet
323Kb / 5P
   Diode Lasers,High Brightness 10 W, 9xx nm
More results

Description similaire - 54-00210

FabricantNo de pièceFiches techniqueDescription
logo
Roithner LaserTechnik G...
LD-520-50SG ROITHNER-LD-520-50SG Datasheet
520Kb / 3P
   Direct Emitting Green Laser Diode 520 nm 50 mW single Transverse Mode Structure: GaN
logo
JDS Uniphase Corporatio...
24-00135 JDSU-24-00135 Datasheet
546Kb / 11P
   Diode Lasers, High Brightness 0.6 to 8.5 W, 8xx nm
logo
OKI electronic componet...
OL3300W OKI-OL3300W Datasheet
24Kb / 3P
   1310 nm/1 mW SMT Laser Diode Module with Single Mode Fiber
logo
JDS Uniphase Corporatio...
63-00352 JDSU-63-00352 Datasheet
323Kb / 5P
   Diode Lasers,High Brightness 10 W, 9xx nm
logo
NXP Semiconductors
PBSS5350S PHILIPS-PBSS5350S Datasheet
74Kb / 8P
   High power dissipation (830 mW)
2001 Nov 19
logo
Micro Commercial Compon...
BZT52B3V0JS MCC-BZT52B3V0JS Datasheet
540Kb / 4P
   200 mW Zener Diode 3.0 to 75 Volts
BZT52C2V4S MCC-BZT52C2V4S_18 Datasheet
272Kb / 4P
   200 mW Zener Diode 2.4 to 56 Volts
1N5221 MCC-1N5221 Datasheet
621Kb / 2P
   500 mW Zener Diode 2.4 to 200 Volts
MMBZ5221BW MCC-MMBZ5221BW Datasheet
244Kb / 3P
   200 mW Zener Diode 2.4 to 39 Volts
UDZS36B MCC-UDZS36B Datasheet
458Kb / 5P
   200 mW Zener Diode 3.6 to 36 Volts
More results


Html Pages

1 2 3 4 5 6


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com