Moteur de recherche de fiches techniques de composants électroniques |
|
FWLF1631R40 Fiches technique(PDF) 1 Page - Finisar Corporation. |
|
FWLF1631R40 Fiches technique(HTML) 1 Page - Finisar Corporation. |
1 / 10 page F i n i s a r © Finisar Corporation PRELIMINARY and Confidential Page 1 Rev B, November 2006 Preliminary Product Specification Long-Reach DWDM SFP Transceiver FWLF1631RXX PRODUCT FEATURES • Up to 2.7 Gb/s bi-directional data links • Link distances up to 180km • High launch power (+3dBm MIN) • Hot-pluggable SFP footprint • Temperature-stabilized DWDM- rated DFB laser transmitter • 100GHz ITU Grid, C-Band • Low dispersion DFB laser • Extended operating range: -5°C to 70°C case temperature • Wavelength controlled within ± 0.1 nm over life and temperature • Extended link budget with APD receiver technology • OC-48 LR-2 compliant APPLICATIONS • Amplified DWDM networks • Bandwidth aggregation • Ring topologies with fixed and reconfigurable OADMs Finisar’s Dense Wavelength-Division Multiplexing (DWDM) transceivers offer DWDM transport with dramatically lower power and cost in a standard pluggable Small Form Factor Pluggable (SFP) package 1. The FWLF1631R is designed expressly for service providers deploying DWDM networking equipment in metropolitan access and core networks. Basic digital diagnostic features for the FWLF1631R are implemented as described in Finisar Application Note AN-2030, “Digital Diagnostic Monitoring Interface for Optical Transceivers” 4. Enhanced diagnostic features are available as described in the DWDM SFP MSA 6. |
Numéro de pièce similaire - FWLF1631R40 |
|
Description similaire - FWLF1631R40 |