Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

FINF050-100CLA1 Fiches technique(PDF) 1 Page - Finisar Corporation.

No de pièce FINF050-100CLA1
Description  50GHz Interleaver
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  FINISAR [Finisar Corporation.]
Site Internet  http://www.finisar.com/home.php
Logo FINISAR - Finisar Corporation.

FINF050-100CLA1 Fiches technique(HTML) 1 Page - Finisar Corporation.

  FINF050-100CLA1 Datasheet HTML 1Page - Finisar Corporation. FINF050-100CLA1 Datasheet HTML 2Page - Finisar Corporation.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
F i n i s a r
50GHz Interleaver
The Finisar 50G Interleaver efficiently demultiplexes (or multiplexes) 50G
spaced channels into two sets of 100G spaced channels, which is the best
solution to upgrade the existing 100G spacing system and cost saving to
the equipment manufacturer. This passively athermalized interleaver offers
exceptional performance in an ultra-compact form factor.
Features:
● Wide passband and
low dispersion
● Passively athermalized
● High isolation and
low insertion loss
● Fully qualified to
Telcordia 1209/1221
● Compact size
● RoHS compliance
Specifications:
Parameter
Unit
Minimum
Typical
Maximum
Wavelength range
nm
1530.33
1570.41
C band
L band
1562.23
1603.17
Channel spacing
nm
50GHz
0.5 dB Passband relative to ITU grid
1
GHz
± 10
1 dB Passband relative to ITU grid
1
GHz
± 11
3 dB Passband relative to ITU grid
1
GHz
± 15
25dB Stopband relative to ITU grid
1
GHz
± 10
IL over passband
1,2
dB
2.0
IL uniformity within port
1
dB
0.5
IL uniformity all ports
1
dB
0.8
IL ripple over passband
1
dB
0.5
Isolation over stopband
1
dB
25
Polarization dependent loss* (PDL)
dB
0.5
Polarization mode dispersion (PMD)
ps
0.3
Dispersion over passband
ps/nm
-30
+30
Return loss
dB
40
Directivity
dB
50
Optical power handling
mW
500
Connector type
-
SC/PC or LC/PC, others upon request
Pigtail length
m
1.0±0.1, others upon request
Operating temperature range
oC
-5
+70
Dimensions (L x W x H)
mm
113.5 x 18 x 14 or 120 x 90 x 16
Note#1: Over all operating temperatures
Note#2: Connector loss included
Finisar Shanghai Inc.
No. 66 Huiqing Rd., East Zhangjiang Hi-Tech Park, Shanghai,
China 201201
Main: +86-21-38559200
Fax: +86-21-68919894
Website: www.finisar.com
Finisar Corporation
1308 Moffett Park Drive, Sunnyvale, CA 94089-1133, USA
Main: (408) 548-1000 Fax: (408)543-0083
Email: sales@finisar.com
Website: www.finisar.com
Jan. 09 Rev. E


Numéro de pièce similaire - FINF050-100CLA1

FabricantNo de pièceFiches techniqueDescription
logo
Schurter Inc.
FIN SCHURTER-FIN Datasheet
399Kb / 2P
   Shock-Safe Fuseholder, 5 x 20 mm, Slot, IP 67
logo
Quelighting Corp
FIN-RB-25 QUELIGHTING-FIN-RB-25 Datasheet
651Kb / 1P
   Grow LED Light - Ultra thin for Container farming : 25W or 50W
FIN-RB-50 QUELIGHTING-FIN-RB-50 Datasheet
651Kb / 1P
   Grow LED Light - Ultra thin for Container farming : 25W or 50W
FIN-RBW-25 QUELIGHTING-FIN-RBW-25 Datasheet
651Kb / 1P
   Grow LED Light - Ultra thin for Container farming : 25W or 50W
FIN-RBW-50 QUELIGHTING-FIN-RBW-50 Datasheet
651Kb / 1P
   Grow LED Light - Ultra thin for Container farming : 25W or 50W
More results

Description similaire - FINF050-100CLA1

FabricantNo de pièceFiches techniqueDescription
logo
OPLINK Communications I...
CFOI050100CE111 OPLINK-CFOI050100CE111 Datasheet
238Kb / 2P
   50GHz Compact Fiber Optical Interleaver
CFOI050 OPLINK-CFOI050 Datasheet
347Kb / 2P
   50GHz Compact Fiber Optical Interleaver
CFOI050-S0004 OPLINK-CFOI050-S0004 Datasheet
347Kb / 2P
   Green 50GHz Compact Fiber Optical Interleaver
CFOI100 OPLINK-CFOI100 Datasheet
200Kb / 2P
   Optical Interleaver
logo
Bookham, Inc.
TF0501553329 BOOKHAM-TF0501553329 Datasheet
433Kb / 3P
   50GHz WDM Filter Chips
logo
OPLINK Communications I...
CFOI100 OPLINK-CFOI100 Datasheet
231Kb / 2P
   100GHz Compact Fiber Optical Interleaver
CFOI100-S0005 OPLINK-CFOI100-S0005 Datasheet
218Kb / 2P
   100GHz Compact Fiber Optical Interleaver
logo
Marki Microwave
MEQ10-50AU MARKIMICROWAVE-MEQ10-50AU Datasheet
284Kb / 6P
   Passive GaAs MMIC 50GHz Equalizer
logo
OPLINK Communications I...
CFOI025 OPLINK-CFOI025 Datasheet
192Kb / 2P
   25GHz Compact Fiber Optical Interleaver
logo
Microsemi Corporation
UA2V50HM MICROSEMI-UA2V50HM Datasheet
514Kb / 4P
   2 - 50GHz High Gain Power Amplifier
More results


Html Pages

1 2


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com