Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TPA6141A2 Fiches technique(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
No de pièce TPA6141A2
Description  CLASS-G DIRECTPATH??STEREO HEADPHONE AMPLIFIER
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI - Texas Instruments

TPA6141A2 Fiches technique(HTML) 9 Page - Texas Instruments

Back Button TPA6141A2 Datasheet HTML 5Page - Texas Instruments TPA6141A2 Datasheet HTML 6Page - Texas Instruments TPA6141A2 Datasheet HTML 7Page - Texas Instruments TPA6141A2 Datasheet HTML 8Page - Texas Instruments TPA6141A2 Datasheet HTML 9Page - Texas Instruments TPA6141A2 Datasheet HTML 10Page - Texas Instruments TPA6141A2 Datasheet HTML 11Page - Texas Instruments TPA6141A2 Datasheet HTML 12Page - Texas Instruments TPA6141A2 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 18 page
background image
VDD − Supply Voltage − V
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
2.5
3.0
3.5
4.0
4.5
5.0
5.5
f = 1 kHz
THD+N = 1%
G020
RL = 1 kΩ
RL = 600 Ω
RL = 16 Ω
RL = 32 Ω
PO − Total Output Power − mW
0.01
0.1
1
100
G019
10
RL = 16 Ω
1k
100
10
1
RL = 32 Ω
f − Frequency − Hz
−100
−80
−60
−40
−20
0
RL = 16 Ω
PO = 15 mW
20
100
1k
20k
G021
10k
f − Frequency − Hz
−150
−120
−90
−60
−30
0
0
5000
10000
15000
20000
Single Channel
RL = 16 Ω
G022
t − Time − ms
−1
0
1
2
3
4
5
0
1
2
3
4
5
6
7
8
9
10
G023
SDA
VOUT
Enable
RL = 16 Ω
VIN = 0.5 Vrms @ 1 kHz
t − Time −
µs
−1
0
1
2
3
4
5
0
50
100
150
200
RL = 16 Ω
VIN = 0.5 Vrms @ 20 kHz
G024
SDA
VOUT
Disable
TPA6141A2
www.ti.com .................................................................................................................................................................................................. SLOS634 – MARCH 2009
TYPICAL CHARACTERISTICS (continued)
TA = 25°C, AVDD (VDD) = 3.6 V, GAIN = 0 dB, CHPVDD = CHPVSS = 2.2 µF, CINPUT = CFLYING = 1 µF, Outputs out of phase
TOTAL POWER DISSIPATION
OUTPUT VOLTAGE
vs
vs
TOTAL OUTPUT POWER
SUPPLY VOLTAGE
Figure 19.
Figure 20.
CROSSTALK
OUTPUT AMPLITUDE
vs
vs
FREQUENCY
FREQUENCY
Figure 21.
Figure 22.
VOLTAGE
VOLTAGE
vs
vs
TIME
TIME
Figure 23.
Figure 24.
Copyright © 2009, Texas Instruments Incorporated
9
Product Folder Link(s): TPA6141A2


Numéro de pièce similaire - TPA6141A2

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPA6141A2YFFR TI1-TPA6141A2YFFR Datasheet
970Kb / 23P
[Old version datasheet]   CLASS-G DIRECTPATH STEREO HEADPHONE AMPLIFIER
TPA6141A2YFFT TI1-TPA6141A2YFFT Datasheet
970Kb / 23P
[Old version datasheet]   CLASS-G DIRECTPATH STEREO HEADPHONE AMPLIFIER
More results

Description similaire - TPA6141A2

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPA6141A2YFFR TI1-TPA6141A2YFFR Datasheet
970Kb / 23P
[Old version datasheet]   CLASS-G DIRECTPATH STEREO HEADPHONE AMPLIFIER
TPA6140A2 TI-TPA6140A2_15 Datasheet
1,012Kb / 30P
[Old version datasheet]   CLASS-G DIRECTPATH??STEREO HEADPHONE AMPLIFIER WITH I2C VOLUME CONTROL
TPA6140A2 TI-TPA6140A2 Datasheet
785Kb / 27P
[Old version datasheet]   CLASS-G DIRECTPATH??STEREO HEADPHONE AMPLIFIER WITH I2C VOLUME CONTROL
TPA6135A2 TI-TPA6135A2 Datasheet
1,015Kb / 22P
[Old version datasheet]   DIRECTPATH??Stereo Headphone Amplifier
TPA6133A2 TI1-TPA6133A2 Datasheet
1Mb / 18P
[Old version datasheet]   138-mW DIRECTPATH STEREO HEADPHONE AMPLIFIER
TPA6133A2 TI1-TPA6133A2_14 Datasheet
1Mb / 19P
[Old version datasheet]   138-mW DIRECTPATH??STEREO HEADPHONE AMPLIFIER
logo
STMicroelectronics
A22H165 STMICROELECTRONICS-A22H165 Datasheet
2Mb / 36P
   High-performance class-G stereo headphone amplifier
March 2014 Rev 1
logo
Texas Instruments
TPA6133A2 TI1-TPA6133A2_15 Datasheet
1Mb / 26P
[Old version datasheet]   138-mW DirectPath Stereo Headphone Amplifier
TPA6133A2 TI1-TPA6133A2_17 Datasheet
1Mb / 26P
[Old version datasheet]   138-mW DirectPath Stereo Headphone Amplifier
logo
STMicroelectronics
TS4621ML STMICROELECTRONICS-TS4621ML Datasheet
2Mb / 40P
   High-performance class-G stereo headphone amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com