Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TPA6135A2RTER Fiches technique(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
No de pièce TPA6135A2RTER
Description  DIRECTPATH??Stereo Headphone Amplifier
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI - Texas Instruments

TPA6135A2RTER Fiches technique(HTML) 11 Page - Texas Instruments

Back Button TPA6135A2RTER Datasheet HTML 7Page - Texas Instruments TPA6135A2RTER Datasheet HTML 8Page - Texas Instruments TPA6135A2RTER Datasheet HTML 9Page - Texas Instruments TPA6135A2RTER Datasheet HTML 10Page - Texas Instruments TPA6135A2RTER Datasheet HTML 11Page - Texas Instruments TPA6135A2RTER Datasheet HTML 12Page - Texas Instruments TPA6135A2RTER Datasheet HTML 13Page - Texas Instruments TPA6135A2RTER Datasheet HTML 14Page - Texas Instruments TPA6135A2RTER Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 22 page
background image
APPLICATION INFORMATION
APPLICATION CIRCUIT
TPA2012D2
INR+
INR-
INL+
INL-
PGND
SGND
OUTR
HPVSS
CPP
CPN
VDD
HPVDD
OUTL
VBAT
ABB
TLV320AIC3104
OUTR+
OUTR–
OUTL+
OUTL–
INR+
INR-
INL+
INL-
OUTR
OUTL
HI-Z
ENABLE
EN
GAIN
GAIN
HI-Z
TPA6135A2
TLV320DAC32
TLV320AIC33
PCM1774
or
0.22 µFx4
2.2 µF
1 µF
1 F
µ
0.22 µFx4
2.2 µF
INR-
INR+
INL-
INL+
PGND
SGND
OUTR
HPVSS
CPP
CPN
VDD
HPVDD
OUTL
TPA6135A2
VBAT
RIGHTIN
LEFTIN
EN
ENABLE
HI-Z
GAIN
GAIN
HI-Z
1 µF
2.2 µF
2.2 µF
1 µF
1 µF
1 µF
TPA6135A2
www.ti.com .................................................................................................................................................. SLOS623A – FEBRUARY 2009 – REVISED APRIL 2009
Figure 24. Typical Application Configuration with Differential Input Signals
Figure 25. Typical Application Configuration with Single-Ended Input Signals
Copyright © 2009, Texas Instruments Incorporated
11
Product Folder Link(s) :TPA6135A2


Numéro de pièce similaire - TPA6135A2RTER

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPA6130A2 TI-TPA6130A2 Datasheet
1Mb / 26P
[Old version datasheet]   138-mW DIRECTPATH STEREO HEADPHONE AMPLIFIER WITH I2C VOLUME CONTROL
TPA6130A2 TI-TPA6130A2 Datasheet
1Mb / 29P
[Old version datasheet]   138-mW DIRECTPATH STEREO HEADPHONE AMPLIFIER WITH I2C VOLUME CONTROL
logo
TEXAS ADVANCED OPTOELEC...
TPA6130A2 TAOS-TPA6130A2 Datasheet
1Mb / 28P
   138-mW DIRECTPATH??STEREO HEADPHONE AMPLIFIER WITH I2C VOLUME CONTROL
logo
Texas Instruments
TPA6130A2 TI1-TPA6130A2 Datasheet
1Mb / 39P
[Old version datasheet]   Stereo Headphone Amplifier
TPA6130A2 TI1-TPA6130A2 Datasheet
1Mb / 39P
[Old version datasheet]   138-mW DIRECTPATH Stereo Headphone Amplifier with I2C Volume Control
More results

Description similaire - TPA6135A2RTER

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPA6141A2YFFR TI1-TPA6141A2YFFR Datasheet
970Kb / 23P
[Old version datasheet]   CLASS-G DIRECTPATH STEREO HEADPHONE AMPLIFIER
TPA6133A2 TI1-TPA6133A2 Datasheet
1Mb / 18P
[Old version datasheet]   138-mW DIRECTPATH STEREO HEADPHONE AMPLIFIER
TPA6141A2 TI-TPA6141A2 Datasheet
448Kb / 18P
[Old version datasheet]   CLASS-G DIRECTPATH??STEREO HEADPHONE AMPLIFIER
TPA6133A2 TI1-TPA6133A2_14 Datasheet
1Mb / 19P
[Old version datasheet]   138-mW DIRECTPATH??STEREO HEADPHONE AMPLIFIER
TPA6133A2 TI1-TPA6133A2_15 Datasheet
1Mb / 26P
[Old version datasheet]   138-mW DirectPath Stereo Headphone Amplifier
TPA6133A2 TI1-TPA6133A2_17 Datasheet
1Mb / 26P
[Old version datasheet]   138-mW DirectPath Stereo Headphone Amplifier
TPA6133A2 TI-TPA6133A2_15 Datasheet
1Mb / 26P
[Old version datasheet]   TPA6133A2 138-mW DirectPath??Stereo Headphone Amplifier
logo
TEXAS ADVANCED OPTOELEC...
TPA6132A2 TAOS-TPA6132A2 Datasheet
1,001Kb / 22P
   25-mW DIRECTPATH??STEREO HEADPHONE AMPLIFIER WITH POP SUPPRESSION
logo
Texas Instruments
TPA6132A2 TI1-TPA6132A2_17 Datasheet
1Mb / 28P
[Old version datasheet]   25-mW DirectPath Stereo Headphone Amplifier With Pop Suppression
TPA6136A2 TI-TPA6136A2 Datasheet
921Kb / 22P
[Old version datasheet]   25-mW DIRECTPATH STEREO HEADPHONE AMPLIFIER WITH POP SUPPRESSION
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com