Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

FWSF-OADM-1-51 Fiches technique(PDF) 1 Page - Finisar Corporation.

No de pièce FWSF-OADM-1-51
Description  CWDM OADM-1 Plug-in Module
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  FINISAR [Finisar Corporation.]
Site Internet  http://www.finisar.com/home.php
Logo FINISAR - Finisar Corporation.

FWSF-OADM-1-51 Fiches technique(HTML) 1 Page - Finisar Corporation.

  FWSF-OADM-1-51 Datasheet HTML 1Page - Finisar Corporation. FWSF-OADM-1-51 Datasheet HTML 2Page - Finisar Corporation. FWSF-OADM-1-51 Datasheet HTML 3Page - Finisar Corporation.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
F i n i s a r
Features:
The Finisar OADM-1 plug-in module is a passive optical add/drop multiplexer
designed for metro access applications that represents the state of the art in fiber
optics design. The OADM-1 plug-in module adds/drops two CWDM channels of the
same wavelength from network traffic and passes the other channels. Finisar's
unique CWDM design maps the two added/dropped channels into separate two-fiber
paths, going in opposite directions into the network (East/West).
Added/dropped channels are interfaced to any of Finisar's CWDM transceivers on
the equipment side. A grid of eight CWDM wavelengths is available from Finisar. The
OADM-1 Plug-in Module plugs into one half of a 1RU, 19" rack mount chassis for
simple installation and modularity. This Chassis based system allows a network
equipment manufacturer to add WDM capability to any existing network device.
The equipment ports of the OADM-1 plug-in module are color coded to match the
wavelength of Finisar's CWDM transceiver. This allows ease of installation and
trouble shooting without having to remove the transceiver from the local equipment.
The Finisar OADM-1 plug-in module delivers dramatic cost savings to network
equipment manufacturers, enabling them to develop metro access systems that are
lower in cost, easier to provision and simpler to operate.
CWDM OADM-1
Plug-in Module
● Low Optical
Insertion Loss
● Cost-effective
CWDM technology
● Adds/drops one
Wavelength
● Dual SC or LC
connectors for
interfacing
● Color Coded for
ease of installation
● Reliable passive
WDM optical
Technology
● Scales easily for
ring networks
● Low-profile
modular design
● Fits in 1RU 19”
rack mount chassis
● Compliance with
RoHS
OADM-1 Plug-in Module
Specifications
Optical
Center wavelengths:
(8 versions):
• 1471 nm
• 1491 nm
• 1511 nm
• 1531 nm
• 1551 nm
• 1571 nm
• 1591 nm
• 1611 nm
Directivity:
≥ 55 dB
Return Loss:
≥ 45 dB
Passband Ripple:
≤ 0.5dB
PDL:
≤ 0.15dB
PMD:
≤ 0.2ps
Environmental:
•Operating 0 to 70ºC
• Relative humidity:
10 to 85%,
non-condensing
•Storage - 40 to 85ºC
Mechanical
Dimensions:
8.3” x 1.7” x 10.4”,
210mm x 43mm x 264mm,
plug-in for 1RU rack-mount
Connectors:
• Network side: 2 dual SC/PC
or LC/PC
• Equipment side: 2 dual SC/PC
or LC/PC
Finisar Shanghai Inc.
No. 66 Huiqing Rd., East Zhangjiang Hi-Tech Park, Shanghai,
China 201201
Main: +86-21-38559200
Fax: +86-21-68919894
Website: www.finisar.com
Finisar Corporation
1308 Moffett Park Drive, Sunnyvale, CA 94089-1133, USA
Main: (408) 548-1000 Fax: (408)543-0083
Email: sales@finisar.com
Website: www.finisar.com
Jan. 09 Rev. C


Numéro de pièce similaire - FWSF-OADM-1-51

FabricantNo de pièceFiches techniqueDescription
logo
Finisar Corporation.
FWSF-OADM-4-1 FINISAR-FWSF-OADM-4-1 Datasheet
218Kb / 3P
   CWDM OADM-4 Plug-in Module
FWSF-OADM-4-1-LC FINISAR-FWSF-OADM-4-1-LC Datasheet
218Kb / 3P
   CWDM OADM-4 Plug-in Module
FWSF-OADM-4-2 FINISAR-FWSF-OADM-4-2 Datasheet
218Kb / 3P
   CWDM OADM-4 Plug-in Module
FWSF-OADM-4-2-LC FINISAR-FWSF-OADM-4-2-LC Datasheet
218Kb / 3P
   CWDM OADM-4 Plug-in Module
FWSF-OADM-W FINISAR-FWSF-OADM-W Datasheet
270Kb / 2P
   CWDM OADM-4 w/TAP Plug-in Module
More results

Description similaire - FWSF-OADM-1-51

FabricantNo de pièceFiches techniqueDescription
logo
Finisar Corporation.
FWSF-OADM-4-1 FINISAR-FWSF-OADM-4-1 Datasheet
218Kb / 3P
   CWDM OADM-4 Plug-in Module
OADMF-1-47-LC FINISAR-OADMF-1-47-LC Datasheet
111Kb / 2P
   CWDM OADM-1 Optibox Module
FWSF-OADM-W-TAP-4B-1-LC FINISAR-FWSF-OADM-W-TAP-4B-1-LC Datasheet
169Kb / 2P
   CWDM OADM-4 w/TAP Plug-in Module
FWSF-OADM-W FINISAR-FWSF-OADM-W Datasheet
270Kb / 2P
   CWDM OADM-4 w/TAP Plug-in Module
OADMF-4-1-LC FINISAR-OADMF-4-1-LC Datasheet
113Kb / 2P
   CWDM OADM-4 Optibox Module
logo
JDS Uniphase Corporatio...
MDX-02ADCB1AA JDSU-MDX-02ADCB1AA Datasheet
127Kb / 4P
   Outside Plant CWDM Optical Add/Drop (OSP CWDM OADM)Module
logo
OPLINK Communications I...
COADMG OPLINK-COADMG Datasheet
291Kb / 2P
   Single Channel CWDM OADM
CWDMG OPLINK-CWDMG Datasheet
188Kb / 2P
   Single Channel CWDM OADM
COADMG_2X2-S0006 OPLINK-COADMG_2X2-S0006 Datasheet
291Kb / 2P
   Green Single Channel CWDM OADM
logo
Finisar Corporation.
FWSF-M-D-1550-CWDM FINISAR-FWSF-M-D-1550-CWDM Datasheet
183Kb / 2P
   1550/CWDM MUX/DEMUX Plug-in Module
More results


Html Pages

1 2 3


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com