Moteur de recherche de fiches techniques de composants électroniques |
|
SN74ALS163B Fiches technique(PDF) 8 Page - Texas Instruments |
|
|
SN74ALS163B Fiches technique(HTML) 8 Page - Texas Instruments |
8 / 14 page SN54ALS161B, SN54ALS162B, SN54ALS163B, SN54AS161, SN54AS163 SN74ALS161B, SN74ALS163B, SN74AS161, SN74AS163 SYNCHRONOUS 4-BIT DECADE AND BINARY COUNTERS SDAS276 – DECEMBER 1994 8 POST OFFICE BOX 655303 • DALLAS, TEXAS 75265 electrical characteristics over recommended operating free-air temperature range (unless otherwise noted) PARAMETER TEST CONDITIONS SN54ALS161B SN54ALS162B SN54ALS163B SN74ALS161B SN74ALS163B UNIT MIN TYP† MAX MIN TYP† MAX VIK VCC = 4.5 V, II = – 18 mA – 1.5 – 1.5 V VOH VCC = 4.5 V to 5.5 V, IOH = – 0.4 mA VCC –2 VCC –2 V VOL VCC =4 5V IOL = 4 mA 0.25 0.4 0.25 0.4 V VOL VCC = 4.5 V IOL = 8 mA 0.35 0.5 V II VCC = 5.5 V, VI = 7 V 0.1 0.1 mA IIH VCC = 5.5 V, VI = 2.7 V 20 20 µA IIL VCC = 5.5 V, VI = 0.4 V – 0.2 – 0.2 mA IO‡ VCC = 5.5 V, VO = 2.25 V –20 –112 –30 –112 mA ICC VCC = 5.5 V 12 21 12 21 mA † All typical values are at VCC = 5 V, TA = 25°C. ‡ The output conditions have been chosen to produce a current that closely approximates one half of the true short-circuit output current, IOS. switching characteristics (see Figure 3) PARAMETER FROM (INPUT) TO (OUTPUT) VCC = 4.5 V to 5.5 V, CL = 50 pF, RL = 500 Ω, TA = MIN to MAX§ UNIT (INPUT) (OUTPUT) SN54ALS161B SN74ALS161B MIN MAX MIN MAX fmax 22 40 MHz tPLH CLK RCO 5 34 5 20 ns tPHL CLK RCO 5 27 5 20 ns tPLH CLK Any Q 4 19 4 15 ns tPHL CLK Any Q 6 25 6 20 ns tPLH ENT RCO 3 18 3 13 ns tPHL ENT RCO 3 17 3 13 ns tPHL CLR Any Q 8 27 8 24 ns tPHL CLR RCO 11 32 11 23 ns § For conditions shown as MIN or MAX, use the appropriate value specified under recommended operating conditions. |
Numéro de pièce similaire - SN74ALS163B |
|
Description similaire - SN74ALS163B |