Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SN74AS1000A Fiches technique(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
No de pièce SN74AS1000A
Description  QUADRUPLE 2-INPUT POSITIVE-NAND BUFFERS/DRIVERS
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI - Texas Instruments

SN74AS1000A Fiches technique(HTML) 3 Page - Texas Instruments

  SN74AS1000A Datasheet HTML 1Page - Texas Instruments SN74AS1000A Datasheet HTML 2Page - Texas Instruments SN74AS1000A Datasheet HTML 3Page - Texas Instruments SN74AS1000A Datasheet HTML 4Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
SN54AS1000A, SN74AS1000A
QUADRUPLE 2-INPUT POSITIVE-NAND DRIVERS
SDAS056A – D2661, APRIL 1984 – REVISED MAY 1986
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
3
absolute maximum ratings over operating free-air temperature range (unless otherwise noted)
Supply voltage, VCC
7 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Input voltage
7 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Operating free-air temperature range:
SN54AS1000A
– 55
°C to 125°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . .
SN74AS1000A
0
°C to 70°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Storage temperature range
– 65
°C to 150°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
recommended operating conditions
SN54AS1000A
SN74AS1000A
UNIT
MIN
NOM
MAX
MIN
NOM
MAX
UNIT
VCC
Supply voltage
4.5
5
5.5
4.5
5
5.5
V
VIH
High-level input voltage
2
2
V
VIL
Low-level input voltage
0.8
0.8
V
IOH
High-level output current
–40
–48
mA
IOL
Low-level output current
40
48
mA
TA
Operating free-air temperature
–55
125
0
70
°C
electrical characteristics over recommended operating-free-air temperature range (unless
otherwise noted)
PARAMETER
TEST CONDITIONS
SN54AS1000A
SN74AS1000A
UNIT
PARAMETER
TEST CONDITIONS
MIN
TYP†
MAX
MIN
TYP†
MAX
UNIT
VIK
VCC = 4.5 V,
II = – 18 mA
– 1.2
– 1.2
V
VCC = 4.5 V to 5.5 V,
IOH = – 2 mA
VCC –2
VCC –2
VOH
VCC = 4.5 V,
IOH = – 3 mA
2.4
3.2
2.4
3.2
V
VOH
VCC = 4.5 V,
IOH = – 40 mA
2
V
VCC = 4.5 V,
IOL = – 48 mA
2
VOL
VCC = 4.5 V,
IOL = 40 mA
0.25
0.5
V
VOL
VCC = 4.5 V,
IOL = 48 mA
0.35
0.5
V
II
VCC = 5.5 V,
VI = 7 V
0.1
0.1
mA
IIH
VCC = 5.5 V,
VI = 2.7 V
20
20
µA
IIL
VCC = 5.5 V,
VI = 0.4 V
– 0.5
– 0.5
mA
IO†
VCC = 5.5 V,
VO = 2.25 V
–30
– 200
–30
–200
mA
ICCH
VCC = 5.5 V,
VI = 0 V
2.2
3.5
2.2
3.5
mA
ICCL
VCC = 5.5 V,
VI = 4.5 V
12
19
12
19
mA
† All typical values are at VCC = 5 V, TA = 25°C.
‡ The output conditions have been chosen to produce a current that closely approximates one half of the true short-circuit output current, IOS.
switching characteristics (see Note 1)
VCC = 4.5 V to 5.5 V,
CL = 50 pF,
PARAMETER
FROM
TO
RL = 500 Ω,
UNIT
PARAMETER
(INPUT)
(OUTPUT)
TA = MIN to MAX
UNIT
SN54AS1000A
SN74AS1000A
MIN
MAX
MIN
MAX
tPLH
A or B
Y
1
5
1
4
ns
tPHL
A or B
Y
1
5
1
4
ns
NOTE 1: Load circuit and voltage waveforms are shown in Section 1.


Numéro de pièce similaire - SN74AS1000A

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
SN74AS1000A TI-SN74AS1000A Datasheet
80Kb / 5P
[Old version datasheet]   QUADRUPLE 2-INPUT POSITIVE-NAND BUFFERS/DRIVERS
SN74AS1000A TI1-SN74AS1000A Datasheet
983Kb / 16P
[Old version datasheet]   QUADRUPLE 2-INPUT POSITIVE-NAND BUFFERS/DRIVERS
SN74AS1000AD TI-SN74AS1000AD Datasheet
80Kb / 5P
[Old version datasheet]   QUADRUPLE 2-INPUT POSITIVE-NAND BUFFERS/DRIVERS
SN74AS1000AD TI1-SN74AS1000AD Datasheet
983Kb / 16P
[Old version datasheet]   QUADRUPLE 2-INPUT POSITIVE-NAND BUFFERS/DRIVERS
SN74AS1000ADE4 TI1-SN74AS1000ADE4 Datasheet
983Kb / 16P
[Old version datasheet]   QUADRUPLE 2-INPUT POSITIVE-NAND BUFFERS/DRIVERS
More results

Description similaire - SN74AS1000A

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
SN54AS1000A TI-SN54AS1000A Datasheet
80Kb / 5P
[Old version datasheet]   QUADRUPLE 2-INPUT POSITIVE-NAND BUFFERS/DRIVERS
SN54AS1000A TI1-SN54AS1000A_15 Datasheet
983Kb / 16P
[Old version datasheet]   QUADRUPLE 2-INPUT POSITIVE-NAND BUFFERS/DRIVERS
SN54F37 TI-SN54F37 Datasheet
145Kb / 4P
[Old version datasheet]   QUADRUPLE 2-INPUT POSITIVE-NAND BUFFERS
logo
Renesas Technology Corp
HD74LS37 RENESAS-HD74LS37 Datasheet
57Kb / 5P
   Quadruple 2-input Positive NAND Buffers
logo
Texas Instruments
SN54ALS37A TI-SN54ALS37A Datasheet
80Kb / 5P
[Old version datasheet]   QUADRUPLE 2-INPUT POSITIVE-NAND BUFFERS
SN54F38 TI1-SN54F38_08 Datasheet
84Kb / 5P
[Old version datasheet]   QUADRUPLE 2-INPUT POSITIVE-NAND BUFFERS
SN5437 TI-SN5437 Datasheet
249Kb / 7P
[Old version datasheet]   QUADRUPLE 2-INPUT POSITIVE-NAND BUFFERS
logo
Hitachi Semiconductor
HD74LS37 HITACHI-HD74LS37 Datasheet
45Kb / 5P
   Quadruple 2-input Positive NAND Buffers
logo
Texas Instruments
SN74LS37NSR TI1-SN74LS37NSR Datasheet
971Kb / 19P
[Old version datasheet]   QUADRUPLE 2-INPUT POSITIVE-NAND BUFFERS
SN74AS1032ADR TI1-SN74AS1032ADR Datasheet
432Kb / 12P
[Old version datasheet]   QUADRUPLE 2-INPUT POSITIVE-OR BUFFERS/DRIVERS
More results


Html Pages

1 2 3 4


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com