Moteur de recherche de fiches techniques de composants électroniques |
|
DAC-HK12BMC Fiches technique(PDF) 3 Page - Murata Power Solutions Inc. |
|
DAC-HK12BMC Fiches technique(HTML) 3 Page - Murata Power Solutions Inc. |
3 / 4 page Digital-to-Analog Converters DAC-HK Series ® ® 6.3k Ω REFERENCE OUT 24 BIPOLAR OFFSET 17 6.3V REF. 21 15 20 SUMMING JUNCTION GROUND VOLTAGE OUTPUT 5k Ω IOUT FULL SCALE IOUT = 2mA 5k Ω 5k Ω 18 19 10V RANGE 20V RANGE Figure 3. Output Circuit CONNECTION DIAGRAMS 2.2M Ω 13 14 15 16 17 18 19 20 21 22 23 24 +15V 100k ZERO ADJUST 12 11 10 9 8 7 6 5 4 3 2 1 1µF 1µF OUT (O TO +10V) +5V –15V 100k GAIN ADJUST 1µF 0.01µF 2.8M Ω LOAD BIT 12 11 10 9 8 7 6 5 4 3 2 1 LSB MSB DATA IN Figure 5. Bipolar Operation (±5V) Figure 4. Unipolar Operation (0 to +10V) DAC-HK12B 0 LOAD 0 DAC-HK12B 1 LOAD 1 01 STROBE ADDRESS DAC-HK12B N LOAD N N • • • • • • ADDRESS DECODER • • • • • • • • • • • • • • • • • • • • • LOAD HI BYTE LOAD LO BYTE A0 WRITE STROBE 8 BIT DATA BUS ADDRESS AN A1 • • • • • • • • • • • ADDRESS DECODER 01 N DAC-HK12B 0 LSB's MSB's LOAD 0 DAC-HK12B 1 LSB's MSB's LOAD 1 DAC-HK12B N LSB's MSB's LOAD N • • • • • • • • • • • • • • • • • • • TEMPORARY STORAGE REGISTER APPLICATIONS Figure 7. Interfacing to 8-Bit Data Bus Figure 6. Interfacing to ≥≥≥≥≥12-Bit Data Bus 2.2M Ω 13 14 15 16 17 18 19 20 21 22 23 24 +15V 100k ZERO ADJUST 12 11 10 9 8 7 6 5 4 3 2 1 1µF 1µF OUT (–5 TO +5V) +5V –15V 100k GAIN ADJUST 1µF 0.01µF 2.8M Ω LOAD BIT 12 11 10 9 8 7 6 5 4 3 2 1 LSB MSB DATA IN |
Numéro de pièce similaire - DAC-HK12BMC |
|
Description similaire - DAC-HK12BMC |