Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

KDC_NMT Fiches technique(PDF) 3 Page - Murata Manufacturing Co., Ltd.

No de pièce KDC_NMT
Description  Triple Output 3W DC/DC Converters
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MURATA [Murata Manufacturing Co., Ltd.]
Site Internet  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

KDC_NMT Fiches technique(HTML) 3 Page - Murata Manufacturing Co., Ltd.

  KDC_NMT Datasheet HTML 1Page - Murata Manufacturing Co., Ltd. KDC_NMT Datasheet HTML 2Page - Murata Manufacturing Co., Ltd. KDC_NMT Datasheet HTML 3Page - Murata Manufacturing Co., Ltd. KDC_NMT Datasheet HTML 4Page - Murata Manufacturing Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
KDC_NMTC.E02 Page 3 of 4
Technical enquiries - email: mk@murata-ps.com, tel: +44 (0)1908 615232
www.murata-ps.com
NMT Series
Triple Output 3W DC/DC Converters
APPLICATION NOTES
RIPPLE SPECIFICATION
The output ripple for the NMT series is higher than standard for a Murata Power Solutions DC/DC converter.
This is due to using low value ceramic capacitors internally for longer life perfomance of the component and
the superimposition of ripples between each output channel. Consequently with a maximum 400mV ripple per
output channel, at -72V the ripple is potentially three times this value (1.2V). The ripple will always be additively
superimposed since the output windings are synchronized.
To reduce ripple, external capacitors are recommended with a value of 1μF per channel (see figure 1). This
typically reduces the ripple to 50mV per channel. Further ripple reduction can be achieved by use of series
inductors on each output channel plus additional external capacitors to form a pi-filter with the internal capaci-
tors of the device.
SLIC CIRCUITS
The primary application for the NMT series is in subscriber line interface circuits (SLIC’s), particularly for the
Integrated Services Digital Network (ISDN). The NMT can also be used in standard telecommunications circuits
where a local power source is preferred to the telephone system power due to either the power quality of the
telecommunications system power supply or to avoid potential power line disturbances, such as lightening
strikes and access switching, which will effect the target circuit function.
Another application area is in fibre-in-the-loop (FITL) or radio-in-the-loop (RITL) interfacing via a standard tele-
communication SLIC, where the usual telecommunication battery voltage is not available due to the transmis-
sion media in use (fibre or radio). In particular, FITL/RITL interfaces directly on PC cards, in local monitor and
boost circuits and at exchanges between the fibre/radio and wire media.
The supply rails can be used for ringing generators as well as SLIC circuits or where both are combined, such as
in the AMD AM79R79 Ringing SLIC device (see figure 2). The -72V rail is used primarily for the generation of the
ringing signal (VBAT1), the -48V rail is used to supply in line access circuitry (VBAT2) and the -24V supply for the
on-chip regulator for the logic interface (VNEG). Alternative devices from other manufacturers could use the -24V
output for their internal circuit supply and -72V for ringing.
TECHNICAL NOTES
ISOLATION VOLTAGE
‘Hi Pot Test’, ‘Flash Tested’, ‘Withstand Voltage’, ‘Proof Voltage’, ‘Dielectric Withstand Voltage’ & ‘Isolation Test Voltage’ are all terms that relate to the same thing, a test voltage,
applied for a specified time, across a component designed to provide electrical isolation, to verify the integrity of that isolation.
Murata Power Solutions NMT series of DC/DC converters are all 100% production tested at their stated isolation voltage. This is 1kVDC for 1 second.
A question commonly asked is, “What is the continuous voltage that can be applied across the part in normal operation?”
For a part holding no specific agency approvals, such as the NMT series, both input and output should normally be maintained within SELV limits i.e. less than 42.4V peak, or
60VDC. The isolation test voltage represents a measure of immunity to transient voltages and the part should never be used as an element of a safety isolation system. The part
could be expected to function correctly with several hundred volts offset applied continuously across the isolation barrier; but then the circuitry on both sides of the barrier must
be regarded as operating at an unsafe voltage and further isolation/insulation systems must form a barrier between these circuits and any user-accessible circuitry according to
safety standard requirements.
REPEATED HIGH-VOLTAGE ISOLATION TESTING
It is well known that repeated high-voltage isolation testing of a barrier component can actually degrade isolation capability, to a lesser or greater degree depending on materials,
construction and environment. The NMT series has toroidal isolation transformers, with no additional insulation between primary and secondary windings of enameled wire. While
parts can be expected to withstand several times the stated test voltage, the isolation capability does depend on the wire insulation. Any material, including this enamel (typically
polyurethane) is susceptible to eventual chemical degradation when subject to very high applied voltages thus implying that the number of tests should be strictly limited. We
therefore strongly advise against repeated high voltage isolation testing, but if it is absolutely required, that the voltage be reduced by 20% from specified test voltage.
This consideration equally applies to agency recognized parts rated for better than functional isolation where the wire enamel insulation is always supplemented by a further
insulation system of physical spacing or barriers.
Figure 1. VOUT3 Output Ripple
Top: No external capacitors
Bottom: 1μF per channel external capacitors
Figure 2. Supply for Ringing SLIC Device


Numéro de pièce similaire - KDC_NMT

FabricantNo de pièceFiches techniqueDescription
logo
Murata Manufacturing Co...
KDC_NMD MURATA-KDC_NMD Datasheet
140Kb / 4P
   Isolated 1W Twin Output DC/DC Converters
KDC_NMG MURATA-KDC_NMG Datasheet
138Kb / 4P
   Isolated 2W Single Output DC/DC Converters
KDC_NMJ MURATA-KDC_NMJ Datasheet
155Kb / 6P
   5.2kVDC Isolated 1W DC/DC Converters
KDC_NMK MURATA-KDC_NMK Datasheet
153Kb / 5P
   3kVDC Isolated 2W Single & Dual Output DC/DC Converters
More results

Description similaire - KDC_NMT

FabricantNo de pièceFiches techniqueDescription
logo
C&D Technologies
NMT CANDD-NMT Datasheet
143Kb / 2P
   Triple Output 3W DC-DC Converters
logo
Toppower Electronic Tec...
TPT TOPPOWER-TPT Datasheet
596Kb / 3P
   3W 1.5KVDC Isolated Triple Output DC/DC Converters
TPT TOPPOWER-TPT_17 Datasheet
409Kb / 3P
   3W 1.5KVDC Isolated Triple Output DC/DC Converters
TPT TOPPOWER-TPT_V01 Datasheet
729Kb / 3P
   3W 1.5KVDC Isolated Triple Output DC/DC Converters
logo
Murata Manufacturing Co...
KDC_NDTS MURATA-KDC_NDTS Datasheet
158Kb / 6P
   Isolated 3W Single Output DC/DC Converters
logo
Microdc power Technolog...
3B-XES MICRODC-3B-XES Datasheet
331Kb / 2P
   Isolated 3W Single Output DC/DC Converters
logo
Murata Manufacturing Co...
NDH2415SC MURATA-NDH2415SC Datasheet
113Kb / 4P
   Isolated 3W Dual Output DC/DC Converters
TWR30W MURATA-TWR30W Datasheet
175Kb / 5P
   30W, Triple Output DC/DC Converters
MEE3S0509SC MURATA-MEE3S0509SC Datasheet
209Kb / 5P
   1kVDC Isolated 3W Single Output DC/DC Converters
logo
MicroPower Direct, LLC
MD300S MPD-MD300S Datasheet
199Kb / 2P
   Miniature 3W Single Output SIP DC/DC Converters
More results


Html Pages

1 2 3 4


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com