Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

FW70W-101-KB Fiches technique(PDF) 1 Page - RCD COMPONENTS INC.

No de pièce FW70W-101-KB
Description  FLAT POWER WIREWOUND RESISTORS, 40 - 450 WATT
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  RCD [RCD COMPONENTS INC.]
Site Internet  http://www.rcdcomponents.com
Logo RCD - RCD COMPONENTS INC.

FW70W-101-KB Fiches technique(HTML) 1 Page - RCD COMPONENTS INC.

  FW70W-101-KB Datasheet HTML 1Page - RCD COMPONENTS INC.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
1 Available as low as 0.05
Ω on special order.
High power flat wound construction, low cost!
Unique oval-shaped ceramic core construction offers a low
profile body for minimal height installation. Available in a wide
range of power ratings from 40W to 450W. Feature all-welded
construction and integral mounting brackets, allows stackable
mounting configurations for increased power ratings. Series
FWE (edgewound) offers highest size-to-power ratio making it
ideally suited for load testing, power distribution, high power
instrumentation, etc.
Widest range in the industry!
Stackable, low profile design
High power-to-size ratio
Flameproof silicone coating (UL-94V0)
Tapped versions, custom sizes and terminations avail.
FLAT POWER WIREWOUND RESISTORS, 40 - 450 WATT
SPECIFICATIONS
OPTIONS
Option X: Non-inductive
Option EQ: 24-hour burn-in at full rated power
Option 22: 22mm stand-off height
FW SERIES - Wirewound
FWE SERIES - Edgewound
D
C
R
e
p
y
T
e
g
a
t
t
a
W
C
°
5
2
@
e
c
n
a
t
s
i
s
e
R
e
g
n
a
R
1
)
()
( )
( )
()
(
AB
C
D
E
F
0
4
W
FW
0
4K
5
-
1
.
0]
3
8
[
6
2
.
3]
0
7
[
5
7
.
2]
0
5
[
7
9
.
1]
9
2
[
4
1
.
1]
7
.
2
1
[
5
.]
7
[
7
2
.
5
5
W
FW
5
5K
6
-
1
.
0]
3
2
1
[
4
8
.
4]
0
1
1
[
3
3
.
4]
0
9
[
4
5
.
3]
9
2
[
4
1
.
1]
7
.
2
1
[
5
.]
7
[
7
2
.
0
7
W
FW
0
7K
7
-
1
.
0]
3
5
1
[
0
.
6]
0
4
1
[
5
.
5]
0
2
1
[
2
7
.
4]
9
2
[
4
1
.
1]
7
.
2
1
[
5
.]
7
[
7
2
.
5
9
W
FW
5
9K
0
1
-
1
.
0]
3
8
1
[
2
.
7]
0
7
1
[
9
6
.
6]
0
5
1
[
9
.
5]
9
2
[
4
1
.
1]
7
.
2
1
[
5
.]
7
[
7
2
.
0
2
1
W
FW
0
2
1K
5
1
-
1
.
0]
8
1
2
[
8
5
.
8]
5
0
2
[
7
0
.
8]
5
8
1
[
8
2
.
7]
9
2
[
4
1
.
1]
7
.
2
1
[
5
.]
7
[
7
2
.
0
5
1
W
FW
0
5
1K
8
1
-
1
.
0]
8
1
2
[
8
5
.
8]
5
0
2
[
7
0
.
8]
5
8
1
[
8
2
.
7]
6
3
[
2
4
.
1]
5
.
3
1
[
3
5
.]
9
[
5
3
.
0
0
2
W
FW
0
0
2K
5
2
-
1
.
0]
3
4
2
[
6
5
.
9]
0
3
2
[
5
0
.
9]
0
1
2
[
6
2
.
8]
6
3
[
2
4
.
1]
5
.
3
1
[
3
5
.]
9
[
5
3
.
0
5
2
W
FW
0
5
2K
0
3
-
1
.
0]
7
8
2
[
9
2
.
1
1]
4
7
2
[
8
7
.
0
1]
4
5
2
[
0
.
0
1]
6
3
[
2
4
.
1]
5
.
3
1
[
3
5
.]
9
[
5
3
.
0
0
3
W
FW
0
0
3K
5
3
-
1
.
0]
3
3
3
[
1
1
.
3
1]
0
2
3
[
6
.
2
1]
0
0
3
[
8
.
1
1]
6
3
[
2
4
.
1]
5
.
3
1
[
3
5
.]
9
[
5
3
.
0
6
E
W
FW
0
60
.
4
-
0
.
1]
3
8
[
6
2
.
3]
0
7
[
5
7
.
2]
0
5
[
7
9
.
1]
9
2
[
4
1
.
1]
7
.
2
1
[
5
.]
7
[
7
2
.
0
8
E
W
FW
0
80
.
5
-
0
.
1]
3
2
1
[
4
8
.
4]
0
1
1
[
3
3
.
4]
0
9
[
4
5
.
3]
9
2
[
4
1
.
1]
7
.
2
1
[
5
.]
7
[
7
2
.
0
0
1
E
W
FW
0
0
10
.
7
-
0
.
1]
3
5
1
[
0
.
6]
0
4
1
[
5
.
5]
0
2
1
[
2
7
.
4]
9
2
[
4
1
.
1]
7
.
2
1
[
5
.]
7
[
7
2
.
0
4
1
E
W
FW
0
4
10
.
9
-
0
.
1]
3
8
1
[
2
.
7]
0
7
1
[
9
6
.
6]
0
5
1
[
9
.
5]
9
2
[
4
1
.
1]
7
.
2
1
[
5
.]
7
[
7
2
.
0
8
1
E
W
FW
0
8
10
.
2
1
-
0
.
1]
8
1
2
[
8
5
.
8]
5
0
2
[
7
0
.
8]
5
8
1
[
8
2
.
7]
9
2
[
4
1
.
1]
7
.
2
1
[
5
.]
7
[
7
2
.
5
2
2
E
W
FW
5
2
20
.
5
1
-
0
.
1]
8
1
2
[
8
5
.
8]
5
0
2
[
7
0
.
8]
5
8
1
[
8
2
.
7]
6
3
[
2
4
.
1]
5
.
3
1
[
3
5
.]
9
[
5
3
.
0
0
3
E
W
FW
0
0
30
.
0
2
-
0
.
1]
3
4
2
[
6
5
.
9]
0
3
2
[
5
0
.
9]
0
1
2
[
6
2
.
8]
6
3
[
2
4
.
1]
5
.
3
1
[
3
5
.]
9
[
5
3
.
5
7
3
E
W
FW
5
7
30
.
5
2
-
0
.
1]
7
8
2
[
9
2
.
1
1]
4
7
2
[
8
7
.
0
1]
4
5
2
[
0
.
0
1]
6
3
[
2
4
.
1]
5
.
3
1
[
3
5
.]
9
[
5
3
.
0
5
4
E
W
FW
0
5
40
.
0
3
-
0
.
1]
3
3
3
[
1
1
.
3
1]
0
2
3
[
6
.
2
1]
0
0
3
[
1
8
.
1
1]
6
3
[
2
4
.
1]
5
.
3
1
[
3
5
.]
9
[
5
3
.
e
c
n
a
r
e
l
o
T
1
d
r
a
d
n
a
t
s
s
i
%
5
±
,
e
v
o
b
a
d
n
a
1
w
o
l
e
b
%
0
1
±
)
%
1
±
o
t
.
l
i
a
v
a
(
*
t
n
e
i
c
i
f
f
e
o
C
e
r
u
t
a
r
e
p
m
e
T
1
2
.
p
y
T
C
°
/
m
p
p
0
6
2
,
e
v
o
b
a
d
n
a
1
.
0
C
°
/
m
p
p
0
0
4
0
2
o
t
*
*
h
t
g
n
e
r
t
S
c
i
r
t
c
e
l
e
i
D
t
e
k
c
a
r
b
g
n
i
t
n
u
o
m
o
t
l
a
n
i
m
r
e
t
:
C
A
V
0
0
0
1
y
d
o
b
r
o
t
s
i
s
e
r
o
t
l
a
n
i
m
r
e
t
:
C
A
V
0
d
a
o
l
r
e
v
O.
c
e
s
5
r
o
f
r
e
w
o
p
d
e
t
a
r
x
0
1
g
n
i
t
a
r
e
DC
°
0
5
3
@
r
e
w
o
p
o
r
e
z
o
t
C
°
5
2
@
r
e
w
o
p
ll
u
F
*TC’s to 50ppm available **Increased dielectric strength available
FW SERIES
FWE SERIES (EDGEWOUND VERSION)
FA064A
Sale of this product is in accordance with GF-061. Specifications subject to change without notice.
RESISTORS CAPACITORS COILS DELAY LINES
Inch [mm]
C
B
A
0.205
[5.2]
0.16 [4.1] dia. 40W - 120W
0.20 [5.2] dia 150W - 300W
0.55 *
[14]
E
D
F
→ ←
0.48
[12]
C
B
A
0.205
[5.2]
0.16 [4.1] dia. 60W - 180W
0.20 [5.2] dia 225W - 450W
0.55 *
[14]
E
D
F
→ ←
0.7
[18]
RCD Components Inc, 520 E.Industrial Park Dr, Manchester, NH, USA 03109 rcdcomponents.com Tel: 603-669-0054 Fax: 603-669-5455 Email:sales@rcdcomponents.com
52
P/N DESIGNATION:
FW70
- 250 - J
B
W
RCD Type:
Options: X, EQ,22 (Leave blank if standard)
Tolerance: K=10% (std <1
Ω), J=5% (std ≥1Ω), H=3%, G=2%, F=1%
Packaging: B = Bulk (only)
Resis.Code 1%: 3 signif. figures & multiplier,
(R100=.1
Ω,1R00=1Ω,10R0=10Ω,1000=100Ω,1001=1KΩ
Resis.Code 2%-10%: 2 signif. figures & multiplier,
(R10=0.1
Ω, 1R0=1Ω,100=10Ω, 101=100Ω, 102=1K
Termination: W= Lead-free, Q= Tin/Lead (leave blank if either is acceptable)
*For 22mm (.87”) stand-off height instead of standard 14mm, specify option 22
RoHS
Term.W is
RoHS
compliant
& 260°C
compatible


Numéro de pièce similaire - FW70W-101-KB

FabricantNo de pièceFiches techniqueDescription
logo
Sanyo Semicon Device
FW705 SANYO-FW705 Datasheet
61Kb / 4P
   P-Channel Silicon MOSFET General-Purpose Switching Device Applications
FW707 SANYO-FW707 Datasheet
346Kb / 4P
   General-Purpose Switching Device Applications
logo
Bourns Electronic Solut...
FW70A BOURNS-FW70A Datasheet
598Kb / 4P
   Fusible Power Resistors
FW70A10R0JA BOURNS-FW70A10R0JA Datasheet
669Kb / 4P
   Fusible Power Resistors
FW70A4R70JA BOURNS-FW70A4R70JA Datasheet
669Kb / 4P
   Fusible Power Resistors
More results

Description similaire - FW70W-101-KB

FabricantNo de pièceFiches techniqueDescription
logo
Token Electronics Indus...
ZDR250W0R1H TOKEN-ZDR250W0R1H Datasheet
444Kb / 4P
   ZR Flat-Wirewound Power Resistors
logo
List of Unclassifed Man...
RP2W101JB ETC1-RP2W101JB Datasheet
60Kb / 3P
   POWER WIREWOUND RESISTORS
logo
RCD COMPONENTS INC.
RW3X-R015-GB RCD-RW3X-R015-GB Datasheet
40Kb / 1P
   ECONOMY WIREWOUND RESISTORS 1 WATT to 10 WATT
logo
Vishay Siliconix
OVSA VISHAY-OVSA Datasheet
112Kb / 3P
   Wirewound Resistors, Industrial Power, Tubular, Flat, Oval, Adjustable, OVSA
logo
RCD COMPONENTS INC.
T225X-R100-KB RCD-T225X-R100-KB Datasheet
44Kb / 1P
   TUBULAR WIREWOUND RESISTORS 12 WATT to 1300 WATT
210X-R10 RCD-210X-R10 Datasheet
43Kb / 1P
   MINIATURE WIREWOUND RESISTORS 1 WATT to 10 WATT
logo
Vishay Siliconix
OVSF VISHAY-OVSF Datasheet
111Kb / 3P
   Wirewound Resistors, Industrial Power, Tubular, Flat, Oval, Fixed, OVSF
logo
Ohmite Mfg. Co.
RWSERIES OHMITE-RWSERIES Datasheet
224Kb / 2P
   High Power SMD Wirewound Resistors 5 and 7 watt
logo
Vishay Siliconix
VNC VISHAY-VNC Datasheet
97Kb / 5P
   Vitreous Wirewound Power Resistors
logo
RCD COMPONENTS INC.
135X-R10 RCD-135X-R10 Datasheet
47Kb / 1P
   PRECISION POWER WIREWOUND RESISTORS SILICONE COATED 1/2 WATT TO 50 WATT
More results


Html Pages

1


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com