Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

M4S3U6ME4 Fiches technique(PDF) 7 Page - XP Power Limited

No de pièce M4S3U6ME4
Description  AC-DC Power Supplies
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  XPPOWER [XP Power Limited]
Site Internet  http://www.xppower.com
Logo XPPOWER - XP Power Limited

M4S3U6ME4 Fiches technique(HTML) 7 Page - XP Power Limited

Back Button M4S3U6ME4 Datasheet HTML 2Page - XP Power Limited M4S3U6ME4 Datasheet HTML 3Page - XP Power Limited M4S3U6ME4 Datasheet HTML 4Page - XP Power Limited M4S3U6ME4 Datasheet HTML 5Page - XP Power Limited M4S3U6ME4 Datasheet HTML 6Page - XP Power Limited M4S3U6ME4 Datasheet HTML 7Page - XP Power Limited M4S3U6ME4 Datasheet HTML 8Page - XP Power Limited M4S3U6ME4 Datasheet HTML 9Page - XP Power Limited M4S3U6ME4 Datasheet HTML 10Page - XP Power Limited  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
LP & LP-MD
Mechanical Details 350 Watt P4 & M4 Models
See Airflow Curves
U-Channel
Notes
FE4 Fan Assembly
OUTPUT TERMINAL BLOCK
M3.5 HARDWARE, 0.375 CENTRES
A
A
6.00 (152.4)
9.00 (228.6)
6.00 (152.4)
5.00
(127.0)
1.50
(38.1)
1.50
(38.1)
0.75
(19.1)
0.75
(19.1)
1.50
(38.1)
AMP PN 102617-3
LOGIC CONNECTOR
OUTPUT HARDWARE
6-32 UNC THD
3.50
(88.9)
4X M4-0.7 THD
0.15 (3.8) MAX SCREW PENETRATION
0.15 (3.8) MAX SCREW PENETRATION
2X M4-0.7 THD
L
N
GND
MOLEX PN 26-60-4050
AC INPUT CONNECTOR
CONTACT:
MATING PLUG:
MOLEX PN 09-50-3051
18-20AWG, MOLEX PN 08-52-0072
VIEW A-A
1.50
(38.1)
6.00 (152.4)
1.56
(39.7)
0.75
(19.1)
3.50
(88.9)
1.50
(38.1)
6.00 (152.4)
0.75
(19.1)
AC INPUT
3 POSITION TERMINAL BLOCK
POWER SUPPLY
OUTPUT TERMINATION AREA
5.00
(127.0)
2X M4-0.7 THD
0.15 (3.8) MAX. SCREW PENETRATION
4X M4-0.7 THD
0.15 (3.8) MAX. SCREW PENETRATION
L
N
GND
10.50 (266.7)
9.30
(236.2)
2.50
(63.5)
M3-0.5 THD
ADDITIONAL MTG. HOLE IF REQUIRED
0.15 (3.8) MAX. SCREW PENETRATION
AIRFLOW
1.
Supplies are SEMI F47 at highline input (180-264) at 100% rated output power. Certification details available on request.
2.
Mating connector kit available. Order part number LP CONN KIT.
3.
Dimensions in inches (mm).
Weight: 1.50 lb (0.68 kg) approx
Weight: 2.00 lb (0.91 kg) approx


Numéro de pièce similaire - M4S3U6ME4

FabricantNo de pièceFiches techniqueDescription
logo
Winchester Electronics ...
M4S32 WINCHESTER-M4S32 Datasheet
109Kb / 1P
   COMPOSITE OUTLINE ASSY
logo
DB Lectro Inc
M4S3H DBLECTRO-M4S3H Datasheet
149Kb / 2P
   DIL Pitch Terminals High Sensitivity Relay
M4S3HA DBLECTRO-M4S3HA Datasheet
149Kb / 2P
   DIL Pitch Terminals High Sensitivity Relay
M4S3HAW DBLECTRO-M4S3HAW Datasheet
149Kb / 2P
   DIL Pitch Terminals High Sensitivity Relay
M4S3HW DBLECTRO-M4S3HW Datasheet
149Kb / 2P
   DIL Pitch Terminals High Sensitivity Relay
More results

Description similaire - M4S3U6ME4

FabricantNo de pièceFiches techniqueDescription
logo
XP Power Limited
DRS80US12 XPPOWER-DRS80US12 Datasheet
70Kb / 2P
   AC-DC Power Supplies
ECM40US05 XPPOWER-ECM40US05 Datasheet
175Kb / 4P
   AC-DC Power Supplies
SMR800PS12 XPPOWER-SMR800PS12 Datasheet
262Kb / 2P
   AC-DC Power Supplies
AMD150PS12 XPPOWER-AMD150PS12 Datasheet
68Kb / 2P
   AC-DC Power Supplies
AMM120PS12 XPPOWER-AMM120PS12 Datasheet
70Kb / 2P
   AC-DC Power Supplies
DNR05US05 XPPOWER-DNR05US05 Datasheet
144Kb / 4P
   AC-DC Power Supplies
PBM300PS03-C XPPOWER-PBM300PS03-C Datasheet
201Kb / 2P
   AC-DC Power Supplies
logo
Touchstone Semiconducto...
TIW TOUCHSTONE-TIW Datasheet
233Kb / 3P
   AC/DC Power Supplies
logo
XP Power Limited
AMM150PS12 XPPOWER-AMM150PS12 Datasheet
89Kb / 2P
   AC-DC Power Supplies
MCM60US12-D9 XPPOWER-MCM60US12-D9 Datasheet
79Kb / 2P
   AC-DC Power Supplies
JPS250PS05C XPPOWER-JPS250PS05C Datasheet
490Kb / 4P
   AC-DC Power Supplies
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com