Moteur de recherche de fiches techniques de composants électroniques |
|
SN74AC574PWLE Fiches technique(PDF) 6 Page - Texas Instruments |
|
SN74AC574PWLE Fiches technique(HTML) 6 Page - Texas Instruments |
6 / 16 page PACKAGING INFORMATION Orderable Device Status (1) Package Type Package Drawing Pins Package Qty Eco Plan (2) Lead/Ball Finish MSL Peak Temp (3) 5962-9677301Q2A ACTIVE LCCC FK 20 1 TBD POST-PLATE N / A for Pkg Type 5962-9677301QRA ACTIVE CDIP J 20 1 TBD A42 SNPB N / A for Pkg Type 5962-9677301QSA ACTIVE CFP W 20 1 TBD A42 N / A for Pkg Type SN74AC574DBLE OBSOLETE SSOP DB 20 TBD Call TI Call TI SN74AC574DBR ACTIVE SSOP DB 20 2000 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM SN74AC574DBRE4 ACTIVE SSOP DB 20 2000 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM SN74AC574DW ACTIVE SOIC DW 20 25 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM SN74AC574DWE4 ACTIVE SOIC DW 20 25 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM SN74AC574DWR ACTIVE SOIC DW 20 2000 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM SN74AC574DWRE4 ACTIVE SOIC DW 20 2000 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM SN74AC574N ACTIVE PDIP N 20 20 Pb-Free (RoHS) CU NIPDAU N / A for Pkg Type SN74AC574NE4 ACTIVE PDIP N 20 20 Pb-Free (RoHS) CU NIPDAU N / A for Pkg Type SN74AC574NSR ACTIVE SO NS 20 2000 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM SN74AC574NSRE4 ACTIVE SO NS 20 2000 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM SN74AC574PW ACTIVE TSSOP PW 20 70 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM SN74AC574PWE4 ACTIVE TSSOP PW 20 70 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM SN74AC574PWG4 ACTIVE TSSOP PW 20 70 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM SN74AC574PWLE OBSOLETE TSSOP PW 20 TBD Call TI Call TI SN74AC574PWR ACTIVE TSSOP PW 20 2000 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM SN74AC574PWRE4 ACTIVE TSSOP PW 20 2000 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM SN74AC574PWRG4 ACTIVE TSSOP PW 20 2000 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM SNJ54AC574FK ACTIVE LCCC FK 20 1 TBD POST-PLATE N / A for Pkg Type SNJ54AC574J ACTIVE CDIP J 20 1 TBD A42 SNPB N / A for Pkg Type SNJ54AC574W ACTIVE CFP W 20 1 TBD A42 N / A for Pkg Type (1) The marketing status values are defined as follows: ACTIVE: Product device recommended for new designs. LIFEBUY: TI has announced that the device will be discontinued, and a lifetime-buy period is in effect. NRND: Not recommended for new designs. Device is in production to support existing customers, but TI does not recommend using this part in a new design. PREVIEW: Device has been announced but is not in production. Samples may or may not be available. OBSOLETE: TI has discontinued the production of the device. PACKAGE OPTION ADDENDUM www.ti.com 6-Dec-2006 Addendum-Page 1 |
Numéro de pièce similaire - SN74AC574PWLE |
|
Description similaire - SN74AC574PWLE |