Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TDA9951 Fiches technique(PDF) 5 Page - NXP Semiconductors

No de pièce TDA9951
Description  CEC/I2C-bus translator
Download  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  PHILIPS [NXP Semiconductors]
Site Internet  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA9951 Fiches technique(HTML) 5 Page - NXP Semiconductors

  TDA9951 Datasheet HTML 1Page - NXP Semiconductors TDA9951 Datasheet HTML 2Page - NXP Semiconductors TDA9951 Datasheet HTML 3Page - NXP Semiconductors TDA9951 Datasheet HTML 4Page - NXP Semiconductors TDA9951 Datasheet HTML 5Page - NXP Semiconductors TDA9951 Datasheet HTML 6Page - NXP Semiconductors TDA9951 Datasheet HTML 7Page - NXP Semiconductors TDA9951 Datasheet HTML 8Page - NXP Semiconductors TDA9951 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 41 page
background image
TDA9951_1
© NXP B.V. 2008. All rights reserved.
Product data sheet
Rev. 01 — 7 August 2008
5 of 41
NXP Semiconductors
TDA9951
CEC/I2C-bus translator
[1]
P = power supply, I = input, O = output and I/O = Input and Output.
[2]
See Figure 15 “Application diagram” on page 35.
8.
Functional description
The TDA9951 controls the interface between the CEC-line and the I2C-bus using its
internal processor and embedded software.
8.1 Device addressing
The SDA and SCL pins are managed by the I2C-bus peripheral which automatically
communicates in Standard mode (100 kbit/s) or Fast mode (400 kbit/s) as an I2C-bus
slave.
The TDA9951 signals the host processor that data is ready by asserting the INT output.
The polarity is configurable using the INT_POL bit in the CCONR register (see Table 14).
VFD_STR
13
O
VFD strobe line. Pulsed HIGH latches clocked output at the VFD
driver
VFD_BLK
14
O
VFD blank line. Default HIGH blanks output at the VFD display
driver. The polarity is configurable using the I2C-bus
KCOL
15
O
key matrix column output[2]
PSEN
16
I
power sense input detects power supply type.
LOW-level = battery
HIGH-level = main power
RSVD0
17
I
reserved pin; connect to ground
RSVD1
18
O
reserved pin
KROW4
19
I
key matrix row input[2]
KROW3
20
I
key matrix row input[2]
VDD
21
P
power supply voltage
KROW2
22
I
key matrix row input[2]
KROW1
23
I
key matrix row input[2]
KROW0
24
I
key matrix row input[2]
RSVD2
25
O
reserved pin
A0
26
I
I2C-bus slave address bit. This pin configures the least
significant bit A0 of the I2C-bus slave address; connect to:
VDD (HIGH) sets A0 to logic 1 (address 35h)
VSS (LOW) sets A0 to logic 0 (address 34h)
IR_VAL
27
O
pulse LOW for 65 ms after every valid IR frame is received, to
indicate activity using an LED
IR_DAT
28
I
input from external infrared demodulator.
LOW-level = active IR pulse,
HIGH-level = no IR pulse (a space)
Table 3.
Pin description …continued
Symbol
Pin
Type[1]
Description


Numéro de pièce similaire - TDA9951

FabricantNo de pièceFiches techniqueDescription
logo
NXP Semiconductors
TDA9950 NXP-TDA9950 Datasheet
425Kb / 22P
   CEC/I2C-bus translator
Rev. 02-22 October 2009
TDA9950TT NXP-TDA9950TT Datasheet
425Kb / 22P
   CEC/I2C-bus translator
Rev. 02-22 October 2009
TDA9952 PHILIPS-TDA9952 Datasheet
132Kb / 28P
   10-bit, 3.0 V, 25 Msps analog-to-digital interface for CCD cameras
2002 Aug 21
TDA9952HL PHILIPS-TDA9952HL Datasheet
132Kb / 28P
   10-bit, 3.0 V, 25 Msps analog-to-digital interface for CCD cameras
2002 Aug 21
TDA9952HN PHILIPS-TDA9952HN Datasheet
132Kb / 28P
   10-bit, 3.0 V, 25 Msps analog-to-digital interface for CCD cameras
2002 Aug 21
More results

Description similaire - TDA9951

FabricantNo de pièceFiches techniqueDescription
logo
NXP Semiconductors
TDA9950 NXP-TDA9950 Datasheet
425Kb / 22P
   CEC/I2C-bus translator
Rev. 02-22 October 2009
logo
Global Mixed-mode Techn...
G3403 GMT-G3403 Datasheet
39Kb / 1P
   Bidirectional I2C Bus and SMBus Voltage Level Translator
logo
Unisonic Technologies
UCA9306 UTC-UCA9306 Datasheet
233Kb / 9P
   DUAL BIDIRECTIONAL I2C BUS SMBUS VOLTAGE-LEVEL TRANSLATOR
logo
Texas Instruments
PCA9306 TI-PCA9306_08 Datasheet
431Kb / 16P
[Old version datasheet]   DUAL BIDIRECTIONAL I2C BUS AND SMBus VOLTAGE-LEVEL TRANSLATOR
logo
Global Mixed-mode Techn...
G3401 GMT-G3401 Datasheet
46Kb / 1P
   Dual Bidirectional I2C Bus and SMBus Voltage- Level Translator
logo
Texas Instruments
PCA9306-Q1 TI1-PCA9306-Q1 Datasheet
217Kb / 12P
[Old version datasheet]   DUAL BIDIRECTIONAL I2C BUS AND SMBus VOLTAGE-LEVEL TRANSLATOR
logo
Union Semiconductor, In...
UM3212 UNIONSEMI-UM3212 Datasheet
397Kb / 11P
   Dual bidirectional I2C-bus and SMBus voltage-level translator
logo
ON Semiconductor
PCA9306AMUTCG ONSEMI-PCA9306AMUTCG Datasheet
185Kb / 12P
   Dual Bidirectional I2C-bus and SMBus Voltage-Level Translator
August, 2013 ??Rev. 5
logo
NXP Semiconductors
PCA9306_1011 NXP-PCA9306_1011 Datasheet
504Kb / 26P
   Dual bidirectional I2C-bus and SMBus voltage-level translator
Rev. 6-25 November 2010
PCA9306 PHILIPS-PCA9306 Datasheet
123Kb / 21P
   Dual bidirectional I2C-bus and SMBus voltage-level translator
Rev. 02-21 February 2007
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com