Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TDA8025 Fiches technique(PDF) 4 Page - NXP Semiconductors

No de pièce TDA8025
Description  IC card interface
Download  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  PHILIPS [NXP Semiconductors]
Site Internet  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA8025 Fiches technique(HTML) 4 Page - NXP Semiconductors

  TDA8025 Datasheet HTML 1Page - NXP Semiconductors TDA8025 Datasheet HTML 2Page - NXP Semiconductors TDA8025 Datasheet HTML 3Page - NXP Semiconductors TDA8025 Datasheet HTML 4Page - NXP Semiconductors TDA8025 Datasheet HTML 5Page - NXP Semiconductors TDA8025 Datasheet HTML 6Page - NXP Semiconductors TDA8025 Datasheet HTML 7Page - NXP Semiconductors TDA8025 Datasheet HTML 8Page - NXP Semiconductors TDA8025 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 38 page
background image
TDA8025_1
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 01 — 6 April 2009
4 of 38
NXP Semiconductors
TDA8025
IC card interface
6.
Block diagram
(1) Optional external resistor bridge. If this bridge is not needed, connect pin PORADJ to VDD(INTF).
Fig 1.
Block diagram
001aai957
10
µF
100 nF
100 nF
220 nF
470 nF
220 nF
10
µF
INTERNAL
OSCILLATOR
THERMAL
PROTECTION
OSCILLATOR
(VDD(INTREGD))
RESET
GENERATOR
VCC
LOOP
CLOCK
GENERATOR
I/O
TRANSCEIVER
I/O
TRANSCEIVER
I/O
TRANSCEIVER
CLOCK
CIRCUIT
INTERFACE
MULTIPLEXER
C5
C1
C6
C2
C7
C3
C8
C4
SEQUENCER
REGULATOR
TEST
SUPPLY
INTERNAL
REFERENCE
VOLTAGE
SENSE
21
16
20
GND
CONFIG
VDDI(REG)
3
TEST2
EN1
ALARMN
PRES
10
PORADJ 25
PRESN
9
RSTIN
22
CMDVCCN
1
OFFN
23
CLKDIV1
6
CLKDIV2
5
ENCLKIN
26
VCC_SEL1
7
CLKUP
EN4
VCC_SEL2
8
427
28
VDD(INTREGD)
XTAL2
31
AUX2UC
30
AUX1UC
29
I/OUC
XTAL1
VDD(INTF)
EN3
EN2
CLK
XTAL
PVCC
2
TEST1
32
24
I/O
11
CLK
15
RST
17
CGND
14
VCC
18
AUX1
13
AUX2
12
19
TEST4
TEST3
VDD(INTREGD)
Level shifter
(VDD(INTF))
R2
R1
VDD(INTF)
(1)
TDA8025


Numéro de pièce similaire - TDA8025

FabricantNo de pièceFiches techniqueDescription
logo
NXP Semiconductors
TDA8025 NXP-TDA8025 Datasheet
188Kb / 38P
   IC card interface
Rev. 01-6 April 2009
TDA8025HN NXP-TDA8025HN Datasheet
188Kb / 38P
   IC card interface
Rev. 01-6 April 2009
More results

Description similaire - TDA8025

FabricantNo de pièceFiches techniqueDescription
logo
NXP Semiconductors
TDA8002 PHILIPS-TDA8002 Datasheet
132Kb / 28P
   IC card interface
1997 Nov 04
TDA8002C PHILIPS-TDA8002C Datasheet
139Kb / 28P
   IC card interface
1999 Oct 12
TDA8024 NXP-TDA8024 Datasheet
181Kb / 29P
   IC card interface
2004 July 12
logo
ARTSCHIP ELECTRONICS CO...
TDA8024 ARTSCHIP-TDA8024 Datasheet
3Mb / 25P
   IC card interface
logo
NXP Semiconductors
TDA8024 PHILIPS-TDA8024 Datasheet
172Kb / 29P
   IC card interface
2004 July 12
TDA8004T PHILIPS-TDA8004T Datasheet
109Kb / 24P
   IC card interface
1999 Dec 30
TDA8004AT PHILIPS-TDA8004AT Datasheet
132Kb / 22P
   IC card interface
2004 May 10
TDA8025 NXP-TDA8025 Datasheet
188Kb / 38P
   IC card interface
Rev. 01-6 April 2009
logo
Unisonic Technologies
UTDA8024 UTC-UTDA8024 Datasheet
351Kb / 15P
   IC CARD INTERFACE
logo
ON Semiconductor
NCN8024 ONSEMI-NCN8024_12 Datasheet
180Kb / 16P
   Smart Card Interface IC
October, 2012 ??Rev. 4
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com