Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ADC-305-1 Fiches technique(PDF) 1 Page - Murata Power Solutions Inc.

No de pièce ADC-305-1
Description  8-Bit, 20MHz CMOS A/D Converters
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MURATA-PS [Murata Power Solutions Inc.]
Site Internet  http://www.murata-ps.com
Logo MURATA-PS - Murata Power Solutions Inc.

ADC-305-1 Fiches technique(HTML) 1 Page - Murata Power Solutions Inc.

  ADC-305-1 Datasheet HTML 1Page - Murata Power Solutions Inc. ADC-305-1 Datasheet HTML 2Page - Murata Power Solutions Inc. ADC-305-1 Datasheet HTML 3Page - Murata Power Solutions Inc. ADC-305-1 Datasheet HTML 4Page - Murata Power Solutions Inc. ADC-305-1 Datasheet HTML 5Page - Murata Power Solutions Inc. ADC-305-1 Datasheet HTML 6Page - Murata Power Solutions Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
 
Figure 1. Functional Block Diagram
Both the ADC-305-1 and the ADC-305-3 have the same pin assignment.
UPPER
ENCODER
(4 BIT)
24 DGND
OUTPUT ENABLE 1
A/D CLK 12
BIT 8 (LSB) 3
BIT 1 (MSB) 10
BIT 7 4
23 VRB
21 AGND
20 AGND
19 VIN
15 +AVS
14 +AVS
13 +DVS
18 +AVS
17 VRT
22 VRBS
16 VRTS
REFERENCE
VOLTAGE
B BLOCK
COMPARATORS
WITH S/H (4 BIT)
UPPER
COMPARATORS
WITH S/H (4 BIT)
LOWER
ENCODER
(4 BIT)
LOWER
ENCODER
(4 BIT)
CLOCK
GENERATOR
UPPER
DATA
LATCHES
LOWER
DATA
LATCHES
A BLOCK
COMPARATORS
WITH S/H (4 BIT)
DGND 2
+DVS 11
BIT 6 5
BIT 5 6
BIT 4 7
BIT 3 8
BIT 2 9
FEATURES
8-bit resolution, 20MHz min. sampling rate
±½LSB max. differential nonlinearity error
18MHz input signal bandwidth
Subranging, S&H enclosed
+5V single power, low 85mW max. dissipation
CMOS compatible logic input
3-State TTL compatible output
PRODUCT OVERVIEW
DATEL's ADC-305 is an 8-bit, 20MHz sam-
pling, CMOS, subranging (two-pass) A/D converter.
It processes signals at speeds comparable to a full
flash converter by using a sub-ranging conversion
technique with multiple comparator blocks, each
containing a sample and hold amplifier.
The ADC-305 features CMOS low power dis-
sipation (60mW typical) and a wide 18MHz (–1dB)
input signal bandwidth.
The ADC-305-1 is packaged in 400 mil 24-pin DIP
and the ADC-305-3 in 300 mil 24-pin SOP.
Other features are CMOS compatible input logic,
3-state TTL compatible output logic, +5V single
power operation, self bias mode and low cost.
INPUT/OUTPUT CONNECTIONS
Pin
FUNCTION
Pin
FUNCTION
1
OUTPUT ENABLE (OE)
24
DGND
2
DGND
23
REF. BOTTOM (VRB)
3
BIT 8 (LSB)
22
SELF BIAS 1 (VRBS)
4
BIT 7
21
AGND
5
BIT 6
20
AGND
6
BIT 5
19
ANALOG INPUT (VIN)
7
BIT 4
18
+AVS (+5V)
8
BIT 3
17
REFERENCE TOP (VRT)
9
BIT 2
16
SELF BIAS 2 (VRTS)
10
BIT 1 (MSB)
15
+AVS (+5V)
11
+DVS (+5V)
14
+AVS (+5V)
12
CLOCK INPUT (A/D CLK)
13
+DVS (+5V)
ADC-305
8-Bit, 20MHz CMOS A/D Converters
MDA_ADC-305.B01 Page 1 of 6
For full details go to
www.murata-ps.com/rohs
www.murata-ps.com
www.murata-ps.com
Technical enquiries email: data.acquisition@murata-ps.com, tel: +1 508 339 3000
OBSOLETE PRODUCT
Contact Factory for Replacement Model


Numéro de pièce similaire - ADC-305-1

FabricantNo de pièceFiches techniqueDescription
logo
List of Unclassifed Man...
ADC-305-1 ETC-ADC-305-1 Datasheet
193Kb / 6P
   8-Bit, 20MHz CMOS A/D Converters
More results

Description similaire - ADC-305-1

FabricantNo de pièceFiches techniqueDescription
logo
List of Unclassifed Man...
ADC-305 ETC-ADC-305 Datasheet
193Kb / 6P
   8-Bit, 20MHz CMOS A/D Converters
ADC-207 ETC-ADC-207 Datasheet
212Kb / 6P
   7- BIT 20MHZ CMOS FLASH A/D CONVERTERS
logo
Murata Power Solutions ...
ADC-207 MURATA-PS-ADC-207 Datasheet
204Kb / 6P
   7-Bit, 20MHz, CMOS Flash A/D Converters
logo
List of Unclassifed Man...
ADC-304 ETC-ADC-304 Datasheet
152Kb / 5P
   8-Bit, 20MHz, Low-Power Flash A/D Converters
logo
NXP Semiconductors
ADC0803 PHILIPS-ADC0803 Datasheet
187Kb / 18P
   CMOS 8-bit A/D converters
2002 Oct 17
ADC0803 PHILIPS-ADC0803 Datasheet
154Kb / 18P
   CMOS 8-bit A/D converters
2002 Oct 17
logo
List of Unclassifed Man...
ADC-228 ETC-ADC-228 Datasheet
143Kb / 4P
   8-Bit, 20MHz, Complete 8-Bit, 20MHz, Complete Flash A/D Converter
logo
Maxim Integrated Produc...
MX7225 MAXIM-MX7225 Datasheet
460Kb / 12P
   CMOS Quad 8-Bit D/A Converters
Rev 1; 4/93
logo
National Semiconductor ...
ADC1175 NSC-ADC1175 Datasheet
547Kb / 19P
   8-Bit, 20MHz, 60mW A/D Converter
logo
Texas Instruments
ADC1175 TI1-ADC1175_14 Datasheet
1Mb / 29P
[Old version datasheet]   8-Bit, 20MHz, 60mW A/D Converter
More results


Html Pages

1 2 3 4 5 6


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com