Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SN74ABTH18504A Fiches technique(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
No de pièce SN74ABTH18504A
Description  SCAN TEST DEVICES WITH 20-BIT UNIVERSAL BUS TRANSCEIVERS
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI - Texas Instruments

SN74ABTH18504A Fiches technique(HTML) 3 Page - Texas Instruments

  SN74ABTH18504A Datasheet HTML 1Page - Texas Instruments SN74ABTH18504A Datasheet HTML 2Page - Texas Instruments SN74ABTH18504A Datasheet HTML 3Page - Texas Instruments SN74ABTH18504A Datasheet HTML 4Page - Texas Instruments SN74ABTH18504A Datasheet HTML 5Page - Texas Instruments SN74ABTH18504A Datasheet HTML 6Page - Texas Instruments SN74ABTH18504A Datasheet HTML 7Page - Texas Instruments SN74ABTH18504A Datasheet HTML 8Page - Texas Instruments SN74ABTH18504A Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 35 page
background image
SN54ABTH18504A, SN54ABTH182504A, SN74ABTH18504A, SN74ABTH182504A
SCAN TEST DEVICES WITH
20-BIT UNIVERSAL BUS TRANSCEIVERS
SCBS165C – AUGUST 1993 – REVISED JULY 1996
3
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
description (continued)
Four dedicated test pins observe and control the operation of the test circuitry: test data input (TDI), test data
output (TDO), test mode select (TMS), and test clock (TCK). Additionally, the test circuitry performs other testing
functions such as parallel-signature analysis (PSA) on data inputs and pseudo-random pattern generation
(PRPG) from data outputs. All testing and scan operations are synchronized to the TAP interface.
Improved scan efficiency is accomplished through the adoption of a one boundary-scan cell (BSC) per I/O pin
architecture. This architecture is implemented in such a way as to capture the most pertinent test data. A
PSA/COUNT instruction also is included to ease the testing of memories and other circuits where a binary count
addressing scheme is useful.
Active bus-hold circuitry holds unused or floating data inputs at a valid logic level.
The B-port outputs of ’ABTH182504A, which are designed to source or sink up to 12 mA, include 25-
Ω series
resistors to reduce overshoot and undershoot.
The SN54ABTH18504A and SN54ABTH182504A are characterized for operation over the full military
temperature range of –55
°C to 125°C. The SN74ABTH18504A and SN74ABTH182504A are characterized for
operation from –40
°C to 85°C.
FUNCTION TABLE†
(normal mode, each register)
INPUTS
OUTPUT
OEAB
LEAB
CLKENAB
CLKAB
A
B
L
L
L
L
X
B0‡
L
LL
LL
L
LL
HH
L
LH
X
X
B0‡
L
HX
X
L
L
L
HX
X
H
H
H
X
X
X
X
Z
† A-to-B data flow is shown. B-to-A data flow is similar but uses OEBA,
LEBA, CLKENBA, and CLKBA.
‡ Output level before the indicated steady-state input conditions were
established


Numéro de pièce similaire - SN74ABTH18504A

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
SN74ABTH18504A TI-SN74ABTH18504A Datasheet
763Kb / 39P
[Old version datasheet]   SCAN TEST DEVICES WITH 20-BIT UNIVERSAL BUS TRANSCEIVERS
More results

Description similaire - SN74ABTH18504A

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
SN54ABTH18504A TI-SN54ABTH18504A_08 Datasheet
763Kb / 39P
[Old version datasheet]   SCAN TEST DEVICES WITH 20-BIT UNIVERSAL BUS TRANSCEIVERS
SN54ABT18504 TI-SN54ABT18504_08 Datasheet
665Kb / 34P
[Old version datasheet]   SCAN TEST DEVICES WITH 20-BIT UNIVERSAL BUS TRANSCEIVERS
SN54ABT18504 TI-SN54ABT18504 Datasheet
450Kb / 30P
[Old version datasheet]   SCAN TEST DEVICES WITH 20-BIT UNIVERSAL BUS TRANSCEIVERS
SN54ABTH18502A TI-SN54ABTH18502A_08 Datasheet
832Kb / 42P
[Old version datasheet]   SCAN TEST DEVICES WITH 18-BIT UNIVERSAL BUS TRANSCEIVERS
SN54ABTH18502A TI-SN54ABTH18502A Datasheet
549Kb / 37P
[Old version datasheet]   SCAN TEST DEVICES WITH 18-BIT UNIVERSAL BUS TRANSCEIVERS
SN54ABTH18502A TI-SN54ABTH18502A_07 Datasheet
802Kb / 42P
[Old version datasheet]   SCAN TEST DEVICES WITH 18-BIT UNIVERSAL BUS TRANSCEIVERS
SN54LVTH18504A TI1-SN54LVTH18504A_12 Datasheet
881Kb / 38P
[Old version datasheet]   3.3-V ABT SCAN TEST DEVICES WITH 20-BIT UNIVERSAL BUS TRANSCEIVERS
SN54LVTH18504A TI-SN54LVTH18504A Datasheet
544Kb / 35P
[Old version datasheet]   3.3-V ABT SCAN TEST DEVICES WITH 20-BIT UNIVERSAL BUS TRANSCEIVERS
SN54LVTH18514 TI-SN54LVTH18514 Datasheet
548Kb / 34P
[Old version datasheet]   3.3-V ABT SCAN TEST DEVICES WITH 20-BIT UNIVERSAL BUS TRANSCEIVERS
SN54LVTH18514 TI1-SN54LVTH18514_17 Datasheet
584Kb / 38P
[Old version datasheet]   3.3-V ABT SCAN TEST DEVICES WITH 20-BIT UNIVERSAL BUS TRANSCEIVERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com