Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SN74ABT827NSR Fiches technique(PDF) 4 Page - Texas Instruments

No de pièce SN74ABT827NSR
Description  10-BIT BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI - Texas Instruments

SN74ABT827NSR Fiches technique(HTML) 4 Page - Texas Instruments

  SN74ABT827NSR Datasheet HTML 1Page - Texas Instruments SN74ABT827NSR Datasheet HTML 2Page - Texas Instruments SN74ABT827NSR Datasheet HTML 3Page - Texas Instruments SN74ABT827NSR Datasheet HTML 4Page - Texas Instruments SN74ABT827NSR Datasheet HTML 5Page - Texas Instruments SN74ABT827NSR Datasheet HTML 6Page - Texas Instruments SN74ABT827NSR Datasheet HTML 7Page - Texas Instruments SN74ABT827NSR Datasheet HTML 8Page - Texas Instruments SN74ABT827NSR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
SN54ABT827, SN74ABT827
10BIT BUFFERS/DRIVERS
WITH 3STATE OUTPUTS
SCBS159E − JANUARY 1991 − REVISED APRIL 2005
4
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
electrical characteristics over recommended operating free-air temperature range (unless
otherwise noted)
PARAMETER
TEST CONDITIONS
TA = 25°C
SN54ABT827
SN74ABT827
UNIT
PARAMETER
TEST CONDITIONS
MIN
TYP†
MAX
MIN
MAX
MIN
MAX
UNIT
VIK
VCC = 4.5 V,
II = −18 mA
−1.2
−1.2
−1.2
V
VCC = 4.5 V,
IOH = −3 mA
2.5
2.5
2.5
VOH
VCC = 5 V,
IOH = −3 mA
3
3
3
V
VOH
VCC = 4.5 V
IOH = −24 mA
2
2
V
VCC = 4.5 V
IOH = −32 mA
2*
2
VOL
VCC = 4.5 V
IOL = 48 mA
0.55
0.55
V
VOL
VCC = 4.5 V
IOL = 64 mA
0.55*
0.55
V
Vhys
100
mV
II
VCC = 0 to 5.5 V,
VI = VCC or GND
±1
±1
±1
µA
IOZPU‡
VCC = 0 to 2.1 V, VO = 0.5 V to 2.7 V, OE = X
±50
±10
±50
µA
IOZPD‡
VCC = 2.1 V to 0, VO = 0.5 V to 2.7 V, OE = X
±50
±10
±50
µA
IOZH
VCC = 2.1 V to 5.5 V, VO = 2.7 V, OE ≥ 2 V
10§
10
10§
µA
IOZL
VCC = 2.1 V to 5.5 V, VO = 0.5 V, OE ≥ 2 V
−10§
−10
−10§
µA
Ioff
VCC = 0,
VI or VO ≤ 5.5 V
±100
±100
µA
ICEX
VCC = 5.5 V, VO = 5.5 V
Outputs high
50
50
50
µA
IO¶
VCC = 5.5 V,
VO = 2.5 V
−50
−140
−225§
−50
−225§
−50
−225§
mA
VCC = 5.5 V, IO = 0,
Outputs high
80
250
250
250
µA
ICC
VCC = 5.5 V, IO = 0,
VI = VCC or GND
Outputs low
35
40§
40§
40§
mA
ICC
VI = VCC or GND
Outputs disabled
80
250
250
250
µA
VCC = 5.5 V,
Outputs enabled
1.5
1.5
1.5
mA
∆ICC#
VCC = 5.5 V,
One input at 3.4 V,
Other inputs at V
or GND
Outputs disabled
50
50
50
µA
∆ICC#
One input at 3.4 V,
Other inputs at VCC or GND Control inputs
1.5
1.5
1.5
mA
Ci
VI = 2.5 V or 0.5 V
4
pF
Co
VO = 2.5 V or 0.5 V
8
pF
* On products compliant to MIL-PRF-38535, this parameter does not apply.
† All typical values are at VCC = 5 V.
‡ This parameter is characterized, but not production tested.
§ This data sheet limit may vary among suppliers.
¶ Not more than one output should be tested at a time, and the duration of the test should not exceed one second.
# This is the increase in supply current for each input that is at the specified TTL voltage level, rather than VCC or GND.
switching characteristics over recommended ranges of supply voltage and operating free-air
temperature, CL = 50 pF (unless otherwise noted) (see Figure 1)
PARAMETER
FROM
(INPUT)
TO
(OUTPUT)
VCC = 5 V,
TA = 25°C
SN54ABT827
SN74ABT827
UNIT
PARAMETER
(INPUT)
(OUTPUT)
MIN
TYP
MAX
MIN
MAX
MIN
MAX
UNIT
tPLH
A
Y
1.1
2.6
4.4
1.1
4.9
1.1
4.8
ns
tPHL
A
Y
1.1
2.3
4.1
1.1
4.8
1.1
4.7
ns
tPZH
OE
Y
3.2
5.1
1
6
5.9
ns
tPZL
OE
Y
3.3
5.9
1
7.1
6.9
ns
tPHZ
OE
Y
2
4.9
6.3
2
7
2
6.8
ns
tPLZ
OE
Y
1.3§
4.2
6.6
1.3
7.9
1.3§
6.9
ns
§ This data sheet limit may vary among suppliers.


Numéro de pièce similaire - SN74ABT827NSR

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
SN74ABT827 TI1-SN74ABT827 Datasheet
896Kb / 17P
[Old version datasheet]   10-BIT BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
SN74ABT827DBLE TI1-SN74ABT827DBLE Datasheet
896Kb / 17P
[Old version datasheet]   10-BIT BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
SN74ABT827DBR TI1-SN74ABT827DBR Datasheet
896Kb / 17P
[Old version datasheet]   10-BIT BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
SN74ABT827DW TI1-SN74ABT827DW Datasheet
896Kb / 17P
[Old version datasheet]   10-BIT BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
SN74ABT827DWR TI1-SN74ABT827DWR Datasheet
896Kb / 17P
[Old version datasheet]   10-BIT BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
More results

Description similaire - SN74ABT827NSR

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
SN54BCT29827B TI-SN54BCT29827B Datasheet
251Kb / 9P
[Old version datasheet]   10-BIT BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
SN54ABT827 TI1-SN54ABT827_16 Datasheet
896Kb / 17P
[Old version datasheet]   10-BIT BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
SN54ABT2827 TI-SN54ABT2827 Datasheet
104Kb / 6P
[Old version datasheet]   10-BIT BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
SN74BCT29828B TI1-SN74BCT29828B Datasheet
78Kb / 4P
[Old version datasheet]   10-BIT BUFFERS /DRIVERS WITH 3-STATE OUTPUTS
SN54ABT2827 TI1-SN54ABT2827_15 Datasheet
526Kb / 12P
[Old version datasheet]   10-BIT BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
54ACT11828 TI-54ACT11828 Datasheet
78Kb / 5P
[Old version datasheet]   10-BIT BUFFERS/BUS DRIVERS WITH 3-STATE OUTPUTS
54ACT11827 TI-54ACT11827 Datasheet
87Kb / 5P
[Old version datasheet]   10-BIT BUFFERS/BUS DRIVERS WITH 3-STATE OUTPUTS
54ACT11827 TI1-54ACT11827_09 Datasheet
100Kb / 5P
[Old version datasheet]   10-BIT BUFFERS/BUS DRIVERS WITH 3-STATE OUTPUTS
54ACT11828 TI1-54ACT11828_09 Datasheet
90Kb / 5P
[Old version datasheet]   10-BIT BUFFERS/BUS DRIVERS WITH 3-STATE OUTPUTS
SN74ALS29827 TI-SN74ALS29827 Datasheet
80Kb / 5P
[Old version datasheet]   10-BIT BUFFERS AND BUS DRIVERS WITH 3-STATE OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com