Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SM9.1A Fiches technique(PDF) 1 Page - MIC GROUP RECTIFIERS

No de pièce SM9.1A
Description  SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MIC [MIC GROUP RECTIFIERS]
Site Internet  http://www.cnmic.com
Logo MIC - MIC GROUP RECTIFIERS

SM9.1A Fiches technique(HTML) 1 Page - MIC GROUP RECTIFIERS

  SM9.1A Datasheet HTML 1Page - MIC GROUP RECTIFIERS SM9.1A Datasheet HTML 2Page - MIC GROUP RECTIFIERS SM9.1A Datasheet HTML 3Page - MIC GROUP RECTIFIERS SM9.1A Datasheet HTML 4Page - MIC GROUP RECTIFIERS  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
E-mail: sales@cnmic.com
Web Site: www.cnmic.com
Breakdown Voltage
6.8 to 200 Volts
SM6.8 THRU SM200CA
Peak Pulse Power
400 Watts
FEATURES
Plastic package has Underwriters Laboratory
Flammability Classification 94V-O
For surface mounted applications
Glass passivated junction
Low inductance surge resistance
Fast response time: typical less than 1.0ps
from 0 volts to V(BR) for unidirectional AND 5.0ns for
bidirectional types
400W peak pulse capability with a 10/1000μs waveform,
repetition rate (duty cycle): 0.01%
For devices with V(BR) ≥10V, ID are typically less than 1.0μA
High temperature soldering guaranteed:
250℃/10 seconds at terminals
MECHANICAL DATA
Cass: JEDEC DO-213AB,molded plastic body over passivated junction
Terminals: Solder plated, solderable per MIL-STD-750, Method 2026
Polarity: Blue bands denotes positive end (cathode) for unidirectional and yellow band in the
Middle for bidirectional types
Mounting position: any
Weight: 0.116 ounces, 0.0064 gram
DEVICES FOR BIDRECTIONAL APPLICATIONS
For bidirectional applications use suffix letters C or CA for types SM6.8 thru SM200A (e.g. SM6.8C,
SM200CA).Electrical Characteristics apply in both directions.
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25℃ ambient temperature unless otherwise specified
Ratings
Symbols
Value
Unit
Peak Pulse power dissipation with a 10/1000μs waveform(NOTE1,FIG.1)
PPPM
Minimum 400
Watts
Steady Stage Power Dissipation at TT=75℃(Note2)
PM(AV)
1.0
Watt
Peak Pulse current with a 10/1000μs waveform (NOTE1,FIG.3)
IPPM
See Table 1
Amps
Peak forward surge current, 8.3ms single half
sine-wave superimposed on rated load for unidirectional only
(JEDEC Method) (Note3)
IFSM
40.0
Amps
Maximum instantaneous forward voltage at 25A (NOTE 3)
for unidirectional only
VF
3.5
Volts
Operating Junction and Storage Temperature Range
TJ, TSTG
50 to +150
Notes:
1.
Non-repetitive current pulse, per Fig.3 and derated above TA=25℃ per Fig.2
2.
Mounted on copper pads to each terminal of 0.31 in (8.0mm2) per Fig 5.
3.
Measured at 8.3ms single half sine-wave or equivalent square wave duty cycle = 4 pulses per minutes maximum.
DO-213AB
Dimensions in inches and (millimeters)


Numéro de pièce similaire - SM9.1A

FabricantNo de pièceFiches techniqueDescription
logo
Omega Engineering, Inc.
SM9-15 OMEGA-SM9-15 Datasheet
351Kb / 2P
   Sub-D Type Connectors Low Cost Crimp-Style
SM9-25 OMEGA-SM9-25 Datasheet
351Kb / 2P
   Sub-D Type Connectors Low Cost Crimp-Style
SM9-37 OMEGA-SM9-37 Datasheet
351Kb / 2P
   Sub-D Type Connectors Low Cost Crimp-Style
SM9-9 OMEGA-SM9-9 Datasheet
351Kb / 2P
   Sub-D Type Connectors Low Cost Crimp-Style
logo
Linkage Goston Electron...
SM9001B LINKAGE-SM9001B Datasheet
2Mb / 5P
   IGBT drive
More results

Description similaire - SM9.1A

FabricantNo de pièceFiches techniqueDescription
logo
EIC discrete Semiconduc...
SMBJ50 EIC-SMBJ50 Datasheet
110Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
STUB06I EIC-STUB06I_05 Datasheet
79Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Diotech Company.
3.0SMCJ5.0 DIOTECH-3.0SMCJ5.0 Datasheet
1Mb / 3P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
EIC discrete Semiconduc...
3.0SMCJ11 EIC-3.0SMCJ11 Datasheet
58Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
3.0SMCJ11C EIC-3.0SMCJ11C Datasheet
57Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
MIC GROUP RECTIFIERS
SMB5.0 MIC-SMB5.0 Datasheet
74Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Pan Jit International I...
SMF5.0A_SERIES PANJIT-SMF5.0A_SERIES_14 Datasheet
84Kb / 6P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Sangdest Microelectroni...
3.0SMCJ-GT3 SMC-3.0SMCJ-GT3 Datasheet
291Kb / 5P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
PACELEADER INDUSTRIAL
SMAJ PACELEADER-SMAJ Datasheet
4Mb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
SMBJ PACELEADER-SMBJ Datasheet
342Kb / 5P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
SMCJ PACELEADER-SMCJ Datasheet
349Kb / 5P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
More results


Html Pages

1 2 3 4


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com