Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

L601S0767 Fiches technique(PDF) 1 Page - Faraday Technology

No de pièce L601S0767
Description  CCIR REC.601 FILTERS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  FARADAY [Faraday Technology]
Site Internet  http://www.faradaytech.com/
Logo FARADAY - Faraday Technology

L601S0767 Fiches technique(HTML) 1 Page - Faraday Technology

  L601S0767 Datasheet HTML 1Page - Faraday Technology L601S0767 Datasheet HTML 2Page - Faraday Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
© Faraday Technology. As part of continual product improvement the specifications, details and dimensions shown in this publication are subject to change
without notice
Fara200d
Page 1 of 2
May-00(A)
Designed to meet the full requirements of REC ITU-R BT601-5 Part B to suppress aliasing and to reconstruct signals in
4:2:2 YUV format A-D and D-A video interface applications operating at a sampling rate of 18.00 MHz for the luminance
(Y) channel and 9.00 MHz for the Colour Difference (U and V) channels, as used in the 16 x 9 wide screen format.
Using specially written software and careful attention to component layout, the very stringent parameters for pre and
post filtering have been achieved in a Single In Line encapsulated module.
PRE FILTER
POST FILTER
LUMINANCE
L601F0767
L601S0767
End Of Passband
7.67 MHz
5.75 MHz
Passband Amplitude Ripple
0.05 dB to 7.33 MHz
0.1 dB to 7.67 MHz
0.05 dB to 7.33 MHz
1
0.1 dB to 7.67 MHz
1
> 12 dB wrt 100 k Hz at
9.00 MHz
9.00 MHz
1
> 40 dB wrt 100 kHz at
10.67 MHz
10.67 MHz
Group Delay Ripple wrt delay at 200 kHz
+ 3 ns to 7.67 MHz
+ 3 ns to 7.67 MHz
Insertion Loss at 100 kHz
< 1.5 dB
< 4.5 dB
Delay Time at 200 kHz
570 ns + 5 ns
568 ns + 5 ns
Impedance
75 ohms
75 ohms
Aqueous Washable
No
No
Package
DR00075B
DR00075B
1 measured against sinx/x roll off for a 18.0 MHz sampling frequency.
COLOUR DIFFERENCE
L601F0367
L601S0367
End Of Passband
3.67 MHz
3.67 MHz
Passband Amplitude Ripple
0.1 dB to 3.67 MHz
0.1 dB to 3.67 MHz
2
> 6 dB wrt 100 kHz at
4.5 MHz
4.5 MHz
2
> 40 dB wrt 100 kHz at
5.33 MHz
5.33 MHz
Group Delay Ripple wrt delay at 200 kHz
+ 6 ns to 3.67 MHz
+ 6 ns to 3.67 MHz
Insertion Loss at 100 kHz
< 1.5 dB
< 4.5 dB
Delay Time at 200 kHz
1125 ns + 5 ns
1096 ns + 5 ns
Impedance
75 ohms
75 ohms
Aqueous Washable
No
No
Package
DR00075B
DR00075B
2 measured against sinx/x roll off for a 9.0 MHz sampling frequency.
CCIR REC.601 FILTERS
SINGLE IN LINE


Numéro de pièce similaire - L601S0767

FabricantNo de pièceFiches techniqueDescription
logo
Faraday Technology
L601S0275 FARADAY-L601S0275 Datasheet
115Kb / 2P
   CCIR REC.601 FILTERS
L601S0575 FARADAY-L601S0575 Datasheet
115Kb / 2P
   CCIR REC.601 FILTERS
More results

Description similaire - L601S0767

FabricantNo de pièceFiches techniqueDescription
logo
Faraday Technology
ULF FARADAY-ULF Datasheet
51Kb / 3P
   CCIR REC.601 FILTERS
LT601F0575 FARADAY-LT601F0575 Datasheet
116Kb / 3P
   CCIR REC.601 FILTERS
L601F0575 FARADAY-L601F0575 Datasheet
115Kb / 2P
   CCIR REC.601 FILTERS
601F0767 FARADAY-601F0767 Datasheet
44Kb / 2P
   601 FILTERS
FL594 FARADAY-FL594 Datasheet
65Kb / 2P
   PRACTICAL 601 FILTERS
logo
STMicroelectronics
STI3500A STMICROELECTRONICS-STI3500A Datasheet
7Mb / 72P
   MPEG-2/CCIR 601 VIDEO DECODER
logo
Analog Devices
ADV7178 AD-ADV7178_15 Datasheet
697Kb / 44P
   Integrated Digital CCIR-601 to PAL/NTSC Video Encoder
REV. C
logo
Faraday Technology
601F0575 FARADAY-601F0575 Datasheet
81Kb / 2P
   ITU-R BT. 601 FILTERS
logo
Analog Devices
ADV7177 AD-ADV7177_15 Datasheet
697Kb / 44P
   Integrated Digital CCIR-601 to PAL/NTSC Video Encoder
REV. C
ADV7177 AD-ADV7177 Datasheet
280Kb / 38P
   Integrated Digital CCIR-601 to PAL/NTSC Video Encoder
REV. 0
More results


Html Pages

1 2


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com