Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

H0505D-2W Fiches technique(PDF) 2 Page - MORNSUN Science& Technology Ltd.

No de pièce H0505D-2W
Description  DUAL/SINGLE OUTPUT DC-DC CONVERTER
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MORNSUN [MORNSUN Science& Technology Ltd.]
Site Internet  http://www.mornsun-power.com
Logo MORNSUN - MORNSUN Science& Technology Ltd.

H0505D-2W Fiches technique(HTML) 2 Page - MORNSUN Science& Technology Ltd.

  H0505D-2W Datasheet HTML 1Page - MORNSUN Science& Technology Ltd. H0505D-2W Datasheet HTML 2Page - MORNSUN Science& Technology Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
The copyright and authority for the interpretation of the products are reserved by Mornsun
Specifications subject to change without notice.
G_D-2W & H_D-2W
A/3-2008
Page 2 of 2
OUTPUT SPECIFICATIONS
Item
Test conditions
Min
Typ
Max
Units
Output power
0.2
2
W
Line regulation
For Vin change of 1%
±1.2
5V output
10
15
9V output
8.3
15
12V output
6.8
15
Load regulation
10% to 100% load
15V output
6.3
15
%
Output voltage accuracy
See tolerance envelope graph
Temperature drift
100% full load
0.03
%/
°C
Ripple & Noise*
20MHz Bandwidth
150
250
mVp-p
5V input
35
Switching frequency
Full load,
nominal input
12V,24V input
50
KHz
*Test ripple and noise by
“parallel cable” method. See detailed operation instructions at Testing of Power
Converter section, application notes.
Note: Dual output models unbalanced load:
±5%.
TYPICAL CHARACTERISTICS
Ambient Temperature C
(
)
OUTLINE DIMENSIONS & PIN CONNECTIONS
1
2
12 13
,
Vin
GND
NC
+Vo
0V
Vin
GND
-Vo
+Vo
0V
Others
NC
NC
Note:
Unit:mm(inch)
Pin section:0.50*0.30mm(0.020*0.012inch)
Pin section tolerances: 0.10mm( 0.004inch)
General tolerances: 0.25mm( 0.010inch)
Pin
Single
Dual
First Angle Projection
RECOMMENDED FOOTPRINT
Top view,gri d:2.54mm(0.1inch)
diameter:1.00mm(0.039inch)
1
14
17 16
13
2
15
89
11
FOOTPRINT DETAILS
NC: No connection
Single/Dual Ouput
(
)
Side View
(
)
Bottom Vi ew
16.65(0.656)
32.30(1.272)
2.54(0.100)
27.94(1.100)
12
89
11
14
17 16
13
15
APPLICATION NOTE
Requirement on output load
To ensure this module can operate efficiently and reliably, During operation, the minimum
output load is not less than 10% of the full load, and that this product should never be
operated under no load! If the actual output power is very small, please connect a resistor
with proper resistance at the output end in parallel to increase the load, or use our
company
’s products with a lower rated output power(G/H_D-1W Series)
Recommended testing and application circuit
If you want to further decrease the input/output
ripple, an
“LC” filtering network may be connected
to the input and output ends of the DC/DC
converter, see (Figure 1).
Vin
GND
+Vo
0V
DC
Cin
L
L
DC
L Cout
Cout
-Vo
Dual Output
L
Single Output
Vin
GND
+Vo
0V
DC
Cin
L
DC
Cout
(Figure 1)
It should also be noted that the inductance and
the frequency of the
“LC” filtering network should
be staggered with the DC/DC frequency to avoid
mutual interference. However, the capacitance of
the output filter capacitor must be proper. If the
capacitance is too big, a startup problem might
arise. For every channel of output, provided the
safe
and
reliable
operation
is
ensured,
the
greatest capacitance of its filter capacitor sees
(Table 1).
EXTERNAL CAPACITOR TABLE (Table 1)
Vin
(VDC)
Cin
(uF)
Single
Vout
(VDC)
Cout
(uF)
Dual
Vout
(VDC)
Cout
(uF)
5
4.7
5
10
±5
4.7
12
2.2
9
4.7
±9
2.2
24
1
12
2.2
±12
1
-
-
15
1
±15
1
It
’s not recommended to connect any external capacitor
in the application field with less than 0.5 watt output.
Output Voltage Regulation and Over-voltage
Protection Circuit
The
simplest
device
for
output
voltage
regulation,
over-voltage
and
over-current
protection
is
a
linear
voltage regulator
with
overheat protection that is connected to the input
or output end in series (Figure 2).
Vin
GND
0V
+Vo
DC DC
-Vo
REG
REG
REG
Dual Output
Single Output
Vin
GND
0V
+Vo
DC DC
REG
REG
(Figure 2)
Overload Protection
Under normal operating conditions, the output
circuit of these products has no protection against
overload. The simplest method is to connect a
self-recovery fuse in series at the input end or add
a circuit breaker to the circuit.
No parallel connection or plug and play.
Note:
1.All specifications measured at Ta=25
°C, humidity<75%,
nominal input voltage and rated output load unless
otherwise specified.
2.Only typical models listed, other models may be
different, please contact our technical person for more
details.
3.Operation under minimum load will not damage the
converter; However, they may not meet all specification
listed.


Numéro de pièce similaire - H0505D-2W

FabricantNo de pièceFiches techniqueDescription
logo
MORNSUN Science& Techno...
H0505D-1W MORNSUN-H0505D-1W Datasheet
130Kb / 2P
   DUAL/SINGLE OUTPUT DC-DC CONVERTER
More results

Description similaire - H0505D-2W

FabricantNo de pièceFiches techniqueDescription
logo
Bothhand USA, LP.
B7LF BOTHHAND-B7LF Datasheet
1Mb / 8P
   DC-DC Converter Single / Dual Output
logo
MORNSUN Science& Techno...
URA2405D-10W MORNSUN-URA2405D-10W Datasheet
105Kb / 2P
   DUAL/SINGLE OUTPUT DC-DC CONVERTER
B0303LD-1W MORNSUN-B0303LD-1W Datasheet
133Kb / 2P
   DUAL/SINGLE OUTPUT DC-DC CONVERTER
F0305D-1W MORNSUN-F0305D-1W Datasheet
135Kb / 3P
   DUAL/SINGLE OUTPUT DC-DC CONVERTER
logo
Make-Ps
100VFS MAKE-PS-100VFS Datasheet
176Kb / 4P
   Single & Dual Output DC/DC Converter
300XFR MAKE-PS-300XFR Datasheet
208Kb / 4P
   Single & Dual Output DC/DC Converter
FKC12W MAKE-PS-FKC12W Datasheet
594Kb / 3P
   Single & Dual Output DC/DC Converter
logo
MORNSUN Science& Techno...
B0303LS-1WR MORNSUN-B0303LS-1WR Datasheet
297Kb / 3P
   DUAL/SINGLE OUTPUT DC-DC CONVERTER
B0303LS-1WR2 MORNSUN-B0303LS-1WR2 Datasheet
605Kb / 5P
   DUAL/SINGLE OUTPUT DC-DC CONVERTER
WRA0505LT-3W MORNSUN-WRA0505LT-3W Datasheet
270Kb / 3P
   SINGLE/DUAL OUTPUT DC/DC CONVERTER
logo
Make-Ps
300FR MAKE-PS-300FR Datasheet
183Kb / 4P
   Single & Dual Output DC/DC Converter
More results


Html Pages

1 2


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com