Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SN74ABT5400A Fiches technique(PDF) 5 Page - Texas Instruments

No de pièce SN74ABT5400A
Description  11-BIT LINE/MEMORY DRIVERS WITH 3-STATE OUTPUTS
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI - Texas Instruments

SN74ABT5400A Fiches technique(HTML) 5 Page - Texas Instruments

  SN74ABT5400A Datasheet HTML 1Page - Texas Instruments SN74ABT5400A Datasheet HTML 2Page - Texas Instruments SN74ABT5400A Datasheet HTML 3Page - Texas Instruments SN74ABT5400A Datasheet HTML 4Page - Texas Instruments SN74ABT5400A Datasheet HTML 5Page - Texas Instruments SN74ABT5400A Datasheet HTML 6Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
SN54ABT5400A, SN74ABT5400A
11-BIT LINE/MEMORY DRIVERS
WITH 3-STATE OUTPUTS
SCBS661B – FEBRUARY 1996 – REVISED MAY 1997
5
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
PARAMETER MEASUREMENT INFORMATION
1.5 V
th
tsu
From Output
Under Test
CL = 50 pF
(see Note A)
LOAD CIRCUIT
S1
7 V
Open
GND
500
500
Data Input
Timing Input
1.5 V
3 V
0 V
1.5 V
1.5 V
3 V
0 V
VOLTAGE WAVEFORMS
SETUP AND HOLD TIMES
VOLTAGE WAVEFORMS
PROPAGATION DELAY TIMES
INVERTING AND NONINVERTING OUTPUTS
tPLH
tPHL
tPHL
tPLH
VOH
VOH
VOL
VOL
1.5 V
1.5 V
3 V
0 V
1.5 V
1.5 V
Input
1.5 V
Output
Control
Output
Waveform 1
S1 at 7 V
(see Note B)
Output
Waveform 2
S1 at Open
(see Note B)
VOL
VOH
tPZL
tPZH
tPLZ
tPHZ
1.5 V
1.5 V
3.5 V
0 V
1.5 V
VOL + 0.3 V
1.5 V
VOH – 0.3 V
≈ 0 V
3 V
VOLTAGE WAVEFORMS
ENABLE AND DISABLE TIMES
LOW- AND HIGH-LEVEL ENABLING
Output
Output
tPLH/tPHL
tPLZ/tPZL
tPHZ/tPZH
Open
7 V
Open
TEST
S1
NOTES: A. CL includes probe and jig capacitance.
B. Waveform 1 is for an output with internal conditions such that the output is low except when disabled by the output control.
Waveform 2 is for an output with internal conditions such that the output is high except when disabled by the output control.
C. All input pulses are supplied by generators having the following characteristics: PRR
≤ 10 MHz, ZO = 50 Ω, tr ≤ 2.5 ns, tf ≤ 2.5 ns.
D. The outputs are measured one at a time with one transition per measurement.
Figure 1. Load Circuit and Voltage Waveforms


Numéro de pièce similaire - SN74ABT5400A

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
SN74ABT5400 TI1-SN74ABT5400 Datasheet
140Kb / 8P
[Old version datasheet]   11-BIT LINE/MEMORY DRIVERS WITH 3-STATE OUTPUTS
SN74ABT5400DW TI1-SN74ABT5400DW Datasheet
140Kb / 8P
[Old version datasheet]   11-BIT LINE/MEMORY DRIVERS WITH 3-STATE OUTPUTS
SN74ABT5400DWR TI1-SN74ABT5400DWR Datasheet
140Kb / 8P
[Old version datasheet]   11-BIT LINE/MEMORY DRIVERS WITH 3-STATE OUTPUTS
More results

Description similaire - SN74ABT5400A

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
SN54ABT5401 TI-SN54ABT5401 Datasheet
106Kb / 6P
[Old version datasheet]   11-BIT LINE/MEMORY DRIVERS WITH 3-STATE OUTPUTS
SN54ABT5400 TI1-SN54ABT5400 Datasheet
140Kb / 8P
[Old version datasheet]   11-BIT LINE/MEMORY DRIVERS WITH 3-STATE OUTPUTS
SN54ABT5403 TI-SN54ABT5403 Datasheet
106Kb / 6P
[Old version datasheet]   12-BIT LINE/MEMORY DRIVERS WITH 3-STATE OUTPUTS
SN54ABT5402A TI1-SN54ABT5402A_14 Datasheet
530Kb / 12P
[Old version datasheet]   12-BIT LINE/MEMORY DRIVERS WITH 3-STATE OUTPUTS
SN54ABT5402A TI-SN54ABT5402A Datasheet
105Kb / 6P
[Old version datasheet]   12-BIT LINE/MEMORY DRIVERS WITH 3-STATE OUTPUTS
SN74ABT5402 TI1-SN74ABT5402 Datasheet
251Kb / 11P
[Old version datasheet]   12-BIT LINE/MEMORY DRIVERS WITH 3-STATE OUTPUTS
SN54ABT5403 TI1-SN54ABT5403_09 Datasheet
304Kb / 9P
[Old version datasheet]   12-BIT LINE/MEMORY DRIVERS WITH 3-STATE OUTPUTS
SN74BCT2410 TI1-SN74BCT2410 Datasheet
96Kb / 6P
[Old version datasheet]   11-BIT MOS MEMORY DRIVER WITH 3-STATE OUTPUTS
SN54ABTR2245 TI1-SN54ABTR2245_13 Datasheet
672Kb / 10P
[Old version datasheet]   OCTAL TRANSCEIVERS AND LINE/MEMORY DRIVERS WITH 3-STATE OUTPUTS
SN54ABTR2245 TI-SN54ABTR2245 Datasheet
129Kb / 8P
[Old version datasheet]   OCTAL TRANSCEIVERS AND LINE/MEMORY DRIVERS WITH 3-STATE OUTPUTS
More results


Html Pages

1 2 3 4 5 6


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com