Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LD03-10B15 Fiches technique(PDF) 7 Page - MORNSUN Science& Technology Ltd.

No de pièce LD03-10B15
Description  3-5W,AC-DC CONVERTER
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MORNSUN [MORNSUN Science& Technology Ltd.]
Site Internet  http://www.mornsun-power.com
Logo MORNSUN - MORNSUN Science& Technology Ltd.

LD03-10B15 Fiches technique(HTML) 7 Page - MORNSUN Science& Technology Ltd.

Back Button LD03-10B15 Datasheet HTML 2Page - MORNSUN Science& Technology Ltd. LD03-10B15 Datasheet HTML 3Page - MORNSUN Science& Technology Ltd. LD03-10B15 Datasheet HTML 4Page - MORNSUN Science& Technology Ltd. LD03-10B15 Datasheet HTML 5Page - MORNSUN Science& Technology Ltd. LD03-10B15 Datasheet HTML 6Page - MORNSUN Science& Technology Ltd. LD03-10B15 Datasheet HTML 7Page - MORNSUN Science& Technology Ltd. LD03-10B15 Datasheet HTML 8Page - MORNSUN Science& Technology Ltd. LD03-10B15 Datasheet HTML 9Page - MORNSUN Science& Technology Ltd. LD03-10B15 Datasheet HTML 10Page - MORNSUN Science& Technology Ltd.  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
For multi-output converters, the main output is typically a fully regulated output.
If the end
application requires critical regulation on the auxiliary output(s), a linear regulator or other
regular should be added after the converter.
(Note: Some MORNSUN converters have built in
linear regulators; please contact our Technical Department for details).
3. AC-DC Converter Safety Related Design Notes
3.1 Marking Requirements
Wherever, there are fuses, protective grounds, or
switches, clear symbols should be indicated
according safety standards. Touchable dangerous high voltage and energy sources should be
marked with
“Caution!” indications.
3.2 Input Cable Requirements:
Input cables of L, N and E should be brown, blue and yellow/green cables, respectively.
Ensure that the ground cable (yellow & green cable) of Type I devices (those that rely on
basic insulation and protection ground to avoid electric shock) are securely connected to the
ground, and the earth resistance is lower than 0.1Ω
3.3 Clearance and Creepage
For Type I devices, ensure:
♦ L and N are in front of the fuse.
♦ The clearance distance between the input and the metal case is above 2mm and
creepage is above 2.5mm.
For Type II devices (those that rely on strengthened insulation or double insulation to avoid
electric shock) ensure:
♦ L and N are in front of the fuse
♦ The clearance distance between the input and the metal case is above 2mm and
creepage is above 2.5mm.
♦ The clearance between the input and the metal case or SELV is above 4mm, and
creepage of that is above 5mm.
3.4 Input energy
If the input capacitor is large, a discharge resistor may be added to ensure that, after
disconnect, the voltage held between Input L, N, and the protective ground will be discharged to
37% of its maximum value or below.
In Figure 2, R1 is the discharge resistor.
4. Heat Dissipation in AC/DC Converter Module Applications
Trends toward higher density in AC/DC module designs make heat dissipation an important
concern.
The effect of heat on the electrolytic capacitor is of particular concern, as the life of
such capacitors can be drastically reduced when operated in a constant high temperature
environment, leading to a higher potential for failure. Proper handling of heat will increase the
life of the converter and surrounding components, thus lowering risk of failures. Some


Numéro de pièce similaire - LD03-10B15

FabricantNo de pièceFiches techniqueDescription
logo
MORNSUN Science& Techno...
LD03-10B15R2 MORNSUN-LD03-10B15R2 Datasheet
328Kb / 5P
   3W, AC-DC converter
More results

Description similaire - LD03-10B15

FabricantNo de pièceFiches techniqueDescription
logo
MORNSUN Science& Techno...
LH05-10B03 MORNSUN-LH05-10B03_15 Datasheet
1Mb / 7P
   5W, AC-DC converter
LD05-20B05MU MORNSUN-LD05-20B05MU Datasheet
1Mb / 4P
   5W, AC/DC converter
LHE05-20A05 MORNSUN-LHE05-20A05 Datasheet
1Mb / 6P
   5W, AC-DC converter
LS05-15B03S MORNSUN-LS05-15B03S Datasheet
918Kb / 5P
   5W,AC-DC CONVERTER
LD05-20B03 MORNSUN-LD05-20B03_15 Datasheet
398Kb / 7P
   5W, AC/DC converter
LO05-12B03 MORNSUN-LO05-12B03 Datasheet
517Kb / 4P
   5W, AC-DC converter
LS05-26B03SS MORNSUN-LS05-26B03SS Datasheet
1Mb / 6P
   5W, AC/DC converter
LD05-23B03 MORNSUN-LD05-23B03_15 Datasheet
359Kb / 5P
   5W, AC-DC converter
LHE05-20B03 MORNSUN-LHE05-20B03 Datasheet
1Mb / 5P
   5W, AC-DC converter
LDE03-20B03 MORNSUN-LDE03-20B03 Datasheet
1Mb / 6P
   3W/5W, AC-DC converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com