Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SN54ABT2241 Fiches technique(PDF) 2 Page - Texas Instruments

No de pièce SN54ABT2241
Description  OCTAL BUFFERS AND LINE/MOS DRIVERS WITH 3-STATE OUTPUTS
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI - Texas Instruments

SN54ABT2241 Fiches technique(HTML) 2 Page - Texas Instruments

  SN54ABT2241 Datasheet HTML 1Page - Texas Instruments SN54ABT2241 Datasheet HTML 2Page - Texas Instruments SN54ABT2241 Datasheet HTML 3Page - Texas Instruments SN54ABT2241 Datasheet HTML 4Page - Texas Instruments SN54ABT2241 Datasheet HTML 5Page - Texas Instruments SN54ABT2241 Datasheet HTML 6Page - Texas Instruments SN54ABT2241 Datasheet HTML 7Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
SN54ABT2241, SN74ABT2241
OCTAL BUFFERS AND LINE/MOS DRIVERS
WITH 3-STATE OUTPUTS
SCBS233B – JANUARY 1991 – REVISED JANUARY 1997
2
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
FUNCTION TABLES
INPUTS
OUTPUT
1OE
1A
1Y
L
H
H
L
LL
H
X
Z
INPUTS
OUTPUT
2OE
2A
2Y
H
H
H
H
LL
L
X
Z
logic symbol
2
1A1
4
1A2
6
1A3
8
1A4
EN
1
1Y1
18
1Y2
16
1Y3
14
1Y4
12
11
2A1
13
2A2
15
2A3
17
2A4
EN
19
2OE
2Y1
9
2Y2
7
2Y3
5
2Y4
3
1OE
† This symbol is in accordance with ANSI/IEEE Std 91-1984 and IEC Publication 617-12.
11
logic diagram (positive logic)
1
218
1Y1
1OE
1A1
416
1Y2
1A2
614
1Y3
1A3
812
1Y4
1A4
19
11
9
2Y1
2OE
2A1
13
7
2Y2
2A2
15
5
2Y3
2A3
17
3
2Y4
2A4


Numéro de pièce similaire - SN54ABT2241

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
SN54ABT2241 TI1-SN54ABT2241 Datasheet
1Mb / 17P
[Old version datasheet]   OCTAL BUFFERS AND LINE/MOS DRIVERS WITH 3-STATE OUTPUTS
SN54ABT2241 TI1-SN54ABT2241_16 Datasheet
1Mb / 17P
[Old version datasheet]   OCTAL BUFFERS AND LINE/MOS DRIVERS WITH 3-STATE OUTPUTS
More results

Description similaire - SN54ABT2241

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
SN54BCT2240 TI-SN54BCT2240 Datasheet
74Kb / 5P
[Old version datasheet]   OCTAL BUFFERS AND LINE/MOS DRIVERS WITH 3-STATE OUTPUTS
SN54ABT2240A TI-SN54ABT2240A Datasheet
106Kb / 7P
[Old version datasheet]   OCTAL BUFFERS AND LINE/MOS DRIVERS WITH 3-STATE OUTPUTS
SN54ABT2244 TI-SN54ABT2244 Datasheet
105Kb / 7P
[Old version datasheet]   OCTAL BUFFERS AND LINE/MOS DRIVERS WITH 3-STATE OUTPUTS
SN54ABT2240A TI1-SN54ABT2240A_16 Datasheet
1Mb / 22P
[Old version datasheet]   OCTAL BUFFERS AND LINE/MOS DRIVERS WITH 3-STATE OUTPUTS
SN54ABT2244A TI-SN54ABT2244A Datasheet
117Kb / 8P
[Old version datasheet]   OCTAL BUFFERS AND LINE/MOS DRIVERS WITH 3-STATE OUTPUTS
SN54BCT2244 TI-SN54BCT2244 Datasheet
492Kb / 13P
[Old version datasheet]   OCTAL BUFFERS AND LINE/MOS DRIVERS WITH 3-STATE OUTPUTS
SN54BCT2244 TI-SN54BCT2244_08 Datasheet
664Kb / 16P
[Old version datasheet]   OCTAL BUFFERS AND LINE/MOS DRIVERS WITH 3-STATE OUTPUTS
SN54BCT2240 TI1-SN54BCT2240_15 Datasheet
252Kb / 11P
[Old version datasheet]   OCTAL BUFFERS AND LINE/MOS DRIVERS WITH 3-STATE OUTPUTS
SN54ABT2244A TI1-SN54ABT2244A_16 Datasheet
1Mb / 20P
[Old version datasheet]   OCTAL BUFFERS AND LINE/MOS DRIVERS WITH 3-STATE OUTPUTS
SN54BCT2244 TI1-SN54BCT2244_16 Datasheet
699Kb / 15P
[Old version datasheet]   OCTAL BUFFERS AND LINE/MOS DRIVERS WITH 3-STATE OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com