Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

KMC500E335M43N0T00 Fiches technique(PDF) 2 Page - United Chemi-Con, Inc.

No de pièce KMC500E335M43N0T00
Description  MULTILAYER CERAMIC CHIP CAPACITORS
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  CHEMI-CON [United Chemi-Con, Inc.]
Site Internet  http://www.chemi-con.com
Logo CHEMI-CON - United Chemi-Con, Inc.

KMC500E335M43N0T00 Fiches technique(HTML) 2 Page - United Chemi-Con, Inc.

  KMC500E335M43N0T00 Datasheet HTML 1Page - United Chemi-Con, Inc. KMC500E335M43N0T00 Datasheet HTML 2Page - United Chemi-Con, Inc. KMC500E335M43N0T00 Datasheet HTML 3Page - United Chemi-Con, Inc. KMC500E335M43N0T00 Datasheet HTML 4Page - United Chemi-Con, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
MULTILAYER CERAMIC CHIP CAPACITORS
CAT. No. E1002I
?SPECIFICATIONS
No.
Items
Specification
Test Condition
8
Solderability
Min. 75% of surface of the termination
shall be covered with new solder
Solder Temperature : 235P5C
Dipping Time : 2P0.5 sec.
Solder : Eutectic solder containning Ag2.5 to 3wt%
6
7
Adhesion
Bend strength of the face plating
No visible damage.
Appearance : No visible damage.
DC/C : P15%
The substrate shall be bend by 1mm at a rate of 1mm/s
for 5 seconds.
Substrate
5N (0.51kgf)
for 10P1 seconds
Capacitor
1.0mm
Substrate
Press
Press ber
Capacitor
Support
45P2mm
45P2mm
10
Temperature Cycle
Appearance : No visible damage.
DC/C : P15%
D.F. : To meet the initial specification.
I.R. : To meet the initial specification.
Withstand voltage : No abnormality.
9
Resistance to Soldering Heat
Appearance : No visible damage.
DC/C : P15%
D.F. : To meet the initial specification.
I.R. : To meet the initial specification.
Withstand voltage : No abnormality.
11
Humidity Load Life
12
Endurance
Appearance : No abnormality.
DC/C : P20%
D.F. : 7% maximum
I.R. : 50/CR(MO) or 1000(MO)
whichever is less.
Withstand voltage : No abnormality.
Appearance : No abnormality.
DC/C : P20%
D.F. : 7% maximum
I.R. : 100/CR(MO) or 1000(MO)
whichever is less.
Withstand voltage : No abnormality.
Temperature : 40P2C
Humidity
: 90 to 95%RH
Voltage
: Rated voltage
Time
: 500P
24hours
Temperature : 85P2C
Voltage
: 200% of rated voltage.
Time
: 1000P
48hours
Temperature : 125P3C
Voltage
: Rated voltage
Time
: 1000P
48hours
<Cycle>
THC series : 5 cycles
TMC series : 100 cycles
Step
1
2
Temperature (C)
Min. Category temperature P3
Room temperature
(min.)
30P3
3 max.
3
4
Max. Category temperature P2
Room temperature
30P3
3 max.
0
0
0
Solder Temperature : 260P5C
Dipping Time
: 2P0.5 seconds
Solder
: Eutectic solder containning
Ag2.5 to 3wt%
*CR : Rated Capacitance(MF)
/
(2/4)


Numéro de pièce similaire - KMC500E335M43N0T00

FabricantNo de pièceFiches techniqueDescription
logo
Thinking Electronic Ind...
KMC5S010 THINKING-KMC5S010 Datasheet
647Kb / 16P
   Polymer PTC Resettable Fuse
KMC5S014 THINKING-KMC5S014 Datasheet
647Kb / 16P
   Polymer PTC Resettable Fuse
KMC5S020 THINKING-KMC5S020 Datasheet
647Kb / 16P
   Polymer PTC Resettable Fuse
KMC5S035 THINKING-KMC5S035 Datasheet
647Kb / 16P
   Polymer PTC Resettable Fuse
KMC5S050 THINKING-KMC5S050 Datasheet
647Kb / 16P
   Polymer PTC Resettable Fuse
More results

Description similaire - KMC500E335M43N0T00

FabricantNo de pièceFiches techniqueDescription
logo
EPCOS
X8R EPCOS-X8R Datasheet
112Kb / 13P
   Multilayer ceramic capacitors Chip capacitors
logo
NIC-Components Corp.
NMC0402X7R104K16TRPF NIC-NMC0402X7R104K16TRPF Datasheet
138Kb / 4P
   Multilayer Ceramic Chip Capacitors
logo
TDK Electronics
C1005C0G1H1R5C050BA TDK-C1005C0G1H1R5C050BA Datasheet
173Kb / 31P
   Multilayer Ceramic Chip Capacitors
C1608X5R0J226M080AC TDK-C1608X5R0J226M080AC Datasheet
2Mb / 55P
   MULTILAYER CERAMIC CHIP CAPACITORS
C3216X7R1C105K TDK-C3216X7R1C105K Datasheet
197Kb / 31P
   Multilayer Ceramic Chip Capacitors
C3216X7R1V106M160AC TDK-C3216X7R1V106M160AC Datasheet
2Mb / 55P
   MULTILAYER CERAMIC CHIP CAPACITORS
CKG57NX5R1E476M500JH TDK-CKG57NX5R1E476M500JH Datasheet
109Kb / 9P
   Multilayer Ceramic Chip Capacitors
C3225X5R1C226K TDK-C3225X5R1C226K Datasheet
173Kb / 31P
   Multilayer Ceramic Chip Capacitors
logo
Kyocera Kinseki Corpota...
CM32Y5V106Z16AT KSS-CM32Y5V106Z16AT Datasheet
163Kb / 16P
   Multilayer Ceramic Chip Capacitors
logo
TDK Electronics
C0603X5R0J224K TDK-C0603X5R0J224K Datasheet
463Kb / 2P
   Multilayer Ceramic Chip Capacitors
logo
NIC-Components Corp.
NMC1 NIC-NMC1 Datasheet
268Kb / 4P
   Multilayer Ceramic Chip Capacitors
More results


Html Pages

1 2 3 4


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com