Moteur de recherche de fiches techniques de composants électroniques |
|
SN74ABT16600 Fiches technique(PDF) 2 Page - Texas Instruments |
|
SN74ABT16600 Fiches technique(HTML) 2 Page - Texas Instruments |
2 / 7 page SN54ABT16600, SN74ABT16600 18-BIT UNIVERSAL BUS TRANSCEIVERS WITH 3-STATE OUTPUTS SCBS209B – JUNE 1992 – REVISED JANUARY 1997 2 POST OFFICE BOX 655303 • DALLAS, TEXAS 75265 description (continued) Data flow for B to A is similar to that of A to B, but uses OEBA, LEBA, CLKBA, and CLKENBA. To ensure the high-impedance state during power up or power down, OE should be tied to VCC through a pullup resistor; the minimum value of the resistor is determined by the current-sinking capability of the driver. The SN54ABT16600 is characterized for operation over the full military temperature range of –55 °C to 125°C. The SN74ABT16600 is characterized for operation from –40 °C to 85°C. FUNCTION TABLE† INPUTS OUTPUT CLKENAB OEAB LEAB CLKAB A B X H X X X Z X LH X L L X LH X H H H LL X X B0‡ H LL X X B0‡ L LL ↓ LL L LL ↓ HH L LL H X B0‡ L L L L X B0§ † A-to-B data flow is shown: B-to-A flow is similar but uses OEBA, LEBA, CLKBA, and CLKENBA. ‡ Output level before the indicated steady-state input conditions were established § Output level before the indicated steady-state input conditions were established, provided that CLKAB was low before LEAB went low |
Numéro de pièce similaire - SN74ABT16600 |
|
Description similaire - SN74ABT16600 |