Moteur de recherche de fiches techniques de composants électroniques |
|
SN74LS38DBRG4 Fiches technique(PDF) 8 Page - Texas Instruments |
|
SN74LS38DBRG4 Fiches technique(HTML) 8 Page - Texas Instruments |
8 / 17 page Orderable Device Status (1) Package Type Package Drawing Pins Package Qty Eco Plan (2) Lead/Ball Finish MSL Peak Temp (3) SN74S38DR ACTIVE SOIC D 14 2500 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM SN74S38DRE4 ACTIVE SOIC D 14 2500 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM SN74S38DRE4 ACTIVE SOIC D 14 2500 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM SN74S38N ACTIVE PDIP N 14 25 Pb-Free (RoHS) CU NIPDAU Level-NC-NC-NC SN74S38N ACTIVE PDIP N 14 25 Pb-Free (RoHS) CU NIPDAU Level-NC-NC-NC SN74S38N3 OBSOLETE PDIP N 14 TBD Call TI Call TI SN74S38N3 OBSOLETE PDIP N 14 TBD Call TI Call TI SN74S38NE4 ACTIVE PDIP N 14 25 Pb-Free (RoHS) CU NIPDAU Level-NC-NC-NC SN74S38NE4 ACTIVE PDIP N 14 25 Pb-Free (RoHS) CU NIPDAU Level-NC-NC-NC SN74S38NSR ACTIVE SO NS 14 2000 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM SN74S38NSR ACTIVE SO NS 14 2000 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM SN74S38NSRE4 ACTIVE SO NS 14 2000 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM SN74S38NSRE4 ACTIVE SO NS 14 2000 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM SNJ5438J ACTIVE CDIP J 14 1 TBD Call TI Level-NC-NC-NC SNJ5438J ACTIVE CDIP J 14 1 TBD Call TI Level-NC-NC-NC SNJ5438W ACTIVE CFP W 14 1 TBD Call TI Level-NC-NC-NC SNJ5438W ACTIVE CFP W 14 1 TBD Call TI Level-NC-NC-NC SNJ54LS38FK ACTIVE LCCC FK 20 1 TBD Call TI Level-NC-NC-NC SNJ54LS38FK ACTIVE LCCC FK 20 1 TBD Call TI Level-NC-NC-NC SNJ54LS38J ACTIVE CDIP J 14 1 TBD Call TI Level-NC-NC-NC SNJ54LS38J ACTIVE CDIP J 14 1 TBD Call TI Level-NC-NC-NC SNJ54LS38W ACTIVE CFP W 14 1 TBD Call TI Level-NC-NC-NC SNJ54LS38W ACTIVE CFP W 14 1 TBD Call TI Level-NC-NC-NC SNJ54S38FK ACTIVE LCCC FK 20 1 TBD Call TI Level-NC-NC-NC SNJ54S38FK ACTIVE LCCC FK 20 1 TBD Call TI Level-NC-NC-NC SNJ54S38J ACTIVE CDIP J 14 1 TBD Call TI Level-NC-NC-NC SNJ54S38J ACTIVE CDIP J 14 1 TBD Call TI Level-NC-NC-NC SNJ54S38W ACTIVE CFP W 14 1 TBD Call TI Level-NC-NC-NC SNJ54S38W ACTIVE CFP W 14 1 TBD Call TI Level-NC-NC-NC (1) The marketing status values are defined as follows: ACTIVE: Product device recommended for new designs. LIFEBUY: TI has announced that the device will be discontinued, and a lifetime-buy period is in effect. NRND: Not recommended for new designs. Device is in production to support existing customers, but TI does not recommend using this part in a new design. PREVIEW: Device has been announced but is not in production. Samples may or may not be available. OBSOLETE: TI has discontinued the production of the device. PACKAGE OPTION ADDENDUM www.ti.com 26-Sep-2005 Addendum-Page 3 |
Numéro de pièce similaire - SN74LS38DBRG4 |
|
Description similaire - SN74LS38DBRG4 |