Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SM7644HEW Fiches technique(PDF) 7 Page - Pletronics, Inc.

No de pièce SM7644HEW
Description  2.5 V CMOS Clock Oscillators
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  PLETRONICS [Pletronics, Inc.]
Site Internet  http://www.pletronics.com
Logo PLETRONICS - Pletronics, Inc.

SM7644HEW Fiches technique(HTML) 7 Page - Pletronics, Inc.

  SM7644HEW Datasheet HTML 1Page - Pletronics, Inc. SM7644HEW Datasheet HTML 2Page - Pletronics, Inc. SM7644HEW Datasheet HTML 3Page - Pletronics, Inc. SM7644HEW Datasheet HTML 4Page - Pletronics, Inc. SM7644HEW Datasheet HTML 5Page - Pletronics, Inc. SM7644HEW Datasheet HTML 6Page - Pletronics, Inc. SM7644HEW Datasheet HTML 7Page - Pletronics, Inc. SM7644HEW Datasheet HTML 8Page - Pletronics, Inc. SM7644HEW Datasheet HTML 9Page - Pletronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
SM76H Series 2.5 V
CMOS Clock Oscillators
March 2008
www.pletronics.com
425-776-1880
7
Mechanical (obsolete version):
The cover is no longer being supplied over this part. This part is made with a hermetically sealed SM77H
series oscillator. This part is now exposed.
The cover has been deleted, the cover was causing problems with the newer high temperature RoHS lead
free processes. The cover purpose was only cosmetic.
All parts ordered in 2008 will be made in the new fashion.
There is no change in electrical properties.
Pletronics does recommend that all designs should transition to the SM77H ceramic part. This is the base
part of the SM76H.
Inches
mm
Cover:
Centered on the base
304 Stainless Steel
0.010 inch (0.25μm)
Electroless Nickel Plated
1 μinch (25 μm) typical
Label:
White Kapton with Black Letters
–or--
Laser marked lettering
FR4 PCB Base:
Solder masked
All via holes tented on bottom
Copper Clad ½ oz. Typical
Gold plated 0.02 μinch (0.5 μm)
Pin 3 Ground plane is typical
Not to scale
1 Typical dimension
A
0.351 +_0.003
8.91 +_0.07
B
0.356 +_0.005
9.04 +_0.13
C
0.103 +_0.005
2.62 +_0.13
D1
0.324
8.23
E1
0.316
8.03
F1
0.050
1.27
G1
0.040
1.02
H1
0.059
1.50
I1
0.020
0.51
J1
0.040
1.02
K1
0.200
5.08
L1
0.026 typical
0.66
The package is not hermetically sealed.
The sides are intentionally left open to permit cleaning material to freely flow in the package, thus
minimizing the accumulation of contaminants during cleaning processes.
The internal part of the package must be thoroughly dry before operating.


Numéro de pièce similaire - SM7644HEW

FabricantNo de pièceFiches techniqueDescription
logo
Pletronics, Inc.
SM7644HE PLETRONICS-SM7644HE Datasheet
202Kb / 1P
   CMOS with Enable/ Disable or Optional Stand By Mode (3.3 V)
SM7644HEV PLETRONICS-SM7644HEV Datasheet
203Kb / 9P
   3.3 V CMOS Clock Oscillators
More results

Description similaire - SM7644HEW

FabricantNo de pièceFiches techniqueDescription
logo
Pletronics, Inc.
SM5545GEW PLETRONICS-SM5545GEW Datasheet
151Kb / 8P
   2.5 V CMOS Clock Oscillators
SM5545TEW PLETRONICS-SM5545TEW Datasheet
151Kb / 8P
   2.5 V CMOS Clock Oscillators
SM7645DEW PLETRONICS-SM7645DEW Datasheet
205Kb / 9P
   2.5 V CMOS Clock Oscillators
SM7745DEW PLETRONICS-SM7745DEW Datasheet
152Kb / 8P
   2.5 V CMOS Clock Oscillators
SM7745HEW PLETRONICS-SM7745HEW Datasheet
109Kb / 8P
   2.5 V CMOS Clock Oscillators
SM5545MEW PLETRONICS-SM5545MEW Datasheet
150Kb / 8P
   2.5 V CMOS Clock Oscillators
SM7745GEW PLETRONICS-SM7745GEW Datasheet
150Kb / 8P
   2.5 V CMOS Clock Oscillators
SQ3345DESW PLETRONICS-SQ3345DESW Datasheet
135Kb / 7P
   2.5 V CMOS Clock Oscillators
SM7745MEW PLETRONICS-SM7745MEW Datasheet
149Kb / 8P
   2.5 V CMOS Clock Oscillators
SM5545TW-750M-T250 PLETRONICS-SM5545TW-750M-T250 Datasheet
144Kb / 8P
   SM55T Series 2.5 V CMOS Clock Oscillators
More results


Html Pages

1 2 3 4 5 6 7 8 9


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com