Moteur de recherche de fiches techniques de composants électroniques |
|
SN74LS05DBLE Fiches technique(PDF) 8 Page - Texas Instruments |
|
SN74LS05DBLE Fiches technique(HTML) 8 Page - Texas Instruments |
8 / 18 page SN54LS05, SN54S05 SN7405, SN74LS05, SN74S05 HEX INVERTERS WITH OPENCOLLECTOR OUTPUTS SDLS030A − DECEMBER 1983 − REVISED NOVEMBER 2003 8 POST OFFICE BOX 655303 • DALLAS, TEXAS 75265 PARAMETER MEASUREMENT INFORMATION SERIES 54LS/74LS DEVICES From Output Under Test CL (see Note A) RL Test Point VCC LOAD CIRCUIT 1.3 V 1.3 V High-Level Pulse 1.3 V 1.3 V tw Low-Level Pulse VOLTAGE WAVEFORMS PULSE WIDTHS NOTES: A. CL includes probe and jig capacitance. B. In the examples above, the phase relationships between inputs and outputs have been chosen arbitrarily. C. All input pulses are supplied by generators having the following characteristics: PRR ≤ 1 MHz, ZO = 50 Ω, tr ≤ 1.5 ns, tf ≤ 2.6 ns. D. The outputs are measured one at a time with one input transition per measurement. 1.3 V 1.3 V Input tPLH In-Phase Output 3 V 0 V 1.3 V 1.3 V VOH VOL tPHL 1.3 V 1.3 V VOH VOL tPHL tPLH Out-of-Phase Output VOLTAGE WAVEFORMS PROPAGATION DELAY TIMES Figure 2. Load Circuit and Voltage Waveforms The SN5405 is obsolete and no longer is supplied. |
Numéro de pièce similaire - SN74LS05DBLE |
|
Description similaire - SN74LS05DBLE |