Moteur de recherche de fiches techniques de composants électroniques |
|
SN74LS126AD Fiches technique(PDF) 3 Page - Texas Instruments |
|
|
SN74LS126AD Fiches technique(HTML) 3 Page - Texas Instruments |
3 / 18 page SN54125, SN54126, SN54LS125A, SN54LS126A, SN74125, SN74126, SN74LS125A, SN74LS126A QUADRUPLE BUS BUFFERS WITH 3-STATE OUTPUTS SDLS044A – DECEMBER 1983 – REVISED MARCH 2002 3 POST OFFICE BOX 655303 • DALLAS, TEXAS 75265 schematics (each gate) ’125 CIRCUITS ’126 CIRCUITS 1.6 k W OUTPUT Y OUTPUT Y 1.6 k W 1.6 k W 1.6 k W 625 W 625 W 4 k W 4 k W 4 k W 4 k W 4.25 kW 2.5 k W 2.5 k W 2.5 k W 2.5 k W 1 k W 1 k W 4 k W 85 W 85 W DATA INPUT A CONTROL INPUT G GND GND VCC VCC CONTROL INPUT G DATA INPUT A 4 k W absolute maximum ratings over operating free-air temperature (unless otherwise noted)† (’125 and ’126) Supply voltage, VCC (see Note 1) 7 V . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Input voltage, VI 5.5 V . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Package thermal impedance, θJA (see Note 2):N package 80 °C/W . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Storage temperature range, Tstg –65 °C to 150°C . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . † Stresses beyond those listed under “absolute maximum ratings” may cause permanent damage to the device. These are stress ratings only, and functional operation of the device at these or any other conditions beyond those indicated under “recommended operating conditions” is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability. NOTES: 1. Voltage values are with respect to network ground terminal. 2. The package termal impedance is calculated in accordance with JESD 51-7. The SN54125, SN54126, SN74125, SN74126, and SN54LS126A are obsolete and are no longer supplied. |
Numéro de pièce similaire - SN74LS126AD |
|
Description similaire - SN74LS126AD |