Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

CS814D1 Fiches technique(PDF) 2 Page - High Voltage Power Solutions, Inc.

No de pièce CS814D1
Description  MOV Modules
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  HVPSI [High Voltage Power Solutions, Inc.]
Site Internet  http://www.hvpsi.com
Logo HVPSI - High Voltage Power Solutions, Inc.

CS814D1 Fiches technique(HTML) 2 Page - High Voltage Power Solutions, Inc.

  CS814D1 Datasheet HTML 1Page - High Voltage Power Solutions, Inc. CS814D1 Datasheet HTML 2Page - High Voltage Power Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
MECHANICAL DIMENSIONS
A Package
B Package
C Package
D Package
E Package
Dimensions in Inches.
Standard line wires are 12” 18 AWG white wires.
Standard ground wire is 12” 18 AWG green wire.
MOV Modules
CS800-Series


Numéro de pièce similaire - CS814D1

FabricantNo de pièceFiches techniqueDescription
logo
Cherry Semiconductor Co...
CS8140 CHERRY-CS8140 Datasheet
214Kb / 12P
   5V, 500mA Linear Regulator with ENABLE, , and Watchdog RESET
CS8140YDW24 CHERRY-CS8140YDW24 Datasheet
214Kb / 12P
   5V, 500mA Linear Regulator with ENABLE, , and Watchdog RESET
CS8140YDWR24 CHERRY-CS8140YDWR24 Datasheet
214Kb / 12P
   5V, 500mA Linear Regulator with ENABLE, , and Watchdog RESET
CS8140YN14 CHERRY-CS8140YN14 Datasheet
214Kb / 12P
   5V, 500mA Linear Regulator with ENABLE, , and Watchdog RESET
CS8140YT7 CHERRY-CS8140YT7 Datasheet
214Kb / 12P
   5V, 500mA Linear Regulator with ENABLE, , and Watchdog RESET
More results

Description similaire - CS814D1

FabricantNo de pièceFiches techniqueDescription
logo
Socay Electornics Co., ...
05D101K SOCAY-05D101K Datasheet
303Kb / 4P
   Radial Lead Varistor (MOV)
14D180K SOCAY-14D180K Datasheet
309Kb / 4P
   Radial Lead Varistor (MOV)
logo
HuaXinAn Electronics CO...
VDR34S130 HUAXINAN-VDR34S130 Datasheet
280Kb / 5P
   Metal Oxide Varistors (MOV)
34S471K HUAXINAN-34S471K Datasheet
280Kb / 5P
   Metal Oxide Varistors (MOV)
20D HUAXINAN-20D Datasheet
456Kb / 6P
   Metal Oxide Varistors (MOV)
32D HUAXINAN-32D Datasheet
191Kb / 4P
   Metal Oxide Varistors (MOV)
logo
UN Semiconducctor INC
40D UNSEMI-40D Datasheet
2Mb / 4P
   Radial Lead Varistor (MOV)
Revision March 1,2022
14D471KT UNSEMI-14D471KT Datasheet
540Kb / 2P
   Thermal Fuse & MOV (TFMOV)
Revision December 18, 2013
34S750T UNSEMI-34S750T Datasheet
2Mb / 3P
   Radial Lead Varistor (MOV)
Revision March 1,2022
logo
NTE Electronics
NTE1V010 NTE-NTE1V010_13 Datasheet
67Kb / 3P
   Metal Oxide Varistors (MOV)
More results


Html Pages

1 2


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com