Moteur de recherche de fiches techniques de composants électroniques |
|
SN7407D Fiches technique(PDF) 5 Page - Texas Instruments |
|
|
SN7407D Fiches technique(HTML) 5 Page - Texas Instruments |
5 / 13 page PACKAGING INFORMATION Orderable Device Status (1) Package Type Package Drawing Pins Package Qty Eco Plan (2) Lead/Ball Finish MSL Peak Temp (3) JM38510/00803BCA ACTIVE CDIP J 14 1 None Call TI Level-NC-NC-NC JM38510/00803BDA ACTIVE CFP W 14 1 None Call TI Level-NC-NC-NC SN5407J ACTIVE CDIP J 14 1 None Call TI Level-NC-NC-NC SN5417J ACTIVE CDIP J 14 1 None Call TI Level-NC-NC-NC SN7407D ACTIVE SOIC D 14 50 Pb-Free (RoHS) CU NIPDAU Level-2-260C-1 YEAR/ Level-1-235C-UNLIM SN7407DR ACTIVE SOIC D 14 2500 Pb-Free (RoHS) CU NIPDAU Level-2-260C-1 YEAR/ Level-1-235C-UNLIM SN7407J OBSOLETE CDIP J 14 None Call TI Call TI SN7407N ACTIVE PDIP N 14 25 Pb-Free (RoHS) CU NIPDAU Level-NC-NC-NC SN7407N3 OBSOLETE PDIP N 14 None Call TI Call TI SN7407NSR ACTIVE SO NS 14 2000 Pb-Free (RoHS) CU NIPDAU Level-2-260C-1 YEAR/ Level-1-235C-UNLIM SN7417D ACTIVE SOIC D 14 50 Pb-Free (RoHS) CU NIPDAU Level-2-260C-1 YEAR/ Level-1-235C-UNLIM SN7417DR ACTIVE SOIC D 14 2500 Pb-Free (RoHS) CU NIPDAU Level-2-260C-1 YEAR/ Level-1-235C-UNLIM SN7417N ACTIVE PDIP N 14 25 Pb-Free (RoHS) CU NIPDAU Level-NC-NC-NC SN7417N3 OBSOLETE PDIP N 14 None Call TI Call TI SN7417NSR ACTIVE SO NS 14 2000 Pb-Free (RoHS) CU NIPDAU Level-2-260C-1 YEAR/ Level-1-235C-UNLIM SNJ5407FK ACTIVE LCCC FK 20 1 None Call TI Level-NC-NC-NC SNJ5407J ACTIVE CDIP J 14 1 None Call TI Level-NC-NC-NC SNJ5407W ACTIVE CFP W 14 1 None Call TI Level-NC-NC-NC SNJ5417J ACTIVE CDIP J 14 1 None Call TI Level-NC-NC-NC (1) The marketing status values are defined as follows: ACTIVE: Product device recommended for new designs. LIFEBUY: TI has announced that the device will be discontinued, and a lifetime-buy period is in effect. NRND: Not recommended for new designs. Device is in production to support existing customers, but TI does not recommend using this part in a new design. PREVIEW: Device has been announced but is not in production. Samples may or may not be available. OBSOLETE: TI has discontinued the production of the device. (2) Eco Plan - May not be currently available - please check http://www.ti.com/productcontent for the latest availability information and additional product content details. None: Not yet available Lead (Pb-Free). Pb-Free (RoHS): TI's terms "Lead-Free" or "Pb-Free" mean semiconductor products that are compatible with the current RoHS requirements for all 6 substances, including the requirement that lead not exceed 0.1% by weight in homogeneous materials. Where designed to be soldered at high temperatures, TI Pb-Free products are suitable for use in specified lead-free processes. Green (RoHS & no Sb/Br): TI defines "Green" to mean "Pb-Free" and in addition, uses package materials that do not contain halogens, including bromine (Br) or antimony (Sb) above 0.1% of total product weight. (3) MSL, Peak Temp. -- The Moisture Sensitivity Level rating according to the JEDECindustry standard classifications, and peak solder temperature. Important Information and Disclaimer:The information provided on this page represents TI's knowledge and belief as of the date that it is provided. TI bases its knowledge and belief on information provided by third parties, and makes no representation or warranty as to the accuracy of such information. Efforts are underway to better integrate information from third parties. TI has taken and continues to take PACKAGE OPTION ADDENDUM www.ti.com 28-Feb-2005 Addendum-Page 1 |
Numéro de pièce similaire - SN7407D |
|
Description similaire - SN7407D |